Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PF0465.823NL Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # PF0465.823NL
Description  Shielded Drum Core - PF0464NL/PF0465NL Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PF0465.823NL Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  PF0465.823NL Datasheet HTML 1Page - Pulse A Technitrol Company PF0465.823NL Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 755 33966678 •• Taiwan 886 3 4641811
www.pulseeng.com
33
SPM2007 (11/07)
SMT POWER INDUCTORS
Shielded Drum Core - PF0464NL/PF0465NL Series
SUGGESTED
PAD LAYOUT
.287
7,30
REF
.104
2,65
REF
.079 REF
2,00
PF046x
.XXX
.284
7,20
MAX
.284
7,20
MAX
Date Code
A
MAX
Mechanical
Schematic
Electrical Specifications @ 25°C — Operating Temperature - 40°C to +125°C 1, 6
Height: PF0464: 3mm Max - PF0465: 4mm Max
Footprint: 7.2mm x 7.2mm Max
Current Rating: PF0464: up to 4.5A - PF0465: up to 3.5A
Inductance Range: 1.5µH to 100µH
1
2
PF0464
PF0465
Weight............................0.5 grams .........0.7 grams
Tape & Reel ....................1200/reel ............900/reel
“A” (height - in./mm) ....0.118/3,00 ........0.158/4,00
.301
7,65
B
USER DIRECTION
OF FEED
.630 ± .012
16,00 ± 0,30
.472
12,00
.293
7,45
Tape & Reel
Layout
PF0464
PF0465
“B” height - (in./mm). . . . 0.150/3,80 . . . . 0.205/5,20
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .004
0,10
Part 2,3
Inductance
Inductance
Irated 5
DCR (m
Ω)
Saturation
6
Heating
7
Core Loss
8
SFR
Number
@0A DC
@Irated
(A)
Current I SAT
Current I DC
Factor
(MHz)
(
μH ±20%)
(
μH TYP)
TYP
MAX
-20% (A)
+40°C(A)
(K2)
PF0464NL S ERIES
PF0464.152NL
1.5
1.2
4.50
9
1 2
4.50
5.50
660
>40
PF0464.302NL
3.0
2.4
3.00
17
22
3.00
4.25
850
>40
PF0464.392NL
3.9
3.1
2.60
19
25
2.60
3.80
990
>40
PF0464.502NL
5.0
4.0
2.40
24
30
2.40
3.55
1100
>40
PF0464.602NL
6.0
4.8
2.25
26
33
2.25
3.20
1300
>40
PF0464.732NL
7.3
5.8
2.10
36
45
2.10
3.10
1400
>40
PF0464.862NL
8.6
6.9
1.85
38
48
1.85
2.95
1500
35
PF0464.103NL
10
8.0
1.70
41
52
1.70
2.90
1700
32
PF0464.123NL
12
9.6
1.55
52
66
1.55
2.40
1800
26
PF0464.153NL
15
12.0
1.40
55
75
1.40
2.35
2000
24
PF0464.183NL
18
14.4
1.32
69
90
1.32
2.10
2200
22
PF0464.223NL
22
17.6
1.20
85
113
1.20
1.85
2500
21
PF0464.273NL
27
21.6
1.05
104
132
1.05
1.70
2800
19
PF0464.333NL
33
26.4
0.97
132
165
0.97
1.50
3000
18
PF0464.393NL
39
31.2
0.86
142
180
0.86
1.45
3300
14
PF0464.473NL
47
37.6
0.80
197
238
0.80
1.25
3600
14
PF0464.563NL
56
44.8
0.73
216
270
0.73
1.15
3900
13
PF0464.683NL
68
54.4
0.65
235
300
0.65
1.10
4400
12
PF0464.823NL
82
65.6
0.60
291
370
0.60
1.00
4800
11
PF0464.104NL
100
80.0
0.54
401
505
0.54
0.85
5300
10.5
PF0465NL S ERIES
PF0465.332NL
3.3
2.6
3.50
16
20
3.50
4.65
790
>40
PF0465.502NL
5.0
4.0
2.90
19
24
2.90
4.10
970
>40
PF0465.622NL
6.2
5.0
2.50
21
26
2.50
3.90
1100
>40
PF0465.732NL
7.3
5.8
2.30
25
31
2.30
3.50
1200
>40
PF0465.862NL
8.6
6.9
2.20
27
34
2.20
3.30
1300
35
PF0465.103NL
10
8.0
2.00
29
37
2.00
3.20
1400
32
PF0465.123NL
12
9.6
1.70
39
50
1.70
2.80
1600
26
PF0465.153NL
15
12.0
1.60
44
55
1.60
2.60
1700
24
PF0465.183NL
18
14.4
1.50
62
78
1.50
2.25
1900
22
PF0465.223NL
22
17.6
1.30
68
86
1.30
2.10
2100
21
PF0465.273NL
27
21.6
1.20
75
95
1.20
2.00
2300
19
PF0465.333NL
33
26.4
1.10
94
118
1.10
1.75
2500
18
PF0465.393NL
39
31.2
1.00
101
128
1.00
1.70
2800
17
PF0465.473NL
47
37.6
0.95
112
140
0.95
1.60
3000
14
PF0465.563NL
56
44.8
0.85
154
195
0.85
1.35
3300
13
PF0465.683NL
68
54.4
0.75
188
234
0.75
1.25
3700
12
PF0465.823NL
82
65.6
0.70
261
324
0.70
1.05
4000
11
PF0465.104NL
100
80.0
0.65
286
350
0.65
1.00
4500
10.5
NOTES FROM TABLE: (See page 43)


Similar Part No. - PF0465.823NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PF0465.823 PULSE-PF0465.823 Datasheet
109Kb / 2P
   SMT POWER INDUCTORS
More results

Similar Description - PF0465.823NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA4333.221NLT PULSE-PA4333.221NLT Datasheet
255Kb / 2P
   Shielded Drum Core
PA4331.331NLT PULSE-PA4331.331NLT Datasheet
292Kb / 2P
   Shielded Drum Core
P1168.501NL PULSE-P1168.501NL Datasheet
213Kb / 2P
   Shielded Drum Core
P1167NL PULSE-P1167NL Datasheet
245Kb / 2P
   Shielded Drum Core
PG0085NL PULSE-PG0085NL Datasheet
190Kb / 2P
   Shielded Drum Core
P1166NL PULSE-P1166NL Datasheet
245Kb / 2P
   Shielded Drum Core
PG0087NL PULSE-PG0087NL Datasheet
264Kb / 2P
   Shielded Drum Core
P1170.901NL PULSE-P1170.901NL Datasheet
213Kb / 2P
   Shielded Drum Core
P1172.132NL PULSE-P1172.132NL Datasheet
227Kb / 2P
   Shielded Drum Core
PA4335.241NLT PULSE-PA4335.241NLT Datasheet
293Kb / 2P
   Shielded Drum Core
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com