Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRB41H100CT-1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # MBRB41H100CT-1G
Description  Switch-mode Power Rectifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRB41H100CT-1G Datasheet(HTML) 3 Page - ON Semiconductor

  MBRB41H100CT-1G Datasheet HTML 1Page - ON Semiconductor MBRB41H100CT-1G Datasheet HTML 2Page - ON Semiconductor MBRB41H100CT-1G Datasheet HTML 3Page - ON Semiconductor MBRB41H100CT-1G Datasheet HTML 4Page - ON Semiconductor MBRB41H100CT-1G Datasheet HTML 5Page - ON Semiconductor MBRB41H100CT-1G Datasheet HTML 6Page - ON Semiconductor MBRB41H100CT-1G Datasheet HTML 7Page - ON Semiconductor MBRB41H100CT-1G Datasheet HTML 8Page - ON Semiconductor MBRB41H100CT-1G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MBR41H100CT, NRVBB41H100CT Series
www.onsemi.com
3
Figure 1. Typical Forward Voltage
Figure 2. Maximum Forward Voltage
VF, INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
1000
1
0.1
0.4
0
0.2
1.0
TJ = 150°C
TJ = 25°C
0.8
0.6
Figure 3. Typical Reverse Current
Figure 4. Maximum Reverse Current
20
0
VR, REVERSE VOLTAGE (VOLTS)
1.0E−01
1.0E−02
1.0E−03
1.0E−06
1.0E−08
40
TJ = 125°C
TJ = 150°C
TJ = 25°C
Figure 5. Current Derating
TC, CASE TEMPERATURE (°C)
120
110
10
5
0
140
150
130
160
SQUARE WAVE
dc
15
0
IO, AVERAGE FORWARD CURRENT (AMPS)
50
5
0
510
SQUARE
Figure 6. Forward Power Dissipation
25
1.2
10
TJ = 125°C
60
80
100
1.0E−07
1.0E−05
1.0E−04
20
0
VR, REVERSE VOLTAGE (VOLTS)
1.0E−01
1.0E−02
1.0E−03
1.0E−06
1.0E−08
40
TJ = 125°C
TJ = 150°C
TJ = 25°C
60
80
100
1.0E−07
1.0E−05
1.0E−04
170
180
100
VF, INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
1000
1
0.1
0.4
0
0.2
1.0
TJ = 150°C
TJ = 25°C
0.8
0.6
1.2
10
TJ = 125°C
10
15
20
30
35
DC
25
15
25
20
20
100
100
35
30
40
45
40
30
35
50
45


Similar Part No. - MBRB41H100CT-1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRB41H100CT-1G ONSEMI-MBRB41H100CT-1G Datasheet
81Kb / 8P
   SWITCHMODE Power Rectifier 100 V, 40 A
March, 2007 ??Rev. 4
More results

Similar Description - MBRB41H100CT-1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUR1620CTRG ONSEMI-MUR1620CTRG Datasheet
78Kb / 6P
   Switch Mode Power Rectifier
January, 2015 ??Rev. 9
MBR4015CTLG ONSEMI-MBR4015CTLG Datasheet
84Kb / 4P
   Switch-mode Power Rectifier
January, 2015 ??Rev. 7
MBR40L45CTG ONSEMI-MBR40L45CTG_15 Datasheet
100Kb / 6P
   Switch-mode Power Rectifier
January, 2015 ??Rev. 3
MURHF860CT ONSEMI-MURHF860CT Datasheet
55Kb / 3P
   Switch-mode Power Rectifier
July, 2016 ??Rev. 6
MBR30L45CTG ONSEMI-MBR30L45CTG_16 Datasheet
76Kb / 7P
   Switch-mode Power Rectifier
July, 2016 ??Rev. 3
MBR30L60CTG ONSEMI-MBR30L60CTG Datasheet
85Kb / 7P
   Switch-mode Power Rectifier
July, 2016 ??Rev. 2
MBR20H100CTG ONSEMI-MBR20H100CTG Datasheet
122Kb / 9P
   Switch-mode Power Rectifier
January, 2015 ??Rev. 12
MBR6045WTG ONSEMI-MBR6045WTG Datasheet
57Kb / 3P
   Switch Mode Power Rectifier
July, 2014 ??Rev. 10
MBRP400100CTL ONSEMI-MBRP400100CTL Datasheet
117Kb / 3P
   Switch-mode Power Rectifier
January, 2015 ??Rev. 6
MUR550APFG ONSEMI-MUR550APFG Datasheet
351Kb / 13P
   Switch-mode Power Rectifier
August, 2020 - Rev. 11
MUR620CTG ONSEMI-MUR620CTG_15 Datasheet
64Kb / 4P
   Switch Mode Power Rectifier
January, 2015 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com