Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA4334.683NLT Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # PA4334.683NLT
Description  Shielded Drum Core
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PA4334.683NLT Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  PA4334.683NLT Datasheet HTML 1Page - Pulse A Technitrol Company PA4334.683NLT Datasheet HTML 2Page - Pulse A Technitrol Company PA4334.683NLT Datasheet HTML 3Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
P763.C (07/16)
1
pulseelectronics.com
SMT Power Inductor
Shielded Drum Core - PA4334.XXXNLT Series
Height: 1.2mm Max
Footprint: 3.2mm x 3.2mm Max
Current Rating: up to 3.0A
Inductance Range: 0.22uH to 100uH
Shielded magnetic circuit reduces leakage flux, Fe
base metal core enables high saturation and
metalized core termination results in excellent shock
resistance.
Electrical Specifications @ 25°C - Operating Temperature -40°C to +125°C
Part
Number
Inductance
1MHz, 1V
Rated
Current
Min.
Self-Resonant
Frequency
DC
Resistance
Saturation
Current
(20�C)
Heating
Current
MAX.
TYP.
∆ T ≈ 40�C
uH
A
MHz
m
m
A
A
PA4334.221NLT
0.22
± 30%
3.00
328
22
17
5.30
3.00
PA4334.821NLT
0.82
± 30%
2.05
107
39
30
2.05
2.47
PA4334.102NLT
1.0
± 30%
1.87
89
52
40
1.87
2.20
PA4334.122NLT
1.2
± 30%
2.01
83
59
45
2.22
2.01
PA4334.152NLT
1.5
± 30%
1.62
71
59
45
1.62
2.01
PA4334.182NLT
1.8
± 30%
1.30
65
82
63
1.30
1.65
PA4334.222NLT
2.2
± 30%
1.20
55
98
75
1.20
1.55
PA4334.242NLT
2.4
± 30%
1.15
47
88
68
1.15
1.60
PA4334.272NLT
2.7
± 20%
1.14
54
110
85
1.14
1.48
PA4334.332NLT
3.3
± 20%
1.05
46
130
100
1.05
1.36
PA4334.362NLT
3.6
± 20%
1.05
36
130
100
1.05
1.36
PA4334.392NLT
3.9
± 20%
1.00
53
189
145
1.00
1.24
PA4334.472NLT
4.7
± 20%
0.90
31
156
120
0.90
1.24
PA4334.682NLT
6.8
± 20%
0.75
30
247
190
0.75
0.98
PA4334.103NLT
10
± 20%
0.60
23
345
265
0.60
0.83
PA4334.123NLT
12
± 20%
0.48
20
449
345
0.48
0.73
PA4334.153NLT
15
± 20%
0.45
22
468
360
0.45
0.71
PA4334.183NLT
18
± 20%
0.43
16
709
545
0.43
0.58
PA4334.223NLT
22
± 20%
0.42
22
839
645
0.42
0.53
PA4334.273NLT
27
± 20%
0.35
12
1131
870
0.35
0.47
USA 858 674 8100
Germany 49 2354 777 100
Singapore 65 6287 8998
Shanghai 86 21 62787060
China 86 755 33966678
Taiwan 886 3 4356768


Similar Part No. - PA4334.683NLT

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA4334 PULSE-PA4334 Datasheet
1Mb / 3P
   POWER MAGNETICS
More results

Similar Description - PA4334.683NLT

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA4333.221NLT PULSE-PA4333.221NLT Datasheet
255Kb / 2P
   Shielded Drum Core
PA4331.331NLT PULSE-PA4331.331NLT Datasheet
292Kb / 2P
   Shielded Drum Core
P1168.501NL PULSE-P1168.501NL Datasheet
213Kb / 2P
   Shielded Drum Core
P1167NL PULSE-P1167NL Datasheet
245Kb / 2P
   Shielded Drum Core
PG0085NL PULSE-PG0085NL Datasheet
190Kb / 2P
   Shielded Drum Core
P1166NL PULSE-P1166NL Datasheet
245Kb / 2P
   Shielded Drum Core
PG0087NL PULSE-PG0087NL Datasheet
264Kb / 2P
   Shielded Drum Core
P1170.901NL PULSE-P1170.901NL Datasheet
213Kb / 2P
   Shielded Drum Core
P1172.132NL PULSE-P1172.132NL Datasheet
227Kb / 2P
   Shielded Drum Core
PA4335.241NLT PULSE-PA4335.241NLT Datasheet
293Kb / 2P
   Shielded Drum Core
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com