Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PG0085.682NL Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # PG0085.682NL
Description  Shielded Drum Core
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PG0085.682NL Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  PG0085.682NL Datasheet HTML 1Page - Pulse A Technitrol Company PG0085.682NL Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BIAS CURRENT (A)
0.1
1.0
10.0
100.0
1000.0
PG0085.104
PG0085.102
PG0085.103
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 755 33966678 •• Taiwan 886 3 4641811
www.pulseeng.com
28
SPM2007 (4/08)
SMT POWER INDUCTORS
Shielded Drum Core - PG0085NL Series
.071
1,80
MAX
XXX
.170
4,30
MAX
.225
5,70
MAX
.170
4,30 MAX
.197
5,00 MAX
.161 ± .008
4,10 ± 0,20
.039 ± .004
1,00 ± 0,10
.059 ± .004
1,50 ± 0,10
2X
.071
1,80
SUGGESTED PAD LAYOUT
.177
4,50
.031
0,80
Mechanical
Schematic
Electrical Specifications @ 25°C — Operating Temperature - 40°C to +130°C 1
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .004
0,10
TAPE & REEL LAYOUT
USER DIRECTION OF FEED
.472 ± .012
12,00 ± 0,30
.167
4,25
.315
8,00
.167
4,25
.096
2,45
Height: 1.8mm Max
Footprint: 4.3mm x 4.3mm Max
Current Rating: up to 1.5A
Inductance Range: 0.7µH to 220µH
1
2
Weight . . . . . . . . . . .0.1 grams
Tape & Reel . . . . . . .2850/reel
Part 2,3
Inductance
Inductance
Irated 5
DCR (
Ω)
Saturation
6
Heating
7
Core Loss
8
SRF
Number
@0A DC
@Irated
(A)
Current I SAT
Current I DC
Factor
(MHz)
(
μH ±20%)
(
μH TYP)
TYP
MAX
-40% (A)
+40°C (A)
(K2)
PG0085.102NL
1.0
0.7
1.50
0.026
0.033
1.50
3.00
1300
>40
PG0085.152NL
1.5
1.0
1.30
0.033
0.038
1.30
2.60
1500
>40
PG0085.222NL
2.2
1.5
1.10
0.038
0.046
1.10
2.20
1900
>40
PG0085.332NL
3.3
2.3
1.00
0.060
0.077
1.00
2.00
2200
>40
PG0085.472NL
4.7
3.3
0.86
0.080
0.100
0.86
1.60
2800
>40
PG0085.682NL
6.8
4.8
0.66
0.093
0.115
0.66
1.30
3300
38
PG0085.103NL
10
7.0
0.55
0.152
0.182
0.55
1.10
3600
29
PG0085.153NL
15
10.5
0.45
0.207
0.235
0.45
0.90
4800
36
PG0085.223NL
22
15.4
0.40
0.330
0.360
0.40
0.80
5500
33
PG0085.333NL
33
23.1
0.30
0.463
0.510
0.30
0.60
7300
16
PG0085.473NL
47
32.9
0.28
0.655
0.780
0.28
0.55
8200
14
PG0085.683NL
68
47.6
0.26
0.930
1.200
0.26
0.50
10000
12
PG0085.104NL
100
70
0.18
1.450
1.750
0.18
0.35
12000
10
PG0085.154NL
150
105
0.16
1.780
2.000
0.16
0.30
15000
8.0
PG0085.224NL
220
154
0.13
2.800
3.500
0.13
0.26
18000
6.0
NOTES FROM TABLE: (See page 43)
Inductance vs Current Characteristics


Similar Part No. - PG0085.682NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PG0085.682 PULSE-PG0085.682 Datasheet
490Kb / 3P
   SMT Power Inductors
02/19
More results

Similar Description - PG0085.682NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA4333.221NLT PULSE-PA4333.221NLT Datasheet
255Kb / 2P
   Shielded Drum Core
PA4331.331NLT PULSE-PA4331.331NLT Datasheet
292Kb / 2P
   Shielded Drum Core
P1168.501NL PULSE-P1168.501NL Datasheet
213Kb / 2P
   Shielded Drum Core
P1167NL PULSE-P1167NL Datasheet
245Kb / 2P
   Shielded Drum Core
P1166NL PULSE-P1166NL Datasheet
245Kb / 2P
   Shielded Drum Core
PG0087NL PULSE-PG0087NL Datasheet
264Kb / 2P
   Shielded Drum Core
P1170.901NL PULSE-P1170.901NL Datasheet
213Kb / 2P
   Shielded Drum Core
P1172.132NL PULSE-P1172.132NL Datasheet
227Kb / 2P
   Shielded Drum Core
PA4335.241NLT PULSE-PA4335.241NLT Datasheet
293Kb / 2P
   Shielded Drum Core
PA4334.221NLT PULSE-PA4334.221NLT Datasheet
321Kb / 3P
   Shielded Drum Core
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com