Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFP-LX2-01 Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # SFP-LX2-01
Description  Connector Platform
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

SFP-LX2-01 Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  SFP-LX2-01 Datasheet HTML 1Page - Pulse A Technitrol Company SFP-LX2-01 Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SFP 2xN
2x1
2x2
2x4
2x6
2x8
No Light Pipes
SFP0-3047-L
SFP0-3033-L
SFP0-3027-L
SFP0-3013-L
SFP0-3003-L
with
Light Pipes
All
SFP0-3040-L
SFP0-3030-L
SFP0-3020-L
SFP0-3010-L
SFP0-3000-L
Inner
SFP0-3041-L
SFP0-3031-L
SFP0-3021-L
SFP0-3011-L
SFP0-3001-L
SFP+ 1xN Cage
1x1
Standard
PCIe Compliant (1º tilt)
Press-fit
SFPP-1100-L
SFPP-1110-L
Through-hole
SFPP-1130-L
SFP 1xN Cage
1x1
Press-fit
SFP0-1000-L
Through-hole
SFP0-1010-L
SFP 1xN
Connector
1x1
30µ”
SFPC-2001-L
15µ”
SFPC-2000-L
Thunderbolt
1x1
A
μ 30μ
E9320-001-02
Gold Flash
E9320-001-01
USB 3.0
1x1
B Type
E8199-030-01
Vertical THT
E8199-002-01
Micro-AB
E8110-001-01
USB 3.1 Type C
Part Num.
Mid-Mount Gen. 1 5G
E8124-010-01
Mid-Mount Gen. 2 10G E8124-011-01
Top-Mount Gen. 2 10G E8124-015-01
SFP/SFP+ Transceivers
Part Number
Package
Wave Length (nm)
Data Rate
Distance
Temp.
Source
1000Base-T Copper SFP
SFPT-RJK-01
Copper SFP
---
1000M
100M (UTP-5)
0~70
---
SFP with DDMI
SFP-LX2-01
SFP
1310
1.25G
20KM
0~70
FP+PIN
SFP+
SFPPT-SR3-01
SFP+
850
10G
300M
0~70
VSCEL+PIN
BIDI SFP+
SFPPT-BD2-01
SFP+
1270
10G
10KM
0~70
DFB+PIN
RJ45 CAT5e 1x1
E6788-540725-L
CAT5 – no LED
E6588-52L184-L
CAT5 – with LED
E6588-62LP45-L
Connector Platform Guides
www.pulseelectronics.com
2
CN600.B (07/16)
SFP+ 2xN
2x1
2x2
2x4
2x6
w/ Elastomeric
Gasket
w/ Metal EMITabs w/ Elastomeric
Gasket
w/ Metal EMITabs w/ Elastomeric
Gasket
w/ Metal EMITabs w/ Elastomeric
Gasket
w/ Metal EMITabs
No Light Pipes
SFPP-3148-L
SFPP-3143-L
SFPP-3138-L
SFPP-3133-L
SFPP-3128-L
SFPP-3123-L
SFPP-3118-L
SFPP-3113-L
with
Light Pipes
All
SFPP-3145-L
SFPP-3140-L
SFPP-3135-L
SFPP-3130-L
SFPP-3125-L
SFPP-3120-L
SFPP-3115-L
SFPP-3110-L
Inner
SFPP-3146-L
SFPP-3141-L
SFPP-3136-L
SFPP-3131-L
SFPP-3126-L
SFPP-3121-L
SFPP-3116-L
SFPP-3111-L
* For any other platforms, please
contact Pulse for data sheets.


Similar Part No. - SFP-LX2-01

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
SFP-LX-10-C ATGBICS-SFP-LX-10-C Datasheet
322Kb / 9P
   SFP-LX-10 ZyXEL Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
SFP-LX-10-D-C ATGBICS-SFP-LX-10-D-C Datasheet
322Kb / 9P
   SFP-LX-10-D ZyXEL Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
SFP-LX-AU-C ATGBICS-SFP-LX-AU-C Datasheet
322Kb / 9P
   SFP-LX-AU HP Aruba Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
SFP-LXU-C ATGBICS-SFP-LXU-C Datasheet
322Kb / 9P
   SFP-LXU HP Aruba Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
More results

Similar Description - SFP-LX2-01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IAC001V1 STMICROELECTRONICS-STEVAL-IAC001V1 Datasheet
193Kb / 5P
   Alarm platform
logo
Infineon Technologies A...
MP1 INFINEON-MP1 Datasheet
216Kb / 2P
   Multimedia Platform
2004
MP2 INFINEON-MP2 Datasheet
216Kb / 2P
   Multimedia Platform?
2004
SLB9660 INFINEON-SLB9660 Datasheet
912Kb / 22P
   Trusted Platform Module
Revision 1.0, 2014-12-12
logo
ATMEL Corporation
AT97SC3201 ATMEL-AT97SC3201 Datasheet
211Kb / 7P
   Trusted Platform Module
AT97SC3205T ATMEL-AT97SC3205T_14 Datasheet
324Kb / 10P
   Trusted Platform Module
logo
Infineon Technologies A...
SLB9670TPM2.0 INFINEON-SLB9670TPM2.0 Datasheet
283Kb / 21P
   Trusted Platform Module
Revision 1.4 2018-12-07
logo
Intersil Corporation
HSP50016-EV INTERSIL-HSP50016-EV Datasheet
324Kb / 18P
   DDC Evaluation Platform
logo
ATMEL Corporation
AT97SC3203 ATMEL-AT97SC3203 Datasheet
216Kb / 8P
   Trusted Platform Module
logo
Fuji Electric
FW4560 FUJI-FW4560 Datasheet
308Kb / 2P
   Multiservice Provisioning Platform
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com