Electronic Components Datasheet Search |
|
AC0603JR-079R76 Datasheet(PDF) 5 Page - YAGEO Corporation |
|
AC0603JR-079R76 Datasheet(HTML) 5 Page - YAGEO Corporation |
5 / 12 page Chip Resistor Surface Mount www.yageo.com Nov. 02, 2016 V.5 Product specification 5 12 SERIES AC 0201 to 2512 TYPE POWER CHARACTERISTICS Operating Temperature Range Max. Working Voltage Max. Overload Voltage Dielectric Withstandin g Voltage Resistance Range Temperature Coefficient Jumper Criteria AC0201 1/20 W –55 °C to 155 °C 25V 50V 50V 5% (E24) 1Ω≤R≤10MΩ 1% (E24/E96) 1Ω≤R≤10MΩ 0.5% (E24/E96) 10Ω≤R≤1MΩ Jumper<50mΩ 1Ω≤R≤10Ω -100/+350ppm℃ 10Ω<R≤10MΩ ±200ppm℃ Rated Current 0.5A Maximum Current 1.0A AC0402 1/16 W –55 °C to 155 °C 50V 100V 100V 5% (E24) 1Ω≤R≤22MΩ 0.5%, 1% (E24/E96) 1Ω≤R≤10MΩ Jumper<50mΩ 1Ω≤R≤10Ω ±200ppm°C 10Ω<R≤10MΩ ±100ppm°C 10MΩ<R≤22MΩ ±200ppm°C Rated Current 1A Maximum Current 2A 1/8W –55 °C to 155 °C 50V 100V 100V 5% (E24) 1Ω≤R≤10MΩ 0.5%, 1% (E24/E96) 1Ω≤R≤10MΩ 1Ω≤R≤10Ω ±200 ppm°C 10Ω<R≤10MΩ ±100 ppm°C AC0603 1/10 W –55 °C to 155 °C 75V 150V 150V 5% (E24) 1Ω≤R≤22MΩ 0.5%, 1% (E24/E96) 1Ω≤R≤10MΩ Jumper<50mΩ 1Ω≤R≤10Ω ±200ppm°C 10Ω<R≤10MΩ ±100ppm°C 10MΩ<R≤22MΩ ±200ppm°C Rated Current 1A Maximum Current 2A 1/5 W –55 °C to 155 °C 75V 150V 150V 5% (E24) 1Ω≤R≤10MΩ 0.5%, 1% (E24/E96) 1Ω≤R≤10MΩ 1Ω≤R≤10Ω ±200 ppm°C 10Ω<R≤10MΩ ±100 ppm°C ELECTRICAL CHARACTERISTICS Table 2 |
Similar Part No. - AC0603JR-079R76 |
|
Similar Description - AC0603JR-079R76 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |