Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S2408P12NF Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # S2408P12NF
Description  Small compact design
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

S2408P12NF Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  S2408P12NF Datasheet HTML 1Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
global solutions: local support
TM
Innovative Technology
for a Connected World
Americas: +1.847 839.6907
IAS-AmericasEastSales@lairdtech.com
Europe: +1.32.80.7866.12
IAS-EUSales@lairdtech.com
Asia: +1.65.6.243.8022
IAS-AsiaSales@lairdtech.com
www.lairdtech.com
ANT-DS-S2408P12NF 0611
Any information furnished by Laird Technologies, Inc. and its agents is believed to be accurate and reliable. All specifications are subject to change without notice. Responsibility for the use and application of Laird
Technologies materials rests with the end user, since Laird Technologies and its agents cannot be aware of all potential uses. Laird Technologies makes no warranties as to the fitness, merchantability or suitability
of any Laird Technologies materials or products for any specific or general uses. Laird Technologies shall not be liable for incidental or consequential damages of any kind. All Laird Technologies products are sold
pursuant to the Laird Technologies’ Terms and Conditions of sale in effect from time to time, a copy of which will be furnished upon request. © Copyright 2011 Laird Technologies, Inc. All Rights Reserved. Laird,
Laird Technologies, the Laird Technologies Logo, and other marks are trade marks or registered trade marks of Laird Technologies, Inc. or an affiliate company thereof. Other product or service names may be the
property of third parties. Nothing herein provides a license under any Laird Technologies or any third party intellectual property rights.
330°
-10
-15
120°
150°
180°
240°
-5
-5
-5
0
1
-
0
1
-
-15
-15
90°
-5
-15
30°
60°
270°
300°
210°
-20
-20
-20
-20
-10
H-Plane
E-Plane
S2408P
INDOOR/OUTDOOR PANEL ANTENNA
The S2408P12NF antenna provides for reception and transmission in the 2400-2500 MHz
frequency band. This antenna is designed to increase signal reception in environments where
there is a presence of multipath and high scattering. The antenna’s radome is injection molded
and UV stabilized for both indoor and outdoor applications. The structure itself is designed using
MicroAir™ technology, which provides a low cost alternative to dielectric substrate designs.
It has been proven to increase the antenna’s radiation efficiency and hence achievable gain.
The small size of this antenna provides an excellent antenna solution for system installers to build
out seamless local area networks. Custom configurations of radome finish, color, and texture
can be provided to compliment and blend within any environment, making it an ideal solution to
meet the most demanding aesthetic requirements in today’s workplace.
FEATURES
• 2400-2500 MHz
• Indoor/Outdoor applications
• Small compact design
S2408P12NF
Linearly Polarized Panel Antenna
MODEL
S2408P12NF
Frequency MHz
2400-2500
Gain
8 dBi
VSWR
1.5:1
Polarization
Linear
E-Plane (-3 dB beamwidth)
60º
H-Plane (-3 dB beamwidth)
65º
Weight lb. (kg)
0.5 (.23)
RF Connector (f)
N
Dimensions in (cm)
6 x 6 x 1.25
(15.2 x 15.2 x 3.2)
Power (Watts)
50
Mount Style
Wall/Surface
APPLICATIONS
• Industrial complexes
• Office environments
• Shopping malls
• Parking garages
• Airports
• Hospitals
• Campus settings
• WiMAX
S2408P


Similar Part No. - S2408P12NF

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
S2408PC12NF LSTD-S2408PC12NF Datasheet
254Kb / 1P
   Small compact design
More results

Similar Description - S2408P12NF

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
S2408PC12NF LSTD-S2408PC12NF Datasheet
254Kb / 1P
   Small compact design
DA-045-12-02 LSTD-DA-045-12-02 Datasheet
819Kb / 2P
   Compact design
AA-024-12-22 LSTD-AA-024-12-22 Datasheet
930Kb / 2P
   Compact design
logo
CUI INC
SWI25-N CUI-SWI25-N Datasheet
454Kb / 4P
   compact design
logo
Ohmite Mfg. Co.
ACL-ACD22 OHMITE-ACL-ACD22 Datasheet
610Kb / 1P
   Compact design
logo
Semikron International
SK35GAL12T4 SEMIKRON-SK35GAL12T4 Datasheet
162Kb / 5P
   Compact design
logo
List of Unclassifed Man...
1838T ETC2-1838T Datasheet
361Kb / 6P
   Small design;
logo
BOSER Technology Co., L...
BBS-4016-F BOSER-BBS-4016-F Datasheet
224Kb / 1P
   compact pc design
BBS-4020-F BOSER-BBS-4020-F Datasheet
646Kb / 1P
   Compact PC design
BBS-4016-E BOSER-BBS-4016-E Datasheet
500Kb / 1P
   Compact PC design
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com