Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS-QFE80SC-01 Datasheet(PDF) 2 Page - Ironwood Electronics.

Part # SS-QFE80SC-01
Description  Compression plate distributes forces evenly
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SS-QFE80SC-01 Datasheet(HTML) 2 Page - Ironwood Electronics.

  SS-QFE80SC-01 Datasheet HTML 1Page - Ironwood Electronics. SS-QFE80SC-01 Datasheet HTML 2Page - Ironwood Electronics. SS-QFE80SC-01 Datasheet HTML 3Page - Ironwood Electronics. SS-QFE80SC-01 Datasheet HTML 4Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
21.225mm±0.125mm
Socket size
Orientation Mark
Non plated mounting hole
Non plated alignment hole
0.50mm typ.
18.725mm±0.125mm (x4)
1.250mm±0.125mm (x4)
1.250mm±0.125mm (x4)
Ø 0.850mm±0.025mm (x2)
Ø 1.61mm±0.05mm (x4)
21.475mm±0.125mm
23.725mm
Backing plate size
0.27mm
1.91mm
4.8625mm
2.2697mm (x2)
9.50mm
9.50mm
4.2825mm
6.8225mm
PAGE 2 of 4
Recommended PCB Layout
Tolerances: ±0.025mm [±0.001”]
unless stated otherwise.
Recommended PCB Layout
Top View
Target PCB Recommendations
Total thickness: 1.5mm min.
Plating: Gold or Solder finish
*Note: QFP pattern is not symmetrical with
respect to the mounting holes.
DXF DATA WILL BE PROVIDED
Status: Released
Drawing: E Smolentseva
Scale: 1.25:1
Rev: A
Date: 11/21/08
Modified:
File: SS-QFE80SC-01 Dwg
SS-QFE80SC-01 Drawing
© 2008 IRONWOOD ELECTRONICS, INC.
Tele: (952) 229-8200
www.ironwoodelectronics.com


Similar Part No. - SS-QFE80SC-01

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SS-QFE100SE-02 IRONWOOD-SS-QFE100SE-02 Datasheet
413Kb / 5P
   Low and stable contact resistance for reliable production yield
SS-QFE128SD-01 IRONWOOD-SS-QFE128SD-01 Datasheet
72Kb / 4P
   Compression plate distributes forces evenly
SS-QFE128SD-02 IRONWOOD-SS-QFE128SD-02 Datasheet
75Kb / 4P
   Compression plate distributes forces evenly
SS-QFE144SH-01 IRONWOOD-SS-QFE144SH-01 Datasheet
80Kb / 4P
   Compression plate distributes forces evenly
SS-QFE176SC-01 IRONWOOD-SS-QFE176SC-01 Datasheet
83Kb / 4P
   Compression plate distributes forces evenly
More results

Similar Description - SS-QFE80SC-01

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SS-QFN12E-01 IRONWOOD-SS-QFN12E-01 Datasheet
78Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7058 IRONWOOD-SG-BGA-7058 Datasheet
58Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7123 IRONWOOD-SG-BGA-7123 Datasheet
64Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7246 IRONWOOD-SG-BGA-7246 Datasheet
373Kb / 5P
   Compression plate distributes forces evenly
SG-QFE-7000 IRONWOOD-SG-QFE-7000 Datasheet
44Kb / 3P
   Compression plate distributes forces evenly
XG-LGA-7000 IRONWOOD-XG-LGA-7000 Datasheet
64Kb / 4P
   Compression plate distributes forces evenly
XG-LGA-7004 IRONWOOD-XG-LGA-7004 Datasheet
583Kb / 4P
   Compression plate distributes forces evenly
XG-QFN-9000 IRONWOOD-XG-QFN-9000 Datasheet
43Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6184 IRONWOOD-SG-BGA-6184 Datasheet
58Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6147 IRONWOOD-SG-BGA-6147 Datasheet
96Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6113 IRONWOOD-SG-BGA-6113 Datasheet
38Kb / 3P
   Compression plate distributes forces evenly
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com