Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG-BGA-7064 Datasheet(PDF) 1 Page - Ironwood Electronics.

Part # SG-BGA-7064
Description  Compression plate distributes forces evenly
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SG-BGA-7064 Datasheet(HTML) 1 Page - Ironwood Electronics.

  SG-BGA-7064 Datasheet HTML 1Page - Ironwood Electronics. SG-BGA-7064 Datasheet HTML 2Page - Ironwood Electronics. SG-BGA-7064 Datasheet HTML 3Page - Ironwood Electronics. SG-BGA-7064 Datasheet HTML 4Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Assembled
8.0mm +
IC thickness
12.56mm
16.125mm
A
A
Recommended torque = 0.38 in.-lbs
(6 in.-oz.).
All tolerances: ±0.125mm (unless stated
otherwise). Materials and specifications
are subject to change without notice.
GHz BGA Socket - Epoxy mount, solderless
Features
Status: Released
Drawing: H. Hansen
Scale: -
Rev: D
Date: 5/24/05
File: S G-BGA -7064 Dwg
SG-BGA-7064 Drawing
© 2005 IRONWOOD ELECTRONICS, INC.
PO BOX 21151 ST. PAUL, MN 55121
Tele: (651) 452-8100
www.ironwoodelectronics.com
1
5
6
3
High speed, reliable Elastomer connection
Compression plate distributes forces evenly
Minimum real estate required
Directly mounts to target PCB (needs epoxy) .
Customer's Target PCB
Customer's
BGA IC
4
Top View
Side View
(Section AA)
Socket Li d: Bla ck a nodized 60 61 Aluminum.
Thickn ess = 2.5mm.
1
Compression Plate: B lack ano dize d 6 061 Alu min um.
Thickn ess = 2.5mm.
Ela stomer: 2 0 micron dia go ld plated brass
filaments ar ranged symmetrically in a silicone
rub ber (63.5 degre e a ngle).
Thickn ess = 0.5mm.
Socket ba se : Black a nodized 606 1 A luminum.
Thickn ess = 5mm.
Socket lid screw: Socket hea d cap , Alloy steel with
bla ck o xid e finish, 0-80 fine th read , 4.76mm long.
2
Compression screw: Clear an odized 6061 A luminum.
Thickn ess = 5mm, Hex socke t = 5mm.
2
3
4
5
6
Modified: 07/31/14
Epoxy
Note: Alignment guide for positioning socket
base to target PCB will be supplied.
Easily removable socket lid
PAGE 1 OF 4


Similar Part No. - SG-BGA-7064

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SG-BGA-7060 IRONWOOD-SG-BGA-7060 Datasheet
73Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7061 IRONWOOD-SG-BGA-7061 Datasheet
99Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7062 IRONWOOD-SG-BGA-7062 Datasheet
80Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7065 IRONWOOD-SG-BGA-7065 Datasheet
90Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7066 IRONWOOD-SG-BGA-7066 Datasheet
75Kb / 4P
   Compression plate distributes forces evenly
More results

Similar Description - SG-BGA-7064

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SS-QFN12E-01 IRONWOOD-SS-QFN12E-01 Datasheet
78Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7058 IRONWOOD-SG-BGA-7058 Datasheet
58Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7123 IRONWOOD-SG-BGA-7123 Datasheet
64Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7246 IRONWOOD-SG-BGA-7246 Datasheet
373Kb / 5P
   Compression plate distributes forces evenly
SG-QFE-7000 IRONWOOD-SG-QFE-7000 Datasheet
44Kb / 3P
   Compression plate distributes forces evenly
XG-LGA-7000 IRONWOOD-XG-LGA-7000 Datasheet
64Kb / 4P
   Compression plate distributes forces evenly
XG-LGA-7004 IRONWOOD-XG-LGA-7004 Datasheet
583Kb / 4P
   Compression plate distributes forces evenly
XG-QFN-9000 IRONWOOD-XG-QFN-9000 Datasheet
43Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6184 IRONWOOD-SG-BGA-6184 Datasheet
58Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6147 IRONWOOD-SG-BGA-6147 Datasheet
96Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6113 IRONWOOD-SG-BGA-6113 Datasheet
38Kb / 3P
   Compression plate distributes forces evenly
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com