Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK753276FDIBH2C-PF Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # TK753276FDIBH2C-PF
Description  LOW POWER HCMOS 1/60Hz ~ 32.768kHz TCXO
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

TK753276FDIBH2C-PF Datasheet(HTML) 2 Page - Advanced Crystal Technology

  TK753276FDIBH2C-PF Datasheet HTML 1Page - Advanced Crystal Technology TK753276FDIBH2C-PF Datasheet HTML 2Page - Advanced Crystal Technology TK753276FDIBH2C-PF Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Tel
0044(0)118 979 1238
Fax:
0044(0)118 979 1283
email:
info@act crystals.com
Fig 2
Compensation period (Temperature measurement interval) For the lowest power consumption use the longest
interval (4 min). During the temperature measurement the power consumption increases (Fig 3)
Fig 3
Schematic
Application note (RTC)
Issue No.
Date:
ISO9001 Registered
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY
4 M6
16/10/2013
ACT TCTK75-6 LOW POWER HCMOS 1/60Hz~32.768kHz TCXO


Similar Part No. - TK753276FDIBH2C-PF

ManufacturerPart #DatasheetDescription
logo
Altech corporation
TK75 ALTECH-TK75 Datasheet
67Kb / 1P
   POLYCARBONATE ENCLOSURE TK 75
logo
TOKO, Inc
TK75001 TOKO-TK75001 Datasheet
102Kb / 13P
   PWM CONTROLLER
TK75001D TOKO-TK75001D Datasheet
102Kb / 13P
   PWM CONTROLLER
TK75001DIMG TOKO-TK75001DIMG Datasheet
102Kb / 13P
   PWM CONTROLLER
TK75001DIMG/75001 TOKO-TK75001DIMG/75001 Datasheet
102Kb / 13P
   PWM CONTROLLER
More results

Similar Description - TK753276FDIBH2C-PF

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
B3HD FOX-B3HD Datasheet
227Kb / 2P
   3.2x2.5mm 32.768kHz HCMOS TCXO/VCTCXO
logo
Advanced Crystal Techno...
TCME32 ACT-TCME32 Datasheet
598Kb / 2P
   32.768kHz TCXO, 3.2 x 2.5mm, HCMOS
17062016
logo
Raltron Electronics Cor...
CMC159 RALTRON-CMC159 Datasheet
707Kb / 5P
   Ultra Low Power 32.768KHz MEMS TCXO
logo
Abracon Corporation
ATXK-H11 ABRACON-ATXK-H11 Datasheet
540Kb / 5P
   32.768kHz TCXO
02-14-23
ATXK-H14 ABRACON-ATXK-H14 Datasheet
557Kb / 6P
   32.768kHz Miniature TCXO
06-13-22
logo
ECS, Inc.
ECS-TXO-5032 ECS-ECS-TXO-5032 Datasheet
135Kb / 1P
   HCMOS TCXO/VC-TCXO
ECS-TXO-3225 ECS-ECS-TXO-3225 Datasheet
127Kb / 1P
   HCMOS TCXO/VC-TCXO
logo
TAI-SAW TECHNOLOGY CO.,...
TX0851CA6302 TAI-SAW-TX0851CA6302 Datasheet
115Kb / 7P
   SMD 2.1x1.3 32.768KHz TCXO
REV. NO.: 2
logo
Fox Electronics
F32K FOX-F32K Datasheet
128Kb / 2P
   HCMOS 32.768kHz SMD Oscillator
F32K-327 FOX-F32K-327 Datasheet
128Kb / 2P
   HCMOS 32.768kHz SMD Oscillator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com