Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UZO24.121 Datasheet(PDF) 2 Page - PULS GmbH

Part # UZO24.121
Description  BATTERY MODULE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

UZO24.121 Datasheet(HTML) 2 Page - PULS GmbH

  UZO24.121 Datasheet HTML 1Page - PULS GmbH UZO24.121 Datasheet HTML 2Page - PULS GmbH UZO24.121 Datasheet HTML 3Page - PULS GmbH UZO24.121 Datasheet HTML 4Page - PULS GmbH UZO24.121 Datasheet HTML 5Page - PULS GmbH UZO24.121 Datasheet HTML 6Page - PULS GmbH UZO24.121 Datasheet HTML 7Page - PULS GmbH UZO24.121 Datasheet HTML 8Page - PULS GmbH UZO24.121 Datasheet HTML 9Page - PULS GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
UZK24.121, UZO24.121
U-Series
BATTERY MODULE 24V, 12AH
INDEX
Page
Page
1.
General Description ............................................1
2.
Data .....................................................................1
3.
Order Numbers....................................................1
4.
Markings ..............................................................1
5.
Intended Use .......................................................2
6.
Instructions for Disposal of the Battery .............2
7.
Warranty..............................................................2
8.
Installation Instructions ......................................3
9.
Replacing Batteries .............................................4
10. Functional Diagram ............................................ 4
11. Environment ....................................................... 4
12. UZS24.100 Sensor Board..................................... 5
13. Protection Features ............................................ 6
14. Approvals ............................................................ 6
15. Physical Dimensions and Weight ....................... 7
16. Recommendations for a Long Battery Life ....... 8
17. Mounting Orientations ...................................... 9
The information presented in this document is believed to be accurate and reliable and may change without notice.
No part of this document may be reproduced or utilized in any form without permission in writing from the publisher.
5. INTENDED USE
This module is designed for installation in an enclosure and is intended for the general professional use such as in
industrial control, office, communication, and instrumentation equipment.
Do not use this module in equipment, where malfunction may cause severe personal injury or threaten human life.
6. INSTRUCTIONS FOR DISPOSAL OF THE BATTERY
Always dispose the batteries through a recycling organization.
Batteries must be completely discharged before recycling.
7. WARRANTY
3 Year limited warranty except batteries which are considered a service part.
Jul. 2014 / Rev. 1.2 DS-UZK24.121-EN
All parameters are specified at, 25°C ambient temperature unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
2/9


Similar Part No. - UZO24.121

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
UZO24.121 PULS-UZO24.121 Datasheet
376Kb / 11P
   BATTERY MODULE 24V, 12AH
More results

Similar Description - UZO24.121

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
PM0013 SSDI-PM0013 Datasheet
36Kb / 2P
   BATTERY BYPASS MODULE
logo
TRACO Electronic AG
TIB-BCMU TRACOPOWER-TIB-BCMU Datasheet
580Kb / 7P
   Battery Controller Module
Rev. February 9, 2023
logo
Solid States Devices, I...
PM0013 SSDI-PM0013_15 Datasheet
36Kb / 2P
   BATTERY BYPASS MODULE
SPMS506-01A SSDI-SPMS506-01A Datasheet
132Kb / 2P
   BATTERY BYPASS POWER MODULE
logo
PULS GmbH
UZK24.071 PULS-UZK24.071_17 Datasheet
370Kb / 11P
   BATTERY MODULE 24V, 7AH
UZK12.071 PULS-UZK12.071 Datasheet
380Kb / 9P
   BATTERY MODULE 12V, 7AH
UZK12.261 PULS-UZK12.261_17 Datasheet
403Kb / 10P
   BATTERY MODULE 12V, 26AH
UZK24.121 PULS-UZK24.121_17 Datasheet
376Kb / 11P
   BATTERY MODULE 24V, 12AH
UZK24.071 PULS-UZK24.071 Datasheet
386Kb / 9P
   BATTERY MODULE 24V, 7AH
UZK12.071 PULS-UZK12.071_17 Datasheet
423Kb / 11P
   BATTERY MODULE 12V, 7AH
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com