Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

691137710004 Datasheet(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 691137710004
Description  Serie 1377 - 5.00 mm Horizontal Entry w. Pressure Clamp - Glow Wire Plastic WR-TBL
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

691137710004 Datasheet(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  691137710004 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 691137710004 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 691137710004 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 691137710004 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Classification Wave Soldering Profile:
Time
Tp
tp
Ts max
Ts typical
Ts min
First Wave
Preheat area
Cool down area
Second Wave
typical temperature procedure
min temperature procedure
max temperature procedure
Profile Feature
Pb-Free Assembly
Sn-Pb Assembly
Preheat Temperature Min 1)
Ts min
100 °C
100 °C
Preheat Temperature Typical
Ts typical 120 °C
120 °C
Preheat Temperature Max
Ts max
130 °C
130 °C
Preheat Time ts from Ts min to Ts max
ts
70 seconds
70 seconds
Ramp-up Rate
Δ T
150 °C max.
150 °C max.
Peak temperature
Tp
250 °C - 260 °C
235 °C - 260 °C
Time of actual peak temperature
tp
max. 10 seconds
max. 5 seconds each wave
max. 10 seconds
max. 5 seconds each wave
Ramp-down Rate, Min
~ 2 K/ second
~ 2 K/ second
Ramp-down Rate, Typical
~ 3.5 K/ second
~ 3.5 K/ second
Ramp-down Rate, Max
~ 5 K/ second
~ 5 K/ second
Time 25°C to 25°C
4 minutes
4 minutes
Classification Wave Soldering Profile:
1)
refer to EN61760-1:2006
refer to EN61760-1:2006
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
Xla
Fbr
DIN ISO 2768-1m
DESCRIPTION
Serie 1377 - 5.00 mm Horizontal
Entry w. Pressure Clamp - Glow
Wire Plastic WR-TBL
ORDER CODE
691 137 710 003
REVISION
STATUS
DATE
BUSINESS UNIT
PAGE
001.000
Valid
2016-08-05
eiCan
3/4
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 691137710004

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
691137710004 WURTH-691137710004 Datasheet
183Kb / 4P
   Serie 1377 - 5.00 mm Horizontal Entry w. Pressure Clamp - Glow Wire Plastic WR-TBL
691137710004 WURTH-691137710004 Datasheet
183Kb / 4P
   Serie 1377 - 5.00 mm Horizontal Entry w. Pressure Clamp - Glow Wire Plastic WR-TBL
More results

Similar Description - 691137710004

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
691137710002 WURTH-691137710002 Datasheet
183Kb / 4P
   Serie 1377 - 5.00 mm Horizontal Entry w. Pressure Clamp - Glow Wire Plastic WR-TBL
691137710004 WURTH-691137710004 Datasheet
183Kb / 4P
   Serie 1377 - 5.00 mm Horizontal Entry w. Pressure Clamp - Glow Wire Plastic WR-TBL
691103810001 WURTH-691103810001 Datasheet
175Kb / 4P
   Serie 1038 -10.00 mm Horizontal Entry w. Pressure Clamp - Glow Wire Plastic WR-TBL
691135800004 WURTH-691135800004 Datasheet
182Kb / 4P
   Serie 1358 - 10.00 mm Vertical Entry w. Pressure Clamp - Glow Wire Plastic WR-TBL
691104800001 WURTH-691104800001 Datasheet
175Kb / 4P
   Serie 1048 - 10.00 mm - Vertical Entry w. Pressure Clamp - Glow Wire Plastic WR-TBL
691233510004S WURTH-691233510004S Datasheet
179Kb / 4P
   Serie 2335S - 5.08 mm Horizontal Entry w. Rising Cage Clamp WR-TBL
691213810001 WURTH-691213810001 Datasheet
173Kb / 4P
   Serie 2138 - 10.00 mm Horizontal Entry w. Rising Cage Clamp WR-TBL
691249510003 WURTH-691249510003 Datasheet
175Kb / 4P
   Serie 2495 - 5.08 mm Horizontal Entry w. Rising Cage Clamp WR-TBL
691213810002 WURTH-691213810002 Datasheet
176Kb / 4P
   Serie 2138 - 10.00 mm Horizontal Entry w. Rising Cage Clamp WR-TBL
691213610001 WURTH-691213610001 Datasheet
174Kb / 4P
   Serie 2136 - 10.16 mm Horizontal Entry w. Rising Cage Clamp WR-TBL
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com