Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AC1210JR-1397R6 Datasheet(PDF) 3 Page - YAGEO Corporation

Part # AC1210JR-1397R6
Description  THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

AC1210JR-1397R6 Datasheet(HTML) 3 Page - YAGEO Corporation

  AC1210JR-1397R6 Datasheet HTML 1Page - YAGEO Corporation AC1210JR-1397R6 Datasheet HTML 2Page - YAGEO Corporation AC1210JR-1397R6 Datasheet HTML 3Page - YAGEO Corporation AC1210JR-1397R6 Datasheet HTML 4Page - YAGEO Corporation AC1210JR-1397R6 Datasheet HTML 5Page - YAGEO Corporation AC1210JR-1397R6 Datasheet HTML 6Page - YAGEO Corporation AC1210JR-1397R6 Datasheet HTML 7Page - YAGEO Corporation AC1210JR-1397R6 Datasheet HTML 8Page - YAGEO Corporation AC1210JR-1397R6 Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Chip Resistor Surface Mount
www.yageo.com
Nov. 02, 2016 V.5
Product specification
3
12
SERIES
AC
0201 to 2512
MARKING
AC0201 / AC0402
No marking
AC0603 / AC0805 / AC1206 / AC1210 / AC2010 / AC2512
E-24 series: 3 digits, ±5%
First two digits for significant figure and 3rd digit for number of zeros
AC0603
E-24 series: 3 digits, ±1% & ±0.5%
One short bar under marking letter
E-96 series: 3 digits, ±1% & ±0.5%
First two digits for E-96 marking rule and 3rd letter for number of zeros
AC0805 / AC1206 / AC1210 / AC2010 / AC2512
Both E-24 and E-96 series: 4 digits, ±1% & ±0.5%
First three digits for significant figure and 4th digit for number of zeros
AC1218
E-24 series: 3 digits, ±5%
First two digits for significant figure and 3rd digit for number of zeros
Both E-24 and E-96 series: 4 digits, ±1% & ±0.5%
First three digits for significant figure and 4th digit for number of zeros
NOTE
For further marking information, please refer to data sheet “Chip resistors marking”. Marking of AC series is the same as RC series.
Fig. 5 Value = 10 KΩ
Fig. 1
Fig. 6 Value = 10 KΩ
Fig. 2
Value=10 KΩ
03
Fig. 3
Value = 24 Ω
0
Fig. 4
Value = 12.4 KΩ
Fig. 7 Value = 10 KΩ
00


Similar Part No. - AC1210JR-1397R6

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
AC1210JR-1397R6L YAGEO-AC1210JR-1397R6L Datasheet
774Kb / 12P
   THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
More results

Similar Description - AC1210JR-1397R6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RMF10JT103 ETC-RMF10JT103 Datasheet
1,016Kb / 13P
   Automotive Grade Thick Film Chip Resistors
logo
YAGEO Corporation
AC0201DR-071RL YAGEO-AC0201DR-071RL Datasheet
774Kb / 12P
   THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
AC0603FR YAGEO-AC0603FR Datasheet
312Kb / 10P
   THICK FILM CHIP RESISTORS Automotive grade
AC0402 YAGEO-AC0402 Datasheet
345Kb / 11P
   THICK FILM CHIP RESISTORS Automotive grade
logo
Vishay Siliconix
RCA VISHAY-RCA_V01 Datasheet
106Kb / 5P
   Automotive Grade Thick Film, Rectangular Chip Resistors
01-Jan-2022
RCA VISHAY-RCA Datasheet
99Kb / 5P
   Automotive Grade Thick Film, Rectangular Chip Resistors
Revision: 14-Feb-08
logo
YAGEO Corporation
AC0402BRE0710R YAGEO-AC0402BRE0710R Datasheet
529Kb / 7P
   THICK FILM CHIP RESISTORS Automotive Precision grade
AC0612DR-071R YAGEO-AC0612DR-071R Datasheet
639Kb / 9P
   THICK FILM WIDE TERMINAL CHIP RESISTORS AUTOMOTIVE GRADE
RE0805DR-071KL YAGEO-RE0805DR-071KL Datasheet
281Kb / 7P
   THICK FILM CHIP RESISTORS Precision grade
logo
RCD COMPONENTS INC.
MCT0805S-R100-B RCD-MCT0805S-R100-B Datasheet
25Kb / 1P
   THICK FILM PRECISION CHIP RESISTORS MILITARY GRADE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com