Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

691304130004 Datasheet(PDF) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 691304130004
Description  Serie 3041 - 3.50 mm Screwless Vertical Entry Plug w. Plastic Latch WR-TBL
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

691304130004 Datasheet(HTML) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  691304130004 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 691304130004 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 691304130004 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 691304130004 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 691304130004 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Classification Wave Soldering Profile:
Time
Tp
tp
Ts max
Ts typical
Ts min
First Wave
Preheat area
Cool down area
Second Wave
typical temperature procedure
min temperature procedure
max temperature procedure
Profile Feature
Pb-Free Assembly
Sn-Pb Assembly
Preheat Temperature Min 1)
Ts min
100 °C
100 °C
Preheat Temperature Typical
Ts typical 120 °C
120 °C
Preheat Temperature Max
Ts max
130 °C
130 °C
Preheat Time ts from Ts min to Ts max
ts
70 seconds
70 seconds
Ramp-up Rate
Δ T
150 °C max.
150 °C max.
Peak temperature
Tp
250 °C - 260 °C
235 °C - 260 °C
Time of actual peak temperature
tp
max. 10 seconds
max. 5 seconds each wave
max. 10 seconds
max. 5 seconds each wave
Ramp-down Rate, Min
~ 2 K/ second
~ 2 K/ second
Ramp-down Rate, Typical
~ 3.5 K/ second
~ 3.5 K/ second
Ramp-down Rate, Max
~ 5 K/ second
~ 5 K/ second
Time 25°C to 25°C
4 minutes
4 minutes
Classification Wave Soldering Profile:
1)
refer to EN61760-1:2006
refer to EN61760-1:2006
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
Xla
Fbr
DIN ISO 2768-1m
DESCRIPTION
Serie 3041 - 3.50 mm Screwless
Vertical Entry Plug w. Plastic Latch
WR-TBL
ORDER CODE
691 304 130 003
REVISION
STATUS
DATE
BUSINESS UNIT
PAGE
001.000
Valid
2016-08-05
eiCan
4/5
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 691304130004

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
691304130004 WURTH-691304130004 Datasheet
223Kb / 5P
   Serie 3041 - 3.50 mm Screwless Vertical Entry Plug w. Plastic Latch WR-TBL
691304130004 WURTH-691304130004 Datasheet
223Kb / 5P
   Serie 3041 - 3.50 mm Screwless Vertical Entry Plug w. Plastic Latch WR-TBL
691304130004 WURTH-691304130004 Datasheet
222Kb / 5P
   Serie 3041 - 3.50 mm Screwless Vertical Entry Plug w. Plastic Latch WR-TBL
691304130004 WURTH-691304130004 Datasheet
222Kb / 5P
   Serie 3041 - 3.50 mm Screwless Vertical Entry Plug w. Plastic Latch WR-TBL
691304130004 WURTH-691304130004 Datasheet
222Kb / 5P
   Serie 3041 - 3.50 mm Screwless Vertical Entry Plug w. Plastic Latch WR-TBL
More results

Similar Description - 691304130004

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
691304130006 WURTH-691304130006 Datasheet
222Kb / 5P
   Serie 3041 - 3.50 mm Screwless Vertical Entry Plug w. Plastic Latch WR-TBL
691304130007 WURTH-691304130007 Datasheet
222Kb / 5P
   Serie 3041 - 3.50 mm Screwless Vertical Entry Plug w. Plastic Latch WR-TBL
691304130004 WURTH-691304130004 Datasheet
223Kb / 5P
   Serie 3041 - 3.50 mm Screwless Vertical Entry Plug w. Plastic Latch WR-TBL
691304130002 WURTH-691304130002 Datasheet
223Kb / 5P
   Serie 3041 - 3.50 mm Screwless Vertical Entry Plug w. Plastic Latch WR-TBL
691304130005 WURTH-691304130005 Datasheet
222Kb / 5P
   Serie 3041 - 3.50 mm Screwless Vertical Entry Plug w. Plastic Latch WR-TBL
691304130008 WURTH-691304130008 Datasheet
222Kb / 5P
   Serie 3041 - 3.50 mm Screwless Vertical Entry Plug w. Plastic Latch WR-TBL
691304330007 WURTH-691304330007 Datasheet
187Kb / 4P
   Serie 3043 - 3.81 mm Screwless Vertical Entry Plug w. Plastic Latch WR-TBL
691304330005 WURTH-691304330005 Datasheet
187Kb / 4P
   Serie 3043 - 3.81 mm Screwless Vertical Entry Plug w. Plastic Latch WR-TBL
691304330003 WURTH-691304330003 Datasheet
186Kb / 4P
   Serie 3043 - 3.81 mm Screwless Vertical Entry Plug w. Plastic Latch WR-TBL
691304330002 WURTH-691304330002 Datasheet
186Kb / 4P
   Serie 3043 - 3.81 mm Screwless Vertical Entry Plug w. Plastic Latch WR-TBL
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com