Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

C8051F54X Datasheet(PDF) 45 Page - Silicon Laboratories

Part No. C8051F54X
Description  Mixed Signal ISP Flash MCU Family
Download  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F54X Datasheet(HTML) 45 Page - Silicon Laboratories

Back Button C8051F54X Datasheet HTML 41Page - Silicon Laboratories C8051F54X Datasheet HTML 42Page - Silicon Laboratories C8051F54X Datasheet HTML 43Page - Silicon Laboratories C8051F54X Datasheet HTML 44Page - Silicon Laboratories C8051F54X Datasheet HTML 45Page - Silicon Laboratories C8051F54X Datasheet HTML 46Page - Silicon Laboratories C8051F54X Datasheet HTML 47Page - Silicon Laboratories C8051F54X Datasheet HTML 48Page - Silicon Laboratories C8051F54X Datasheet HTML 49Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 276 page
background image
C8051F54x
Rev. 1.1
45
SFR Address = 0xC6; SFR Page = 0x00
SFR Address = 0xC5; SFR Page = 0x00
5.4.1. Window Detector In Single-Ended Mode
Figure 5.6
shows
two
example
window
comparisons
for
right-justified
data
with
ADC0LTH:ADC0LTL = 0x0200 (512d) and ADC0GTH:ADC0GTL = 0x0100 (256d). The input voltage can
range from 0 to VREF x (4095/4096) with respect to GND, and is represented by a 12-bit unsigned integer
value. The repeat count is set to one. In the left example, an AD0WINT interrupt will be generated if the
ADC0 conversion word (ADC0H:ADC0L) is within the range defined by ADC0GTH:ADC0GTL and
ADC0LTH:ADC0LTL (if 0x0100 < ADC0H:ADC0L < 0x0200). In the right example, and AD0WINT interrupt
will be generated if the ADC0 conversion word is outside of the range defined by the ADC0GT and
ADC0LT registers (if ADC0H:ADC0L < 0x0100 or ADC0H:ADC0L > 0x0200). Figure 5.7 shows an exam-
ple using left-justified data with the same comparison values.
SFR Definition 5.11. ADC0LTH: ADC0 Less-Than Data High Byte
Bit
7
6
5
4
3
2
1
0
Name
ADC0LTH[7:0]
Type
R/W
Reset
0
0
0
0
0
0
0
0
Bit
Name
Function
7:0
ADC0LTH[7:0] ADC0 Less-Than Data Word High-Order Bits.
SFR Definition 5.12. ADC0LTL: ADC0 Less-Than Data Low Byte
Bit
7
6
5
4
3
2
1
0
Name
ADC0LTL[7:0]
Type
R/W
Reset
0
0
0
0
0
0
0
0
Bit
Name
Function
7:0
ADC0LTL[7:0] ADC0 Less-Than Data Word Low-Order Bits.


Similar Part No. - C8051F54X

ManufacturerPart No.DatasheetDescription
Silicon Laboratories
Silicon Laboratories
C8051F54X SILABS-C8051F54X Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
More results

Similar Description - C8051F54X

ManufacturerPart No.DatasheetDescription
Silicon Laboratories
Silicon Laboratories
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
   Mixed Signal ISP Flash MCU Family
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
   Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
   Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
C8051F124-GQR SILABS-C8051F124-GQR Datasheet
1Mb / 350P
   Mixed Signal ISP Flash MCU Family
List of Unclassifed Manufacturers
List of Unclassifed Man...
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
   Mixed Signal ISP Flash MCU Family
Silicon Laboratories
Silicon Laboratories
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
   Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
   Mixed Signal ISP Flash MCU Family
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
2Mb / 328P
   Mixed Signal ISP Flash MCU Family
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com