Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

C8051F54X Datasheet(PDF) 52 Page - Silicon Laboratories

Part No. C8051F54X
Description  Mixed Signal ISP Flash MCU Family
Download  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F54X Datasheet(HTML) 52 Page - Silicon Laboratories

Back Button C8051F54X Datasheet HTML 48Page - Silicon Laboratories C8051F54X Datasheet HTML 49Page - Silicon Laboratories C8051F54X Datasheet HTML 50Page - Silicon Laboratories C8051F54X Datasheet HTML 51Page - Silicon Laboratories C8051F54X Datasheet HTML 52Page - Silicon Laboratories C8051F54X Datasheet HTML 53Page - Silicon Laboratories C8051F54X Datasheet HTML 54Page - Silicon Laboratories C8051F54X Datasheet HTML 55Page - Silicon Laboratories C8051F54X Datasheet HTML 56Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 276 page
background image
C8051F54x
52
Rev. 1.1
Table 6.4. Reset Electrical Characteristics
–40 to +125 °C unless otherwise specified.
Parameter
Conditions
Min
Typ
Max
Units
RST Output Low Voltage
VIO = 5 V; IOL = 70 µA
40
mV
RST Input High Voltage
0.7 x VIO
RST Input Low Voltage
0.3 x VIO
RST Input Pullup Current
RST = 0.0 V, VIO = 5 V
49
115
µA
VDD RST Threshold (VRST-LOW)
1.65
1.75
1.80
V
VDD RST Threshold (VRST-HIGH)
2.25
2.30
2.45
V
Missing Clock Detector Timeout
Time from last system clock
rising edge to reset initiation
VDD = 2.1 V
VDD = 2.5 V
200
200
340
250
600
600
µs
Reset Time Delay
Delay between release of
any reset source and code
execution at location 0x0000
155
175
µs
Minimum RST Low Time to
Generate a System Reset
6
µs
VDD Monitor Turn-on Time
60
100
µs
VDD Monitor Supply Current
1
2
µA
Table 6.5. Flash Electrical Characteristics
VDD = 1.8 to 2.75 V, –40 to +125 °C unless otherwise specified.
Parameter
Conditions
Min
Typ
Max
Units
Flash Size
C8051F540/1/2/3
163841
Bytes
C8051F544/5/6/7
8192
Endurance
20 k
150 k
Erase/Write
Retention
125 °C
10
Years
Erase Cycle Time
25 MHz System Clock
28
30
45
ms
Write Cycle Time
25 MHz System Clock
79
84
125
µs
VDD
Write/Erase Operations
VRST-HIGH
2
V
1. On the 16 kB Flash devices, 1024 bytes at addresses 0x3C00 to 0x3FFF are reserved.
2. See Table 6.4 for the
VRST-HIGH specification.


Similar Part No. - C8051F54X

ManufacturerPart No.DatasheetDescription
Silicon Laboratories
Silicon Laboratories
C8051F54X SILABS-C8051F54X Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
More results

Similar Description - C8051F54X

ManufacturerPart No.DatasheetDescription
Silicon Laboratories
Silicon Laboratories
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
   Mixed Signal ISP Flash MCU Family
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
   Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
   Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
C8051F124-GQR SILABS-C8051F124-GQR Datasheet
1Mb / 350P
   Mixed Signal ISP Flash MCU Family
List of Unclassifed Manufacturers
List of Unclassifed Man...
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
   Mixed Signal ISP Flash MCU Family
Silicon Laboratories
Silicon Laboratories
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
   Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
   Mixed Signal ISP Flash MCU Family
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
2Mb / 328P
   Mixed Signal ISP Flash MCU Family
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com