Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

C8051F54X Datasheet(PDF) 53 Page - Silicon Laboratories

Part No. C8051F54X
Description  Mixed Signal ISP Flash MCU Family
Download  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F54X Datasheet(HTML) 53 Page - Silicon Laboratories

Back Button C8051F54X Datasheet HTML 49Page - Silicon Laboratories C8051F54X Datasheet HTML 50Page - Silicon Laboratories C8051F54X Datasheet HTML 51Page - Silicon Laboratories C8051F54X Datasheet HTML 52Page - Silicon Laboratories C8051F54X Datasheet HTML 53Page - Silicon Laboratories C8051F54X Datasheet HTML 54Page - Silicon Laboratories C8051F54X Datasheet HTML 55Page - Silicon Laboratories C8051F54X Datasheet HTML 56Page - Silicon Laboratories C8051F54X Datasheet HTML 57Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 276 page
background image
C8051F54x
Rev. 1.1
53
Table 6.6. Internal High-Frequency Oscillator Electrical Characteristics
VDD = 1.8 to 2.75 V, –40 to +125 °C unless otherwise specified; Using factory-calibrated settings.
Parameter
Conditions
Min
Typ
Max
Units
Oscillator Frequency
IFCN = 111b;
VDD > VREGMIN1
IFCN = 111b;
VDD < VREGMIN1
24 0.5%
24 1.0%
242
242
24 + 0.5%
24 + 1.0%
MHz
Oscillator Supply Current
(from VDD)
Internal Oscillator On
OSCICN[7:6] = 11b
880
1300
µA
Internal Oscillator Suspend
OSCICN[7:6] = 00b
ZTCEN = 1
Temp = 25 °C
Temp = 85 °C
Temp = 125 °C
67
90
130
Wake-up Time From Suspend
OSCICN[7:6] = 00b
1
µs
Power Supply Sensitivity
Constant Temperature
0.11
%/V
Temperature Sensitivity3
Constant Supply
TC1
TC2
5.0
–0.65
ppm/°C
ppm/°C2
1. VREGMIN is the minimum output of the voltage regulator for its low setting (REG0CN: REG0MD = 0b). See
Table 6.8, “Voltage Regulator Electrical Characteristics,” on page 54.
2. This is the average frequency across the operating temperature range
3. Use temperature coefficients
TC1 and TC2 to calculate the new internal oscillator frequency using the
following equation:
f(T) = f0 x (1 + TC1 x (T - T0) + TC2 x (T - T0)
2)
where f0 is the internal oscillator frequency at 25 °C and T0 is 25 °C.


Similar Part No. - C8051F54X

ManufacturerPart No.DatasheetDescription
Silicon Laboratories
Silicon Laboratories
C8051F54X SILABS-C8051F54X Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
More results

Similar Description - C8051F54X

ManufacturerPart No.DatasheetDescription
Silicon Laboratories
Silicon Laboratories
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
   Mixed Signal ISP Flash MCU Family
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
   Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
   Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
C8051F124-GQR SILABS-C8051F124-GQR Datasheet
1Mb / 350P
   Mixed Signal ISP Flash MCU Family
List of Unclassifed Manufacturers
List of Unclassifed Man...
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
   Mixed Signal ISP Flash MCU Family
Silicon Laboratories
Silicon Laboratories
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
   Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
   Mixed Signal ISP Flash MCU Family
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
2Mb / 328P
   Mixed Signal ISP Flash MCU Family
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com