Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

C8051F54X Datasheet(PDF) 55 Page - Silicon Laboratories

Part # C8051F54X
Description  Mixed Signal ISP Flash MCU Family
Download  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F54X Datasheet(HTML) 55 Page - Silicon Laboratories

Back Button C8051F54X Datasheet HTML 51Page - Silicon Laboratories C8051F54X Datasheet HTML 52Page - Silicon Laboratories C8051F54X Datasheet HTML 53Page - Silicon Laboratories C8051F54X Datasheet HTML 54Page - Silicon Laboratories C8051F54X Datasheet HTML 55Page - Silicon Laboratories C8051F54X Datasheet HTML 56Page - Silicon Laboratories C8051F54X Datasheet HTML 57Page - Silicon Laboratories C8051F54X Datasheet HTML 58Page - Silicon Laboratories C8051F54X Datasheet HTML 59Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 276 page
background image
C8051F54x
Rev. 1.1
55
Table 6.9. ADC0 Electrical Characteristics
VDDA = 1.8 to 2.75 V, –40 to +125 °C, VREF = 1.5 V (REFSL=0) unless otherwise specified.
Parameter
Conditions
Min
Typ
Max
Units
DC Accuracy
Resolution
12
bits
Integral Nonlinearity
±0.5
±3
LSB
Differential Nonlinearity
Guaranteed Monotonic
±0.5
±1
LSB
Offset Error1
–10
3.0
10
LSB
Full Scale Error
–20
5.7
20
LSB
Offset Temperature Coefficient
7.7
ppm/°C
Dynamic performance (10 kHz sine-wave single-ended input, 1 dB below Full Scale, 200 ksps)
Signal-to-Noise Plus Distortion
63
65
dB
Total Harmonic Distortion
Up to the 5th harmonic;
80
dB
Spurious-Free Dynamic Range
-82
dB
Conversion Rate
SAR Conversion Clock
3.6
MHz
Conversion Time in SAR Clocks2
13
clocks
Track/Hold Acquisition Time3
VDDA > 2.0 V
VDDA < 2.0 V
1.5
3.5
µs
Throughput Rate4
VDDA > 2.0 V
200
ksps
Analog Inputs
ADC Input Voltage Range5
gain = 1.0 (default)
gain = n
0
0
VREF
VREF / n
V
Absolute Pin Voltage with respect
to GND
0
VIO
V
Sampling Capacitance
31
pF
Input Multiplexer Impedance
3
k
Ω
Power Specifications
Power Supply Current
(VDDA supplied to ADC0)
Operating Mode, 200 ksps
1100
1500
µA
Burst Mode (Idle)
1100
1500
µA
Power-On Time
5
µs
Power Supply Rejection
–60
mV/V
Notes:
1. Represents one standard deviation from the mean. Offset and full-scale error can be removed through
calibration.
2. An additional 2 FCLK cycles are required to start and complete a conversion
3. Additional tracking time may be required depending on the output impedance connected to the ADC input.
See Section “
5.2.1. Settling Time Requirements” on page 34.
4. An increase in tracking time will decrease the ADC throughput.
5. See Section “
5.3. Selectable Gain” on page 35 for more information about the setting the gain.


Similar Part No. - C8051F54X

ManufacturerPart #DatasheetDescription
Silicon Laboratories
Silicon Laboratories
C8051F54X SILABS-C8051F54X Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
More results

Similar Description - C8051F54X

ManufacturerPart #DatasheetDescription
Silicon Laboratories
Silicon Laboratories
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
   Mixed Signal ISP Flash MCU Family
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
   Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
   Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
C8051F124-GQR SILABS-C8051F124-GQR Datasheet
1Mb / 350P
   Mixed Signal ISP Flash MCU Family
List of Unclassifed Manufacturers
List of Unclassifed Man...
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
   Mixed Signal ISP Flash MCU Family
Silicon Laboratories
Silicon Laboratories
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
   Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
   Mixed Signal ISP Flash MCU Family
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
2Mb / 328P
   Mixed Signal ISP Flash MCU Family
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com