Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

C8051F54X Datasheet(PDF) 98 Page - Silicon Laboratories

Part No. C8051F54X
Description  Mixed Signal ISP Flash MCU Family
Download  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F54X Datasheet(HTML) 98 Page - Silicon Laboratories

Back Button C8051F54X Datasheet HTML 94Page - Silicon Laboratories C8051F54X Datasheet HTML 95Page - Silicon Laboratories C8051F54X Datasheet HTML 96Page - Silicon Laboratories C8051F54X Datasheet HTML 97Page - Silicon Laboratories C8051F54X Datasheet HTML 98Page - Silicon Laboratories C8051F54X Datasheet HTML 99Page - Silicon Laboratories C8051F54X Datasheet HTML 100Page - Silicon Laboratories C8051F54X Datasheet HTML 101Page - Silicon Laboratories C8051F54X Datasheet HTML 102Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 276 page
background image
C8051F54x
Rev. 1.1
97
SFR Address = 0xA7; SFR Page = All Pages
SFR Definition 12.2. SFRPAGE: SFR Page
Bit
7
6
5
4
3
2
1
0
Name
SFRPAGE[7:0]
Type
R/W
Reset
0
0
0
0
0
0
0
0
Bit
Name
Function
7:0
SFRPAGE[7:0]
SFR Page Bits.
Represents the SFR Page the C8051 core uses when reading or modifying
SFRs.
Write: Sets the SFR Page.
Read: Byte is the SFR page the C8051 core is using.
When enabled in the SFR Page Control Register (SFR0CN), the C8051 core will
automatically switch to the SFR Page that contains the SFRs of the correspond-
ing peripheral/function that caused the interrupt, and return to the previous SFR
page upon return from interrupt (unless SFR Stack was altered before a return-
ing from the interrupt). SFRPAGE is the top byte of the SFR Page Stack, and
push/pop events of this stack are caused by interrupts (and not by reading/writ-
ing to the SFRPAGE register)


Similar Part No. - C8051F54X

ManufacturerPart No.DatasheetDescription
Silicon Laboratories
Silicon Laboratories
C8051F54X SILABS-C8051F54X Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
More results

Similar Description - C8051F54X

ManufacturerPart No.DatasheetDescription
Silicon Laboratories
Silicon Laboratories
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
   Mixed Signal ISP Flash MCU Family
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
   Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
   Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
C8051F124-GQR SILABS-C8051F124-GQR Datasheet
1Mb / 350P
   Mixed Signal ISP Flash MCU Family
List of Unclassifed Manufacturers
List of Unclassifed Man...
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
   Mixed Signal ISP Flash MCU Family
Silicon Laboratories
Silicon Laboratories
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
   Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
   Mixed Signal ISP Flash MCU Family
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
2Mb / 328P
   Mixed Signal ISP Flash MCU Family
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz