Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

C8051F54X Datasheet(PDF) 101 Page - Silicon Laboratories

Part # C8051F54X
Description  Mixed Signal ISP Flash MCU Family
Download  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F54X Datasheet(HTML) 101 Page - Silicon Laboratories

Back Button C8051F54X Datasheet HTML 97Page - Silicon Laboratories C8051F54X Datasheet HTML 98Page - Silicon Laboratories C8051F54X Datasheet HTML 99Page - Silicon Laboratories C8051F54X Datasheet HTML 100Page - Silicon Laboratories C8051F54X Datasheet HTML 101Page - Silicon Laboratories C8051F54X Datasheet HTML 102Page - Silicon Laboratories C8051F54X Datasheet HTML 103Page - Silicon Laboratories C8051F54X Datasheet HTML 104Page - Silicon Laboratories C8051F54X Datasheet HTML 105Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 276 page
background image
C8051F54x
100
Rev. 1.1
Table 12.1. Special Function Register (SFR) Memory Map for Pages 0x0 and 0xF
0(8)
1(9)
2(A)
3(B)
4(C)
5(D)
6(E)
7(F)
F8 0
F
SPI0CN
PCA0L
SN0
PCA0H
SN1
PCA0CPL0
SN2
PCA0CPH0
SN3
PCACPL4
PCACPH4
VDM0CN
F0 0
F
B
(All Pages)
P0MAT
P0MDIN
P0MASK
P1MDIN
P1MAT
P2MDIN
P1MASK
P3MDIN
EIP1
EIP1
EIP2
EIP2
E8 0
F
ADC0CN PCA0CPL1 PCA0CPH1 PCA0CPL2 PCA0CPH2 PCA0CPL3 PCA0CPL3
RSTSRC
E0 0
F
ACC
(All Pages)
XBR0
XBR1
CCH0CN
IT01CF
EIE1
(All Pages)
EIE2
(All Pages)
D8 0
F
PCA0CN
PCA0MD
PCA0PWM
PCA0CPM0 PCA0CPM1 PCA0CPM2 PCA0CPM3 PCA0CPM4 PCA0CPM5
D0 0
F
PSW
(All Pages)
REF0CN
LIN0DATA LIN0ADDR
P0SKIP
P1SKIP
P2SKIP
P3SKIP
C8 0
F
TMR2CN
REG0CN
LIN0CF
TMR2RLL
TMR2RLH
TMR2L
TMR2H
PCA0CPL5 PCA0CPH5
C0 0
F
SMB0CN
SMB0CF
SMB0DAT
ADC0GTL ADC0GTH
ADC0LTL
ADC0LTH
XBR2
B8 0
F
IP
(All Pages)
ADC0TK
ADC0MX
ADC0CF
ADC0L
ADC0H
B0 0
F
P3
(All Pages)
P2MAT
P2MASK
FLSCL
(All Pages)
FLKEY
(All Pages)
A8 0
F
IE
(All Pages)
SMOD0
EMI0CN
SBCON0
SBRLL0
SBRLH0
P3MAT
P3MDOUT
P3MASK
A0 0
F
P2
(All Pages)
SPI0CFG
OSCICN
SPI0CKR
OSCICRS
SPI0DAT
P0MDOUT P1MDOUT P2MDOUT
SFRPAGE
(All Pages)
98 0
F
SCON0
SBUF0
CPT0CN
CPT0MD
CPT0MX
CPT1CN
CPT1MD
OSCIFIN
CPT1MX
OSCXCN
90 0
F
P1
(All Pages)
TMR3CN
TMR3RLL
TMR3RLH
TMR3L
TMR3H
CLKMUL
88 0
F
TCON
(All Pages)
TMOD
(All Pages)
TL0
(All Pages)
TL1
(All Pages)
TH0
(All Pages)
TH1
(All Pages)
CKCON
(All Pages)
PSCTL
CLKSEL
80 0
F
P0
(All Pages)
SP
(All Pages)
DPL
(All Pages)
DPH
(All Pages)
SFR0CN
SFRNEXT
(All Pages)
SFRLAST
(All Pages)
PCON
(All Pages)
0(8)
1(9)
2(A)
3(B)
4(C)
5(D)
6(E)
7(F)
(bit addressable)


Similar Part No. - C8051F54X

ManufacturerPart #DatasheetDescription
Silicon Laboratories
Silicon Laboratories
C8051F54X SILABS-C8051F54X Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
More results

Similar Description - C8051F54X

ManufacturerPart #DatasheetDescription
Silicon Laboratories
Silicon Laboratories
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
   Mixed Signal ISP Flash MCU Family
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
   Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
   Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
C8051F124-GQR SILABS-C8051F124-GQR Datasheet
1Mb / 350P
   Mixed Signal ISP Flash MCU Family
List of Unclassifed Manufacturers
List of Unclassifed Man...
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
   Mixed Signal ISP Flash MCU Family
Silicon Laboratories
Silicon Laboratories
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
   Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
   Mixed Signal ISP Flash MCU Family
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
2Mb / 328P
   Mixed Signal ISP Flash MCU Family
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com