Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

C8051F54X Datasheet(PDF) 103 Page - Silicon Laboratories

Part # C8051F54X
Description  Mixed Signal ISP Flash MCU Family
Download  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F54X Datasheet(HTML) 103 Page - Silicon Laboratories

Back Button C8051F54X Datasheet HTML 99Page - Silicon Laboratories C8051F54X Datasheet HTML 100Page - Silicon Laboratories C8051F54X Datasheet HTML 101Page - Silicon Laboratories C8051F54X Datasheet HTML 102Page - Silicon Laboratories C8051F54X Datasheet HTML 103Page - Silicon Laboratories C8051F54X Datasheet HTML 104Page - Silicon Laboratories C8051F54X Datasheet HTML 105Page - Silicon Laboratories C8051F54X Datasheet HTML 106Page - Silicon Laboratories C8051F54X Datasheet HTML 107Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 276 page
background image
C8051F54x
102
Rev. 1.1
LIN0CF
0xC9
LIN0 Configuration
177
LIN0DAT
0xD2
LIN0 Data
178
OSCICN
0xA1
Internal Oscillator Control
138
OSCICRS
0xA2
Internal Oscillator Coarse Control
139
OSCIFIN
0x9E
Internal Oscillator Fine Calibration
139
OSCXCN
0x9F
External Oscillator Control
143
P0
0x80
Port 0 Latch
161
P0MASK
0xF2
Port 0 Mask Configuration
157
P0MAT
0xF1
Port 0 Match Configuration
157
P0MDIN
0xF1
Port 0 Input Mode Configuration
162
P0MDOUT
0xA4
Port 0 Output Mode Configuration
162
P0SKIP
0xD4
Port 0 Skip
163
P1
0x90
Port 1 Latch
163
P1MASK
0xF4
Port 1 Mask Configuration
158
P1MAT
0xF3
Port 1 Match Configuration
158
P1MDIN
0xF2
Port 1 Input Mode Configuration
164
P1MDOUT
0xA5
Port 1 Output Mode Configuration
164
P1SKIP
0xD5
Port 1 Skip
165
P2
0xA0
Port 2 Latch
165
P2MASK
0xB2
Port 2 Mask Configuration
159
P2MAT
0xB1
Port 2 Match Configuration
159
P2MDIN
0xF3
Port 2 Input Mode Configuration
166
P2MDOUT
0xA6
Port 2 Output Mode Configuration
166
P2SKIP
0xD6
Port 2 Skip
167
P3
0xB0
Port 3 Latch
167
P3MASK
0xAF
Port 3 Mask Configuration
160
P3MAT
0xAE
Port 3 Match Configuration
160
P3MDIN
0xF4
Port 3 Input Mode Configuration
168
P3MDOUT
0xAE
Port 3 Output Mode Configuration
168
P3SKIP
0xD7
Port 3 Skip
169
PCA0CN
0xD8
PCA Control
263
PCA0CPH0
0xFC
PCA Capture 0 High
268
PCA0CPH1
0xEA
PCA Capture 1 High
268
PCA0CPH2
0xEC
PCA Capture 2 High
268
PCA0CPH3
0xEE
PCA Capture 3 High
268
PCA0CPH4
0xFE
PCA Capture 4 High
268
Table 12.2. Special Function Registers (Continued)
SFRs are listed in alphabetical order. All undefined SFR locations are reserved
Register
Address
Description
Page


Similar Part No. - C8051F54X

ManufacturerPart #DatasheetDescription
Silicon Laboratories
Silicon Laboratories
C8051F54X SILABS-C8051F54X Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
More results

Similar Description - C8051F54X

ManufacturerPart #DatasheetDescription
Silicon Laboratories
Silicon Laboratories
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
   Mixed Signal ISP Flash MCU Family
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
   Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
   Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
C8051F124-GQR SILABS-C8051F124-GQR Datasheet
1Mb / 350P
   Mixed Signal ISP Flash MCU Family
List of Unclassifed Manufacturers
List of Unclassifed Man...
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
   Mixed Signal ISP Flash MCU Family
Silicon Laboratories
Silicon Laboratories
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
   Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
   Mixed Signal ISP Flash MCU Family
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
2Mb / 328P
   Mixed Signal ISP Flash MCU Family
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com