Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

C8051F54X Datasheet(PDF) 25 Page - Silicon Laboratories

Part No. C8051F54X
Description  Mixed Signal ISP Flash MCU Family
Download  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F54X Datasheet(HTML) 25 Page - Silicon Laboratories

Back Button C8051F54X Datasheet HTML 21Page - Silicon Laboratories C8051F54X Datasheet HTML 22Page - Silicon Laboratories C8051F54X Datasheet HTML 23Page - Silicon Laboratories C8051F54X Datasheet HTML 24Page - Silicon Laboratories C8051F54X Datasheet HTML 25Page - Silicon Laboratories C8051F54X Datasheet HTML 26Page - Silicon Laboratories C8051F54X Datasheet HTML 27Page - Silicon Laboratories C8051F54X Datasheet HTML 28Page - Silicon Laboratories C8051F54X Datasheet HTML 29Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 276 page
background image
C8051F54x
Rev. 1.1
25
4.2. QFN-32 Package Specifications
Figure 4.3. QFN-32 Package Drawing
Table 4.3. QFN-32 Package Dimensions
Dimension
Min
Typ
Max
Dimension
Min
Typ
Max
A
0.80
0.9
1.00
E2
3.20
3.30
3.40
A1
0.00
0.02
0.05
L
0.30
0.40
0.50
b
0.18
0.25
0.30
L1
0.00
0.15
D
5.00 BSC.
aaa
0.15
D2
3.20
3.30
3.40
bbb
0.15
e
0.50 BSC.
ddd
0.05
E
5.00 BSC.
eee
0.08
Notes:
1. All dimensions shown are in millimeters (mm) unless otherwise noted.
2. Dimensioning and Tolerancing per ANSI Y14.5M-1994.
3. This drawing conforms to the JEDEC Solid State Outline MO-220, variation VHHD except for
custom features D2, E2, and L which are toleranced per supplier designation.
4. Recommended card reflow profile is per the JEDEC/IPC J-STD-020 specification for Small Body
Components.


Similar Part No. - C8051F54X

ManufacturerPart No.DatasheetDescription
Silicon Laboratories
Silicon Laboratories
C8051F54X SILABS-C8051F54X Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
More results

Similar Description - C8051F54X

ManufacturerPart No.DatasheetDescription
Silicon Laboratories
Silicon Laboratories
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
   Mixed Signal ISP Flash MCU Family
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
   Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
   Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
C8051F124-GQR SILABS-C8051F124-GQR Datasheet
1Mb / 350P
   Mixed Signal ISP Flash MCU Family
List of Unclassifed Manufacturers
List of Unclassifed Man...
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
   Mixed Signal ISP Flash MCU Family
Silicon Laboratories
Silicon Laboratories
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
   Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
   Mixed Signal ISP Flash MCU Family
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
2Mb / 328P
   Mixed Signal ISP Flash MCU Family
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com