Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

C8051F54X Datasheet(PDF) 32 Page - Silicon Laboratories

Part No. C8051F54X
Description  Mixed Signal ISP Flash MCU Family
Download  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F54X Datasheet(HTML) 32 Page - Silicon Laboratories

Back Button C8051F54X Datasheet HTML 28Page - Silicon Laboratories C8051F54X Datasheet HTML 29Page - Silicon Laboratories C8051F54X Datasheet HTML 30Page - Silicon Laboratories C8051F54X Datasheet HTML 31Page - Silicon Laboratories C8051F54X Datasheet HTML 32Page - Silicon Laboratories C8051F54X Datasheet HTML 33Page - Silicon Laboratories C8051F54X Datasheet HTML 34Page - Silicon Laboratories C8051F54X Datasheet HTML 35Page - Silicon Laboratories C8051F54X Datasheet HTML 36Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 276 page
background image
C8051F54x
32
Rev. 1.1
Figure 5.3. 12-Bit ADC Tracking Mode Example
5.1.4. Burst Mode
Burst Mode is a power saving feature that allows ADC0 to remain in a very low power state between con-
versions. When Burst Mode is enabled, ADC0 wakes from a very low power state, accumulates 1, 4, 8, or
16 samples using an internal Burst Mode clock (approximately 25 MHz), then re-enters a very low power
state. Since the Burst Mode clock is independent of the system clock, ADC0 can perform multiple conver-
sions then enter a very low power state within a single system clock cycle, even if the system clock is slow
(e.g., 32.768 kHz), or suspended.
Burst Mode is enabled by setting BURSTEN to logic 1. When in Burst Mode, AD0EN controls the ADC0
idle power state (i.e. the state ADC0 enters when not tracking or performing conversions). If AD0EN is set
to logic 0, ADC0 is powered down after each burst. If AD0EN is set to logic 1, ADC0 remains enabled after
each burst. On each convert start signal, ADC0 is awakened from its Idle Power State. If ADC0 is powered
down, it will automatically power up and wait the programmable Power-Up Time controlled by the
AD0PWR bits. Otherwise, ADC0 will start tracking and converting immediately. Figure 5.4 shows an exam-
ple of Burst Mode Operation with a slow system clock and a repeat count of 4.
Important Note: When Burst Mode is enabled, only Post-Tracking and Dual-Tracking modes can be used.
When Burst Mode is enabled, a single convert start will initiate a number of conversions equal to the repeat
count. When Burst Mode is disabled, a convert start is required to initiate each conversion. In both modes,
the ADC0 End of Conversion Interrupt Flag (AD0INT) will be set after “repeat count” conversions have
Convert Start
ADC0 State
Track
ADC0 State
Convert
Time
F
S1
S2
S12
S13
...
F
Time
F
S1
S2
S12
S13
...
F
Convert
F
S1
S2
F
Post-Tracking or Dual-Tracking Modes (AD0TK = ‘00')
Pre-Tracking Mode
AD0INT Flag
AD0INT Flag
Key
F
Sn
Equal to one period of FCLK.
Each Sn is equal to one period of the SAR clock.


Similar Part No. - C8051F54X

ManufacturerPart No.DatasheetDescription
Silicon Laboratories
Silicon Laboratories
C8051F54X SILABS-C8051F54X Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
More results

Similar Description - C8051F54X

ManufacturerPart No.DatasheetDescription
Silicon Laboratories
Silicon Laboratories
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
   Mixed Signal ISP Flash MCU Family
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
   Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
   Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
C8051F124-GQR SILABS-C8051F124-GQR Datasheet
1Mb / 350P
   Mixed Signal ISP Flash MCU Family
List of Unclassifed Manufacturers
List of Unclassifed Man...
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
   Mixed Signal ISP Flash MCU Family
Silicon Laboratories
Silicon Laboratories
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
   Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
   Mixed Signal ISP Flash MCU Family
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
2Mb / 328P
   Mixed Signal ISP Flash MCU Family
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com