Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4122 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CS4122
Description  Triple Air-Core Gauge Driver with Serial Input Bus
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS4122 Datasheet(HTML) 2 Page - ON Semiconductor

  CS4122 Datasheet HTML 1Page - ON Semiconductor CS4122 Datasheet HTML 2Page - ON Semiconductor CS4122 Datasheet HTML 3Page - ON Semiconductor CS4122 Datasheet HTML 4Page - ON Semiconductor CS4122 Datasheet HTML 5Page - ON Semiconductor CS4122 Datasheet HTML 6Page - ON Semiconductor CS4122 Datasheet HTML 7Page - ON Semiconductor CS4122 Datasheet HTML 8Page - ON Semiconductor CS4122 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CS4122
http://onsemi.com
2
SI
Serial to
Parallel
Shift
Register
(12 bits)
SCLK
SO
CS
FAULT
Address
Decode
+ Diag
Fault
Latch
Data
Decode/
Latch
Data
Decode/
Latch
Data
Decode/
Latch
POR
VCC
VBB
7 Bit
DAC
7 Bit
DAC
7 Bit
DAC
MUX
MUX
MUX
POR
Over
Temperature
2
8
8
10
7
7
7
D7
D7
D7
D8 − D9
VTOP
VVAR
VBOT
VTOP
VVAR
VTOP
VVAR
OE
OC
Output
Amplifiers
SIN+
1/2 VBB
SIN−
COS+
COS−
C1+
C1−
VBB/2
C2+
C2−
GND
Figure 1. Block Diagram
MAXIMUM RATINGS (Voltages are With Respect to Device Substrate)
Rating
Value
Unit
Supply Voltage
VBB
VCC
−1.0 to 16.5
−1.0 to 6.0
V
V
Digital Inputs
−1.0 to 6.0
V
Steady State Output Current
±100
mA
Forced Injection Current (Inputs and Supply)
±10
mA
Operating Junction Temperature (TJ)
150
°C
Storage Temperature Range (TSTG)
−65 to 150
°C
qJA (Thermal Resistance Junction−to−Ambient)
55
°C/W
qJC (Thermal Resistance Junction−to−Case)
9
°C/W
Soldering Temperature:
Reflow: (SMD styles only) (Note 1)
230 peak
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
1. 60 second maximum above 183
°C.


Similar Part No. - CS4122

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS4122 ONSEMI-CS4122 Datasheet
97Kb / 9P
   Triple Air?묬ore Gauge Driver with Serial Input Bus
September, 2005 ??Rev. 9
logo
Power Analog Micoelectr...
CS412299C PAM-CS412299C Datasheet
463Kb / 5P
   POW-R-BLOKTM Single & Dual Diode Isolated Module 100 Amperes / 2000 to 2500 Volts
logo
ON Semiconductor
CS4122 ONSEMI-CS4122_05 Datasheet
97Kb / 9P
   Triple Air?묬ore Gauge Driver with Serial Input Bus
September, 2005 ??Rev. 9
More results

Similar Description - CS4122

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS4122 ONSEMI-CS4122_05 Datasheet
97Kb / 9P
   Triple Air?묬ore Gauge Driver with Serial Input Bus
September, 2005 ??Rev. 9
logo
Melexis Microelectronic...
MLX10420 MELEXIS-MLX10420_14 Datasheet
510Kb / 25P
   3-channel air-core gauge driver with serial interface
logo
NXP Semiconductors
SA5777A PHILIPS-SA5777A Datasheet
116Kb / 12P
   Dual air-core gauge driver
1999 Sep 20
logo
Cherry Semiconductor Co...
CS4172 CHERRY-CS4172 Datasheet
158Kb / 6P
   Single Air-Core Gauge Driver
logo
ON Semiconductor
CS4172 ONSEMI-CS4172 Datasheet
65Kb / 8P
   Single Air-Core Gauge Driver
December, 2001 - Rev. 3
CS4192 ONSEMI-CS4192 Datasheet
71Kb / 8P
   Single Air-Core Gauge Driver
December, 2001 ??Rev. 6
logo
NXP Semiconductors
SA5778 PHILIPS-SA5778 Datasheet
122Kb / 16P
   Serial triple gauge driver STGD
1998 Apr 03
logo
ON Semiconductor
CS3750 ONSEMI-CS3750 Datasheet
45Kb / 4P
   Dual H-Bridge Air-Core Gauge Driver
December, 2001 - Rev. 4
logo
Motorola, Inc
MC10H423 MOTOROLA-MC10H423 Datasheet
86Kb / 2P
   TRIPLE-3 INPUT BUS DRIVER WITH ENABLE
logo
Cherry Semiconductor Co...
CS3750 CHERRY-CS3750 Datasheet
137Kb / 4P
   100mA Dual H-Bridge Air-Core Gauge Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com