Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC6009MT Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC6009MT
Description  9 Channel Buffer Amplifier for TFT-LCD
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6009MT Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LMC6009MT Datasheet HTML 1Page - National Semiconductor (TI) LMC6009MT Datasheet HTML 2Page - National Semiconductor (TI) LMC6009MT Datasheet HTML 3Page - National Semiconductor (TI) LMC6009MT Datasheet HTML 4Page - National Semiconductor (TI) LMC6009MT Datasheet HTML 5Page - National Semiconductor (TI) LMC6009MT Datasheet HTML 6Page - National Semiconductor (TI) LMC6009MT Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Block Diagram
Applications
The LMC6009 is useful for buffering the nine reference volt-
ages for gamma correction in a TFT-LCD as shown in
Figure 7. The A/B channel inputs allow the user to alternate
two sets of gamma references to compensate for asymmetri-
cal Gamma characteristic during Row Inversion. The
LMC6009 eliminates the need for nine external switches or
an 18-to-9 multiplexer.
Since the buffers in the LMC6009 draw extremely low bias
current (1.5 µA max), large resistance values can be used in
the reference voltage string. This allows the power dissipa-
tion in the gamma reference circuit to be minimized. The
nine buffers are guaranteed to deliver 80 mA to the load, al-
lowing the pixel voltages of the TFT-LCD to settle very
quickly.
DS012533-8
FIGURE 6. Block Diagram of LMC6009
www.national.com
5


Similar Part No. - LMC6009MT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6001 NSC-LMC6001 Datasheet
305Kb / 14P
   Ultra Ultra-Low Input Current Amplifier
logo
Texas Instruments
LMC6001 TI1-LMC6001 Datasheet
611Kb / 25P
[Old version datasheet]   Ultra, Ultra-Low Input Current Amplifier
LMC6001 TI1-LMC6001 Datasheet
611Kb / 25P
[Old version datasheet]   Ultra, Ultra-Low Input Current Amplifier
LMC6001-MIL TI1-LMC6001-MIL Datasheet
527Kb / 18P
[Old version datasheet]   Ultra, Ultra-Low Input Current Amplifier
logo
National Semiconductor ...
LMC6001AIH NSC-LMC6001AIH Datasheet
305Kb / 14P
   Ultra Ultra-Low Input Current Amplifier
More results

Similar Description - LMC6009MT

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT7205 AAT-AAT7205 Datasheet
316Kb / 10P
   81-CHANNEL BUFFER FOR TFT LCD
AAT7203 AAT-AAT7203 Datasheet
277Kb / 9P
   41-CHANNEL BUFFER FOR TFT LCD
AAT7202 AAT-AAT7202 Datasheet
349Kb / 9P
   121-Channel Buffer for TFT LCD
AAT7201 AAT-AAT7201 Datasheet
597Kb / 14P
   101-Channel Buffer for TFT LCD
AAT7204 AAT-AAT7204 Datasheet
321Kb / 12P
   61-CHANNEL BUFFER FOR TFT LCD
AAT7200 AAT-AAT7200 Datasheet
490Kb / 16P
   141-Channel Buffer for TFT LCD
logo
List of Unclassifed Man...
AAT7203 ETC-AAT7203 Datasheet
293Kb / 9P
   41-CHANNEL BUFFER FOR TFT LCD
logo
Advanced Analog Technol...
AAT7200 AAT-AAT7200_3 Datasheet
218Kb / 11P
   141-Channel Buffer for TFT LCD
logo
STMicroelectronics
TSL1018 STMICROELECTRONICS-TSL1018 Datasheet
267Kb / 15P
   18 1 channel buffer for TFT-LCD panels
TSL1020 STMICROELECTRONICS-TSL1020 Datasheet
244Kb / 16P
   20 1 channel buffer for TFT-LCD panels
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com