Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COPCG888 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COPCG888
Description  8-Bit Microcontroller with UART and Three Multi-Function Timers
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COPCG888 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button COPCG888 Datasheet HTML 2Page - National Semiconductor (TI) COPCG888 Datasheet HTML 3Page - National Semiconductor (TI) COPCG888 Datasheet HTML 4Page - National Semiconductor (TI) COPCG888 Datasheet HTML 5Page - National Semiconductor (TI) COPCG888 Datasheet HTML 6Page - National Semiconductor (TI) COPCG888 Datasheet HTML 7Page - National Semiconductor (TI) COPCG888 Datasheet HTML 8Page - National Semiconductor (TI) COPCG888 Datasheet HTML 9Page - National Semiconductor (TI) COPCG888 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
Comparators AC and DC Characteristics VCC e 5V TA e 25 C
Parameter
Conditions
Min
Typ
Max
Units
Input Offset Voltage
04V s VIN s VCC b 15V
g
10
g
25
mV
Input Common Mode Voltage Range
04
VCC b 15
V
Low Level Output Current
VOL e 04V
16
mA
High Level Output Current
VOH e 46V
16
mA
DC Supply Current Per Comparator
250
m
A
(When Enabled)
Response Time
TBD mV Step TBD mV
1
m
s
Overdrive 100 pF Load
TLDD9765 – 7
FIGURE 2 MICROWIREPLUS Timing
Pin Descriptions
VCC and GND are the power supply pins
CKI is the clock input This can come from an RC generat-
ed oscillator or a crystal oscillator (in conjunction with
CKO) See Oscillator Description section
RESET is the master reset input See Reset Description
section
The device contains three bidirectional 8-bit IO ports (C G
and L) where each individual bit may be independently con-
figured as an input (Schmitt trigger inputs on ports L and G)
output or TRI-STATE under program control Three data
memory address locations are allocated for each of these
IO ports Each IO port has two associated 8-bit memory
mapped registers the CONFIGURATION register and the
output DATA register A memory mapped address is also
reserved for the input pins of each IO port (See the memo-
ry map for the various addresses associated with the IO
ports)
Figure 3 shows the IO port configurations The
DATA and CONFIGURATION registers allow for each port
bit to be individually configured under software control as
shown below
CONFIGURATION
DATA
Port Set-Up
Register
Register
0
0
Hi-Z Input
(TRI-STATE Output)
0
1
Input with Weak Pull-Up
1
0
Push-Pull Zero Output
1
1
Push-Pull One Output
TLDD9765 – 8
FIGURE 3 IO Port Configurations
PORT L is an 8-bit IO port All L-pins have Schmitt triggers
on the inputs
The Port L supports Multi-Input Wake Up on all eight pins
L1 is used for the UART external clock L2 and L3 are used
for the UART transmit and receive L4 and L5 are used for
the timer input functions T2A and T2B L6 and L7 are used
for the timer input functions T3A and T3B
The Port L has the following alternate features
L0
MIWU
L1
MIWU or CKX
L2
MIWU or TDX
L3
MIWU or RDX
L4
MIWU or T2A
L5
MIWU or T2B
L6
MIWU or T3A
L7
MIWU or T3B
Port G is an 8-bit port with 5 IO pins (G0 G2 – G5) an input
pin (G6) and two dedicated output pins (G1 and G7) Pins
G0 and G2 – G6 all have Schmitt Triggers on their inputs Pin
G1 serves as the dedicated WDOUT WATCHDOG output
while pin G7 is either input or output depending on the oscil-
lator mask option selected With the crystal oscillator option
selected G7 serves as the dedicated output pin for the CKO
clock output With the single-pin RC oscillator mask option
selected G7 serves as a general purpose input pin but is
also used to bring the device out of HALT mode with a low
to high transition on G7 There are two registers associated
with the G Port a data register and a configuration register
Therefore each of the 5 IO bits (G0 G2 – G5) can be indi-
vidually configured under software control
http
www nationalcom
6


Similar Part No. - COPCG888

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COPC680 NSC-COPC680 Datasheet
400Kb / 30P
   Microcontrollers
COPC681 NSC-COPC681 Datasheet
400Kb / 30P
   Microcontrollers
COPC682 NSC-COPC682 Datasheet
400Kb / 30P
   Microcontrollers
COPC880 NSC-COPC880 Datasheet
400Kb / 30P
   Microcontrollers
COPC881 NSC-COPC881 Datasheet
400Kb / 30P
   Microcontrollers
More results

Similar Description - COPCG888

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COPEG888 NSC-COPEG888 Datasheet
550Kb / 48P
   8-Bit Microcontroller with UART and Three Multi-Function Timers
COP87L88KG NSC-COP87L88KG Datasheet
443Kb / 42P
   8-Bit One-Time Programmable (OTP) Microcontroller with UART and Three Multi-Function Timers
COP87L88GG NSC-COP87L88GG Datasheet
439Kb / 42P
   8-Bit One-Time Programmable OTP Microcontroller with UART and Three Multi-Function Timers
logo
List of Unclassifed Man...
A109156120H ETC2-A109156120H Datasheet
71Kb / 2P
   Timers Multi-function
logo
Intersil Corporation
ICM7216A INTERSIL-ICM7216A Datasheet
141Kb / 17P
   8-Digit, Multi-Function, Frequency Counters/Timers
logo
Renesas Technology Corp
ICM7216B RENESAS-ICM7216B Datasheet
808Kb / 18P
   8-Digit, Multi-Function, Frequency Counters/Timers
logo
Intersil Corporation
ICM7216B INTERSIL-ICM7216B_04 Datasheet
458Kb / 18P
   8-Digit, Multi-Function, Frequency Counters/Timers
ICM7216B INTERSIL-ICM7216B Datasheet
642Kb / 18P
   8-Digit, Multi-Function, Frequency Counters/Timers
logo
Zilog, Inc.
Z08611 ZILOG-Z08611 Datasheet
636Kb / 17P
   Full-duplex UART and two programmable 8-bit counter/timers, each with a 6-bit
logo
ATMEL Corporation
TS80C51U2 ATMEL-TS80C51U2 Datasheet
1,009Kb / 67P
   Double UART 8-bit CMOS Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com