Electronic Components Datasheet Search |
|
AC0201FR-7W100R Datasheet(PDF) 7 Page - YAGEO Corporation |
|
AC0201FR-7W100R Datasheet(HTML) 7 Page - YAGEO Corporation |
7 / 12 page Chip Resistor Surface Mount www.yageo.com Nov. 02, 2016 V.5 Product specification 7 12 SERIES AC 0201 to 2512 TYPE POWER CHARACTERISTICS Operating Temperature Range Max. Working Voltage Max. Overload Voltage Dielectric Withstandin g Voltage Resistance Range Temperature Coefficient Jumper Criteria AC1218 1 W –55 °C to 155 °C 200V 500V 500V 5% (E24) 1Ω≤R≤1MΩ 0.5%, 1% (E24/E96) 1Ω≤R≤1MΩ Jumper<50mΩ 1Ω≤R≤10Ω ±200ppm°C 10Ω<R≤1MΩ ±100ppm°C Rated Current 6A Maximum Current 10A 1.5W –55 °C to 155 °C 200V 500V 500V 5% (E24) 1Ω≤R≤1MΩ 0.5%, 1% (E24/E96) 1Ω≤R≤1MΩ 1Ω≤R≤10Ω ±200 ppm°C 10Ω<R≤1MΩ ±100 ppm°C AC2010 3/4 W –55 °C to 155 °C 200V 500V 500V 5% (E24) 1Ω≤R≤22MΩ 0.5%, 1% (E24/E96) 1Ω≤R≤10MΩ Jumper<50mΩ 1Ω≤R≤10Ω ±200ppm°C 10Ω<R≤10MΩ ±100ppm°C 10MΩ<R≤22MΩ ±200ppm°C Rated Current 2A Maximum Current 10A 1.25W –55 °C to 155 °C 200V 500V 500V 5% (E24) 1Ω≤R≤10MΩ 0.5%, 1% (E24/E96) 1Ω≤R≤10MΩ 1Ω≤R≤10Ω ±200 ppm°C 10Ω<R≤10MΩ ±100 ppm°C AC2512 1 W –55 °C to 155 °C 200V 500V 500V 5% (E24) 1Ω≤R≤22MΩ 0.5%, 1% (E24/E96) 1Ω≤R≤10MΩ Jumper<50mΩ 1Ω≤R≤10Ω ±200ppm°C 10Ω<R≤10MΩ ±100ppm°C 10MΩ<R≤22MΩ ±200ppm°C Rated Current 2A Maximum Current 10A 2 W –55 °C to 155 °C 200V 400V 500V 5% (E24) 1Ω≤R≤10MΩ 0.5%, 1% (E24/E96) 1Ω≤R≤10MΩ 1Ω≤R≤10Ω ±200 ppm°C 10Ω<R≤10MΩ ±100 ppm°C |
Similar Part No. - AC0201FR-7W100R |
|
Similar Description - AC0201FR-7W100R |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |