Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMSZDA36V Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CMSZDA36V
Description  SURFACE MOUNT DUAL, SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMSZDA36V Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CMSZDA36V Datasheet HTML 1Page - Central Semiconductor Corp CMSZDA36V Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Central
Semiconductor Corp.
TM
CMSZDA2V4
THRU
CMSZDA47V
SURFACE MOUNT
DUAL, SILICON ZENER DIODE
2.4 VOLTS THRU 47 VOLTS
275mW
R4 (4-January 2004)
LEAD CODE:
1) Cathode D2
2) Cathode D1
3) Anode D1, D2
TYPE NO.
ZENER
VOLTAGE
VZ @ IZT
TEST
CURRENT
MAXIMUM
ZENER IMPEDANCE
MAXIMUM
REVERSE
CURRENT
MAXIMUM
ZENER
CURRENT
MAXIMUM
ZENER
VOLTAGE
TEMP.
COEFF.
MARKING
CODE
MIN
MAX
IZT
ZZT @ IZT
ZZK @ IZK
IR @ VR
IZM
Θ
ΘVZ
VOLTS VOLTS
mA
mA
µA
VOLTS
mA
% / °C
CMSZDA18V
16.8
19.1
5.0
45
225
1.0
0.05
12.6
9.2
0.08
Y6Y
CMSZDA20V
18.8
21.2
5.0
55
225
1.0
0.05
14.0
8.3
0.08
Y7Y
CMSZDA22V
20.8
23.3
5.0
55
250
1.0
0.05
15.4
7.6
0.09
Y8Y
CMSZDA24V
22.8
25.6
5.0
70
250
1.0
0.05
16.8
7.0
0.09
Y9Y
CMSZDA27V
25.1
28.9
2.0
80
300
0.5
0.05
18.9
6.2
0.09
10W
CMSZDA30V
28.0
32.0
2.0
80
300
0.5
0.05
21.0
5.6
0.09
11W
CMSZDA33V
31.0
35.0
2.0
80
325
0.5
0.05
23.1
5.0
0.09
12W
CMSZDA36V
34.0
38.0
2.0
90
350
0.5
0.05
25.2
4.6
0.09
13W
CMSZDA39V
37.0
41.0
2.0
130
350
0.5
0.05
27.3
4.3
0.09
14W
CMSZDA43V
40.0
46.0
2.0
150
375
0.5
0.05
30.1
3.9
0.10
15W
CMSZDA47V
44.0
50.0
2.0
170
375
0.5
0.05
32.9
3.5
0.10
16W
SOT-323 CASE - MECHANICAL OUTLINE
ELECTRICAL CHARACTERISTICS PER DIODE (Continued)
MARKING CODE: See Marking Codes on
Electrical Characteristics table.
1
3
2
D1
D2


Similar Part No. - CMSZDA36V

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMSZDA36V CENTRAL-CMSZDA36V Datasheet
479Kb / 2P
   SURFACE MOUNT DUAL, COMMON ANODE SILICON ZENER DIODES 275mW, 2.4 THRU 47 VOLTS
CMSZDA36V CENTRAL-CMSZDA36V Datasheet
479Kb / 2P
   SILICON ZENER DIODES
More results

Similar Description - CMSZDA36V

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPZDA2V4 CENTRAL-CMPZDA2V4 Datasheet
121Kb / 2P
   SURFACE MOUNT DUAL, SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 350mW
BZX84B5V1 CENTRAL-BZX84B5V1 Datasheet
120Kb / 2P
   SURFACE MOUNT 350mW SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
CMLZDA2V4 CENTRAL-CMLZDA2V4_10 Datasheet
519Kb / 2P
   SURFACE MOUNT DUAL, COMMON ANODE SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
CMLZDA2V4 CENTRAL-CMLZDA2V4 Datasheet
65Kb / 2P
   SURFACE MOUNT DUAL, COMMON ANODE SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
BZX84C3V3-33 CENTRAL-BZX84C3V3-33 Datasheet
336Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 350mW, 2.4 THRU 47 VOLTS
BZX84C2V4 CENTRAL-BZX84C2V4 Datasheet
336Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 350mW, 2.4 THRU 47 VOLTS
CMDZ5221B CENTRAL-CMDZ5221B_10 Datasheet
373Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
CMDZ2V4 CENTRAL-CMDZ2V4_10 Datasheet
369Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
CMSZ5221B CENTRAL-CMSZ5221B_10 Datasheet
479Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 275mW, 2.4 THRU 47 VOLTS 5% TOLERANCE
BZX84A2V4 CENTRAL-BZX84A2V4_11 Datasheet
335Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 350mW, 2.4 THRU 47 VOLTS 1% TOLERANCE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com