Electronic Components Datasheet Search |
|
TK751HFCIBH3L-PF Datasheet(PDF) 1 Page - Advanced Crystal Technology |
|
TK751HFCIBH3L-PF Datasheet(HTML) 1 Page - Advanced Crystal Technology |
1 / 3 page Tel 0044(0)118 979 1238 Fax: 0044(0)118 979 1283 email: info@act crystals.com ● Stability: ±5ppm (-40+85°C) ● Accuracy: ±1.5ppm ● Operating current: 400nA typical Characteristics Frequency Range (MHz) 32.768 kHz, 4.096 kHz, 1.024 kHz 128 Hz, 32 Hz 1 Hz 1/ 10 Hz, 1/ 60 Hz Supply voltage ±5% Vcc (V DC) 1.8, 2.5, 3.0, 3.3, 5.0 Operating temperature Top (°C -40 ~ +85°C Operating Current (mA max) Fig 1 Stabilty v T op (ppm) ±5 (Fig 2) Stabilty v Vcc(ppm) ±0.2 (±5% change) Stabilty v Load (ppm) ±0.2 (±10% change) Stabilty v 1 reflow (ppm) ±1.0 (24hrs after reflow) Aging @25°C (ppm) ±3 first year max Tolerance @ 25°C (ppm) ±1.5 Load ±10% 15pF HCMOS Output voltage (V) (IOL 0.1mA) VOH Vcc-0.4 min, VOL 0.4V max Duty Cycle (%) 4//60 (kHz range), 45/55 (Hz range ) Start up time (ms, max) 1 (25°C), 3(85°C) Switching Jitter (ns) 2000 (kHz range), 0 (Hz range) Compensation interval (Fig 3) 4 min std, 2min, 1min,0.5min options Pad 1 Tristate (Enable high) Rating Storage temperature (°C) -40 ~ 85 max ESD Sensitivity (KV)* 2 (HBM) IEC 61000-4-2 MSL Level 1 IPC/JEDEC JSTD-020D.1 Pad surface 0.3~1.2µm Au over 1.27~8.89µm Ni Leak rate <2x10 8 ATM/cm3 Notes: *ESD sensitive, take appropriate precautions. Compensation period: see note on page 2 Fig 1 Issue No. Date: To specify: Please refer to part numbering system appended to the end of this data Please note that all parameters can not necessarily be specified in the same device. ACT TCTK75-6 LOW POWER HCMOS 1/60Hz~32.768kHz TCXO 4 M6 16/10/2013 3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY For quotations or further information please contact us at: ISO9001 Registered |
Similar Part No. - TK751HFCIBH3L-PF |
|
Similar Description - TK751HFCIBH3L-PF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |