Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECE126 Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # ECE126
Description  Retains strong EMI protection
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

ECE126 Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  ECE126 Datasheet HTML 1Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EcE126
Fluorosilicone Elastomer with Silver-Glass
PRELIMINARY
USA: +1.866.928.8181
Europe: +49.0.8031.2460.0
Asia: +86.755.2714.1166
www.lairdtech.com
EMI-DS-ECE126 1013
Any information furnished by Laird Technologies, Inc. and its agents is believed to be accurate and reliable. All specifications are subject to change without notice. Responsibility for the use and application of
Laird Technologies materials rests with the end user. Laird Technologies makes no warranties as to the fitness, merchantability, suitability or non-infringement of any Laird Technologies materials or products
for any specific or general uses. Laird Technologies shall not be liable for incidental or consequential damages of any kind. All Laird Technologies products are sold pursuant to the Laird Technologies’
Terms and Conditions of sale in effect from time to time, a copy of which will be furnished upon request. © Copyright 2012 Laird Technologies, Inc. All Rights Reserved. Laird, Laird Technologies, the Laird
Technologies Logo, and other marks are trade marks or registered trade marks of Laird Technologies, Inc. or an affiliate company thereof. Other product or service names may be the property of third parties.
Nothing herein provides a license under any Laird Technologies or any third party intellectual property rights.
FEATURES
• Utilizes both conductive and
non-conductive materials
• Fluorosilicone Polymer base resin extends the
temperature range and improves standard
environmental resistance to include resistance
to some chemicals, fuels, and lubricants
• Retains strong EMI protection
• Cost-effective solution
• Able to extrude or mold in various standard
sizes,standardshapes,andstandardprofiles
without a tooling charge
MARKETS
• DataCom
• Military
• Medical
SILVER ALUMINUM FILLED FLUOROSILICONE ELASTOMER
EcE126 is a Silver-coated Aluminum filled fluorosilicone elastomer that meets the MIL-DTL 83528
Type D specifications. This material can be Molded, Extruded, or formed into sheets and then Die
Cut. See our catalog for standard shapes that might be available to test, or provide information about
your needs for a custom profile.
SPECIFICATIONS
TARGET SPECIFICATION
Color
Tan
Elastomer
Fluorosilicone
Filler
Silver Aluminum
Hardness
70 ± 7 Shore A
Volume Resistivity
0.010 ohm-cm, maximum
Density
2.0 ± 0.25 g/cm3
Tensile Strength
200 psi, minimum
Elongation
60%-260%
100%-300%
35 ppi, minimum
Temperature Range
-55°C to 160°C


Similar Part No. - ECE126

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
ECE1200 MICROCHIP-ECE1200 Datasheet
990Kb / 87P
   eSPI to LPC Bridge
02/28/20
ECE1200-I/LD MICROCHIP-ECE1200-I/LD Datasheet
990Kb / 87P
   eSPI to LPC Bridge
02/28/20
More results

Similar Description - ECE126

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
ECE116 LSTD-ECE116 Datasheet
1Mb / 1P
   Retains strong EMI protection
logo
Copal Electronics
PA-840 COPAL-PA-840 Datasheet
373Kb / 4P
   Strong structure with IP67 degree of protection
logo
Laird Tech Smart Techno...
PT8 LSTD-PT8 Datasheet
613Kb / 2P
   Strong Lead Attachment
logo
List of Unclassifed Man...
MIKE-2A ETC2-MIKE-2A Datasheet
903Kb / 3P
   Strong magnetic base
logo
MERITEK ELECTRONICS COR...
MCB MERITEK-MCB Datasheet
433Kb / 15P
   Effective EMI protection
logo
International Rectifier
AFM704A IRF-AFM704A Datasheet
45Kb / 3P
   EMI FILTER / PROTECTION HYBRID
AFM704A IRF-AFM704A_15 Datasheet
50Kb / 3P
   EMI FILTER / PROTECTION HYBRID
logo
STCmicro Technology Co,...
STC15 STC-STC15 Datasheet
8Mb / 887P
   Super Strong Anti-Disturbance, Super Advanced Encryption
logo
STMicroelectronics
EMIF01-10005W5 STMICROELECTRONICS-EMIF01-10005W5 Datasheet
159Kb / 10P
   EMI FILTER INCLUDING ESD PROTECTION
EMIF10-COM01F2 STMICROELECTRONICS-EMIF10-COM01F2 Datasheet
114Kb / 7P
   EMI FILTER INCLUDING ESD PROTECTION
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com