Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2120E Datasheet(PDF) 10 Page - Dallas Semiconductor

Part # DS2120E
Description  Ultra3 LVD SCSI Terminator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2120E Datasheet(HTML) 10 Page - Dallas Semiconductor

Back Button DS2120E Datasheet HTML 2Page - Dallas Semiconductor DS2120E Datasheet HTML 3Page - Dallas Semiconductor DS2120E Datasheet HTML 4Page - Dallas Semiconductor DS2120E Datasheet HTML 5Page - Dallas Semiconductor DS2120E Datasheet HTML 6Page - Dallas Semiconductor DS2120E Datasheet HTML 7Page - Dallas Semiconductor DS2120E Datasheet HTML 8Page - Dallas Semiconductor DS2120E Datasheet HTML 9Page - Dallas Semiconductor DS2120E Datasheet HTML 10Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
DS2120
10 of 10
DS2120B 36-PIN SSOP PACKAGE
DIM
MIN
MAX
A
2.44
2.64
A1
0.12
-
b
0.29
0.43
c
0.23
0.32
D
15.20
15.54
E
10.11
10.52
E1
7.40
7.60
e
0.80 BSC
h
0.25
0.71
L
0.51
1.02
NOTES:
1) Dimensions D and E1 include mold mismatch, but do not
include mold flash, protrusions, or gate burrs. Mold flash,
protrusions or gate burrs shall not exceed 0.254mm per side.
2) Section A-A dimensions apply to the flat section of the lead
between 0.13mm to 0.25mm from the lead tip.
3) The chamfer on the body is optional. If it is not present, a
visual index feature must be located within the cross-hatched
area.
Dimensions are in millimeters (mm).


Similar Part No. - DS2120E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2120E MAXIM-DS2120E Datasheet
490Kb / 10P
   Ultra3 LVD SCSI Terminator
REV: 010506
DS2120E++ MAXIM-DS2120E+ Datasheet
490Kb / 10P
   Ultra3 LVD SCSI Terminator
REV: 010506
DS2120E+T&R MAXIM-DS2120E+T&R Datasheet
490Kb / 10P
   Ultra3 LVD SCSI Terminator
REV: 010506
DS2120E/T&R MAXIM-DS2120E/T&R Datasheet
490Kb / 10P
   Ultra3 LVD SCSI Terminator
REV: 010506
More results

Similar Description - DS2120E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2120 MAXIM-DS2120 Datasheet
490Kb / 10P
   Ultra3 LVD SCSI Terminator
REV: 010506
DS2119M MAXIM-DS2119M Datasheet
308Kb / 9P
   Ultra3 LVD/SE SCSI Terminator
REV: 010406
logo
Dallas Semiconductor
DS2119M DALLAS-DS2119M Datasheet
166Kb / 9P
   Ultra3 LVD/SE SCSI Terminator
logo
Maxim Integrated Produc...
DS2118MB MAXIM-DS2118MB Datasheet
420Kb / 10P
   Ultra3 LVD/SE SCSI Terminator
REV: 010406
logo
Dallas Semiconductor
DS2117M DALLAS-DS2117M Datasheet
129Kb / 9P
   Ultra3 LVD/SE SCSI Terminator
logo
Maxim Integrated Produc...
DS2117M MAXIM-DS2117M Datasheet
416Kb / 9P
   Ultra3 LVD/SE SCSI Terminator
REV: 112905
logo
IMP, Inc
IMP2119 IMP-IMP2119 Datasheet
447Kb / 9P
   9-Line ULTRA3 LVD/SE SCSI Terminator
logo
Maxim Integrated Produc...
DS2125 MAXIM-DS2125_V01 Datasheet
187Kb / 7P
   Ultra3 LVD/SE SCSI 15-Line Terminator
REV: 012306
DS2125 MAXIM-DS2125 Datasheet
232Kb / 7P
   Ultra3 LVD/SE SCSI 15-Line Terminator
REV: 052604
DS2127 MAXIM-DS2127_V01 Datasheet
161Kb / 6P
   Ultra3 LVD/SE SCSI 14-Line Terminator
Rev 2; 1/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com