Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS21352 Datasheet(PDF) 6 Page - Dallas Semiconductor

Part # DS21352
Description  3.3V DS21352 and 5V DS21552 T1 Single-Chip Transceivers
Download  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS21352 Datasheet(HTML) 6 Page - Dallas Semiconductor

Back Button DS21352 Datasheet HTML 2Page - Dallas Semiconductor DS21352 Datasheet HTML 3Page - Dallas Semiconductor DS21352 Datasheet HTML 4Page - Dallas Semiconductor DS21352 Datasheet HTML 5Page - Dallas Semiconductor DS21352 Datasheet HTML 6Page - Dallas Semiconductor DS21352 Datasheet HTML 7Page - Dallas Semiconductor DS21352 Datasheet HTML 8Page - Dallas Semiconductor DS21352 Datasheet HTML 9Page - Dallas Semiconductor DS21352 Datasheet HTML 10Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 137 page
background image
DS21352/DS21552
6 of 137
2. LIST OF TABLES
Table 4-1 PIN DESCRIPTION SORTED BY PIN NUMBER................................................................11
Table 4-2 PIN DESCRIPTION SORTED BY PIN SYMBOL ................................................................14
Table 5-1 REGISTER MAP SORTED BY ADDRESS...........................................................................29
Table 6-1 DEVICE ID BIT MAP .............................................................................................................33
Table 6-2 OUTPUT PIN TEST MODES .................................................................................................36
Table 7-1 RECEIVE T1 LEVEL INDICATION .....................................................................................47
Table 7-2 ALARM CRITERIA ................................................................................................................49
Table 8-1 LINE CODE VIOLATION COUNTING ARRANGEMENTS ..............................................53
Table 8-2 PATH CODE VIOLATION COUNTING ARRANGEMENTS.............................................54
Table 8-3 MULTIFRAMES OUT OF SYNC COUNTING ARRANGMENTS.....................................55
Table 14-1 ELASTIC STORE DELAY AFTER INITIALIZATION......................................................67
Table 14-2 MINIMUM DELAY MODE CONFIGURATION................................................................67
Table 15-1 TRANSMIT HDLC CONFIGURATION...............................................................................68
Table 15-2 HDLC/BOC CONTROLLER REGISTERS..........................................................................70
Table 16-1 LINE BUILD OUT SELECT IN LICR .................................................................................86
Table16-2 TRANSMIT TRANSFORMER SELECTION .......................................................................87
Table 16-3 TRANSFORMER SPECIFICATIONS..................................................................................88
Table 16-4 PULSE TEMPLATE CORNER POINTS..............................................................................90
Table 16-5 RECEIVE MONITOR MODE GAIN....................................................................................95
Table 17-1 TRANSMIT CODE LENGTH...............................................................................................97
Table 17-2 RECEIVE CODE LENGTH ..................................................................................................97
Table 19-1 INSTRUCTION CODES FOR IEEE 1149.1 ARCHITECTURE .......................................104
Table 19-2 ID CODE STRUCTURE .....................................................................................................105
Table 19-3 DEVICE ID CODES ............................................................................................................105
Table 19-4 BOUNDARY SCAN CONTROL BITS ..............................................................................106
Table 20-1 MASTER DEVICE BUS SELECT.....................................................................................110


Similar Part No. - DS21352

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS21352 MAXIM-DS21352 Datasheet
1Mb / 240P
   T1/E1/J1 Single-Chip Transceiver
100903
logo
Pulse A Technitrol Comp...
DS21352 PULSE-DS21352 Datasheet
1Mb / 5P
   T1/E1/CEPT/ISDN-PRI TRANSFORMERS
logo
Maxim Integrated Produc...
DS21352DK MAXIM-DS21352DK Datasheet
1Mb / 21P
   T1 Single-Chip Transceiver Design Kit Daughter Card
REV: 110106
DS21352L MAXIM-DS21352L Datasheet
1Mb / 137P
   T1 Single-Chip Transceivers
120501
DS21352LN MAXIM-DS21352LN Datasheet
1Mb / 137P
   T1 Single-Chip Transceivers
120501
More results

Similar Description - DS21352

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS21554 MAXIM-DS21554 Datasheet
944Kb / 124P
   3.3V/5V E1 Single-Chip Transceivers
REV: 021004
DS21552 MAXIM-DS21552 Datasheet
1Mb / 137P
   T1 Single-Chip Transceivers
120501
logo
Mitel Networks Corporat...
MT9076 MITEL-MT9076 Datasheet
416Kb / 160P
   T1/E1/J1 3.3V Single Chip Transceiver
logo
Maxim Integrated Produc...
MAX4213EVKIT MAXIM-MAX4213EVKIT Datasheet
68Kb / 4P
   Single 3.3V/5V Operation
Rev 1; 6/98
logo
Dallas Semiconductor
DS1814 DALLAS-DS1814 Datasheet
146Kb / 8P
   5V and 3.3V MicroMonitor
logo
Maxim Integrated Produc...
DS1814 MAXIM-DS1814 Datasheet
152Kb / 8P
   5V and 3.3V MicroMonitor
122001
logo
Micrel Semiconductor
SY10EP05V MICREL-SY10EP05V_05 Datasheet
116Kb / 7P
   5V/3.3V DIFFERENTIAL AND/NAND
logo
Linear Technology
LTC1470 LINER-LTC1470 Datasheet
266Kb / 12P
   Single and Dual PCMCIA Protected 3.3V/5V VCC Switches
LTC1471 LINER-LTC1471_15 Datasheet
163Kb / 12P
   Single and Dual PCMCIA Protected 3.3V/5V VCC Switches
LTC1470 LINER-LTC1470_15 Datasheet
163Kb / 12P
   Single and Dual PCMCIA Protected 3.3V/5V VCC Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com