Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAR50-02L Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # BAR50-02L
Description  Silicon PIN Diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAR50-02L Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button BAR50-02L Datasheet HTML 3Page - Infineon Technologies AG BAR50-02L Datasheet HTML 4Page - Infineon Technologies AG BAR50-02L Datasheet HTML 5Page - Infineon Technologies AG BAR50-02L Datasheet HTML 6Page - Infineon Technologies AG BAR50-02L Datasheet HTML 7Page - Infineon Technologies AG BAR50-02L Datasheet HTML 8Page - Infineon Technologies AG BAR50-02L Datasheet HTML 9Page - Infineon Technologies AG BAR50-02L Datasheet HTML 10Page - Infineon Technologies AG BAR50-02L Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
2011-07-18
7
BAR50...
Permissible Pulse Load
IFmax/ IFDC = ƒ (tp)
BAR50-03W
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
0
10
1
10
0
0.005
0.1
0.2
0.5
1
2
5
Isolation ISO = -|S21|2 = ƒ(f)
VR = Parameter
BAR50-02L in series configuration, Z = 50
0
1
2
3
4
GHz
6
f
-30
-25
-20
-15
-10
dB
0
0 V
1 V
10 V
Insertion loss IL = -|S21|2 = ƒ(f)
IF = Parameter
BAR50-02L in series configuration, Z = 50
0
1
2
3
4
GHz
6
f
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
dB
0
5 mA
10 mA
100 mA
3 mA


Similar Part No. - BAR50-02L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BAR50-02L INFINEON-BAR50-02L Datasheet
465Kb / 8P
   Silicon PIN Diodes
Feb-04-2003
BAR50-02L INFINEON-BAR50-02L Datasheet
874Kb / 12P
   Silicon PIN Diodes
2009-05-13
More results

Similar Description - BAR50-02L

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
BAR60 KEXIN-BAR60 Datasheet
38Kb / 1P
   Silicon PIN Diodes
BAR14 KEXIN-BAR14 Datasheet
39Kb / 1P
   Silicon PIN Diodes
BAR50-03W KEXIN-BAR50-03W Datasheet
39Kb / 2P
   Silicon PIN Diodes
logo
Infineon Technologies A...
BAR50 INFINEON-BAR50 Datasheet
465Kb / 8P
   Silicon PIN Diodes
Feb-04-2003
logo
Vishay Siliconix
BA479G VISHAY-BA479G Datasheet
36Kb / 3P
   Silicon PIN Diodes
Rev. 2, 01-Apr-99
logo
Infineon Technologies A...
BAR50 INFINEON-BAR50_09 Datasheet
874Kb / 12P
   Silicon PIN Diodes
2009-05-13
logo
Vishay Siliconix
BA7792 VISHAY-BA7792 Datasheet
46Kb / 3P
   Silicon PIN Diodes
Rev. 3, 01-Apr-99
logo
Siemens Semiconductor G...
BA682 SIEMENS-BA682 Datasheet
52Kb / 3P
   SILICON PIN DIODES
BAR14-1 SIEMENS-BAR14-1 Datasheet
69Kb / 3P
   Silicon PIN Diodes
logo
Infineon Technologies A...
BAR-63-02V-H6327 INFINEON-BAR-63-02V-H6327 Datasheet
1Mb / 16P
   Silicon PIN Diodes
2011-07-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com