Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAR90-098LRH Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BAR90-098LRH
Description  Silicon Deep Trench PIN Diodes
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAR90-098LRH Datasheet(HTML) 4 Page - Infineon Technologies AG

  BAR90-098LRH Datasheet HTML 1Page - Infineon Technologies AG BAR90-098LRH Datasheet HTML 2Page - Infineon Technologies AG BAR90-098LRH Datasheet HTML 3Page - Infineon Technologies AG BAR90-098LRH Datasheet HTML 4Page - Infineon Technologies AG BAR90-098LRH Datasheet HTML 5Page - Infineon Technologies AG BAR90-098LRH Datasheet HTML 6Page - Infineon Technologies AG BAR90-098LRH Datasheet HTML 7Page - Infineon Technologies AG BAR90-098LRH Datasheet HTML 8Page - Infineon Technologies AG BAR90-098LRH Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2013-06-10
4
BAR90...
Diode capacitance CT = ƒ (VR)
f = Parameter
0
2
4
6
8
10
12
14
16
V
20
VR
0.1
0.15
0.2
0.25
0.3
0.35
0.4
pF
0.5
1 MHz
100 MHz
1 GHz
1.8 GHz
Reverse parallel resistance RP = ƒ(VR)
f = Parameter
0
2
4
6
8
10
12
14
16
V
20
VR
-1
10
0
10
1
10
2
10
3
10
4
10
KOhm
100 MHz
1 GHz
1.8 GHz
Forward resistance rf = ƒ (IF)
f = 100 MHz
10
-1
10
0
10
1
10
2
mA
IF
-1
10
0
10
1
10
Ohm
Forward current IF = ƒ (VF)
TA = Parameter
0.2
0.4
0.6
0.8
V
1.2
VF
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
A
-40°C
+25 °C
+85 °C
+125 °C


Similar Part No. - BAR90-098LRH

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BAR90-098LRH INFINEON-BAR90-098LRH Datasheet
904Kb / 10P
   Silicon Deep Trench PIN Diodes
2010-03-05
BAR90-098LRH INFINEON-BAR90-098LRH Datasheet
711Kb / 10P
   Silicon Deep Trench PIN Diodes
2013-06-10
BAR90-098LRH INFINEON-BAR90-098LRH Datasheet
711Kb / 10P
   Optimized for low bias current antenna switches in hand held applications
2013-06-10
More results

Similar Description - BAR90-098LRH

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BAR90-02LRH INFINEON-BAR90-02LRH Datasheet
904Kb / 10P
   Silicon Deep Trench PIN Diodes
2010-03-05
BAR90-02ELS INFINEON-BAR90-02ELS Datasheet
711Kb / 10P
   Silicon Deep Trench PIN Diodes
2013-06-10
logo
Guangdong Kexin Industr...
BAR60 KEXIN-BAR60 Datasheet
38Kb / 1P
   Silicon PIN Diodes
BAR14 KEXIN-BAR14 Datasheet
39Kb / 1P
   Silicon PIN Diodes
BAR50-03W KEXIN-BAR50-03W Datasheet
39Kb / 2P
   Silicon PIN Diodes
logo
Infineon Technologies A...
BAR50 INFINEON-BAR50 Datasheet
465Kb / 8P
   Silicon PIN Diodes
Feb-04-2003
logo
Vishay Siliconix
BA479G VISHAY-BA479G Datasheet
36Kb / 3P
   Silicon PIN Diodes
Rev. 2, 01-Apr-99
logo
Infineon Technologies A...
BAR-50-02V-H6327 INFINEON-BAR-50-02V-H6327 Datasheet
982Kb / 12P
   Silicon PIN Diodes
2011-07-18
BAR50 INFINEON-BAR50_09 Datasheet
874Kb / 12P
   Silicon PIN Diodes
2009-05-13
logo
Vishay Siliconix
BA7792 VISHAY-BA7792 Datasheet
46Kb / 3P
   Silicon PIN Diodes
Rev. 3, 01-Apr-99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com