Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAR90-098LRH Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # BAR90-098LRH
Description  Silicon Deep Trench PIN Diodes
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAR90-098LRH Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button BAR90-098LRH Datasheet HTML 2Page - Infineon Technologies AG BAR90-098LRH Datasheet HTML 3Page - Infineon Technologies AG BAR90-098LRH Datasheet HTML 4Page - Infineon Technologies AG BAR90-098LRH Datasheet HTML 5Page - Infineon Technologies AG BAR90-098LRH Datasheet HTML 6Page - Infineon Technologies AG BAR90-098LRH Datasheet HTML 7Page - Infineon Technologies AG BAR90-098LRH Datasheet HTML 8Page - Infineon Technologies AG BAR90-098LRH Datasheet HTML 9Page - Infineon Technologies AG BAR90-098LRH Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
2013-06-10
8
BAR90...
Package TSLP-4-7
1
2
4
3
3
4
0.05 MAX.
+0.01
0.39 -0.03
1) Dimension applies to plated terminal
1
2
±0.05
0.8
0.45 ±0.05
4x
0.25
1)
±0.035
Bottom view
Top view
Pin 1 marking
1.05
4
0.5
Pin 1
marking
Reel ø180 mm = 15.000 Pieces/Reel
For board assembly information please refer to Infineon website "Packages"
Package Outline
Foot Print
Marking Layout (Example)
Standard Packing
Stencil apertures
Copper
Solder mask
0.28
0.22
0.28
0.78
0.3
0.2
0.3
0.8
BAR90-07LRH
Type code
Pin 1 marking
Laser marking


Similar Part No. - BAR90-098LRH

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BAR90-098LRH INFINEON-BAR90-098LRH Datasheet
904Kb / 10P
   Silicon Deep Trench PIN Diodes
2010-03-05
BAR90-098LRH INFINEON-BAR90-098LRH Datasheet
711Kb / 10P
   Silicon Deep Trench PIN Diodes
2013-06-10
BAR90-098LRH INFINEON-BAR90-098LRH Datasheet
711Kb / 10P
   Optimized for low bias current antenna switches in hand held applications
2013-06-10
More results

Similar Description - BAR90-098LRH

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BAR90-02LRH INFINEON-BAR90-02LRH Datasheet
904Kb / 10P
   Silicon Deep Trench PIN Diodes
2010-03-05
BAR90-02ELS INFINEON-BAR90-02ELS Datasheet
711Kb / 10P
   Silicon Deep Trench PIN Diodes
2013-06-10
logo
Guangdong Kexin Industr...
BAR60 KEXIN-BAR60 Datasheet
38Kb / 1P
   Silicon PIN Diodes
BAR14 KEXIN-BAR14 Datasheet
39Kb / 1P
   Silicon PIN Diodes
BAR50-03W KEXIN-BAR50-03W Datasheet
39Kb / 2P
   Silicon PIN Diodes
logo
Infineon Technologies A...
BAR50 INFINEON-BAR50 Datasheet
465Kb / 8P
   Silicon PIN Diodes
Feb-04-2003
logo
Vishay Siliconix
BA479G VISHAY-BA479G Datasheet
36Kb / 3P
   Silicon PIN Diodes
Rev. 2, 01-Apr-99
logo
Infineon Technologies A...
BAR-50-02V-H6327 INFINEON-BAR-50-02V-H6327 Datasheet
982Kb / 12P
   Silicon PIN Diodes
2011-07-18
BAR50 INFINEON-BAR50_09 Datasheet
874Kb / 12P
   Silicon PIN Diodes
2009-05-13
logo
Vishay Siliconix
BA7792 VISHAY-BA7792 Datasheet
46Kb / 3P
   Silicon PIN Diodes
Rev. 3, 01-Apr-99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com