Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS51111-M22QFNR Datasheet(PDF) 5 Page - Semtech Corporation

Part # TS51111-M22QFNR
Description  High Efficiency Synchronous Rectifier and Charging IC for Wireless Power Applications
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TS51111-M22QFNR Datasheet(HTML) 5 Page - Semtech Corporation

  TS51111-M22QFNR Datasheet HTML 1Page - Semtech Corporation TS51111-M22QFNR Datasheet HTML 2Page - Semtech Corporation TS51111-M22QFNR Datasheet HTML 3Page - Semtech Corporation TS51111-M22QFNR Datasheet HTML 4Page - Semtech Corporation TS51111-M22QFNR Datasheet HTML 5Page - Semtech Corporation TS51111-M22QFNR Datasheet HTML 6Page - Semtech Corporation TS51111-M22QFNR Datasheet HTML 7Page - Semtech Corporation TS51111-M22QFNR Datasheet HTML 8Page - Semtech Corporation TS51111-M22QFNR Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
TS51111
Final Datasheet
Rev 2.2
April 17, 2015
www.semtech.com
5 of 22
Semtech
Proprietary & Confidential
Pin Description (QFN)
Pin #
Pin Name
Pin Function
Description
1
EN_MOD
Enable Modulation
Enables modulation switches
2
TXD
UART TX
UART Tx
3
RXD
UART RX
UART Rx
4
PACKS
Output Current Sense
Sense node for output current
5
PACKP_K
PACKP Kelvin
PACKP Kelvin
6
PACKP
Battery Connection
Battery positive terminal
7, 13-14
PDC
Rectified voltage
Filter capacitor connection for rectified voltage
8, 11-12
VAC1
Coil input
AC power input from coil
9-10, 17-18
PGND
Power gnd
GND for synchronous rectifier and charging path
15-16, 20
VAC2
Coil input
AC power input from coil
19
VAC_DET
VAC Detect
Indicates incoming power to external micro
21
OVP
OV Clamp
Overvoltage pulldown clamp
22
BST2
BST cap
Boost capacitor connection for HS FETs
23
BST1
BST cap
Boost capacitor connection for HS FETs
24
VCORE
VCORE LDO
LDO output
25
THERM
Thermistor Drive
Thermistor drive
26
SDA
I2C Data
I2C data
27
SCL
I2C Clock
I2C clock
28
NC
No Connect
No Connect
29
VREF
Vref Output
ADC reference output
30
AMUX
Analog Sense
Analog MUX output
31
UART
UART Bus
UART bus
32
PACKN
PACKN Sense
Battery negative terminal
33
AGND
Analog Ground
Quiet ground connection
34
MOD1
MOD cap connection
Pulldown for capacitive modulation
35
MOD2
MOD cap connection
Pulldown for capacitive modulation
36
USB
USB Supply
USB supply and detection input


Similar Part No. - TS51111-M22QFNR

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
TS51111-M22QFNR SEMTECH-TS51111-M22QFNR Datasheet
1Mb / 22P
   High Efficiency Synchronous Rectifier and Charging IC for Wireless Power Applications
More results

Similar Description - TS51111-M22QFNR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS51111 ETC2-TS51111 Datasheet
1Mb / 22P
   High Efficiency Synchronous Rectifier and Charging IC for Wireless Power Applications
logo
Semtech Corporation
TS51111 SEMTECH-TS51111 Datasheet
1Mb / 22P
   High Efficiency Synchronous Rectifier and Charging IC for Wireless Power Applications
TS51221 SEMTECH-TS51221 Datasheet
1Mb / 18P
   High Efficiency Regulator IC for Wireless Power Receiver Applications
logo
Renesas Technology Corp
RAA457100GBM RENESAS-RAA457100GBM Datasheet
867Kb / 27P
   Wireless Charging System Receiver IC for Low Power Applications
RAA458100GNP RENESAS-RAA458100GNP Datasheet
366Kb / 24P
   Wireless Charging System Transmitter IC for Low Power Applications
logo
Infineon Technologies A...
WLC1515 INFINEON-WLC1515 Datasheet
628Kb / 44P
   Wireless charging IC (WLC) 15-W transmitter for automotive applications
Rev. A 2023-05-18
logo
Renesas Technology Corp
P9243-GB RENESAS-P9243-GB Datasheet
1Mb / 41P
   Wireless Power Transmitter for Smartphones with Fast Charging Modes and 15W Applications
July 7, 2020
P9241-G RENESAS-P9241-G Datasheet
1Mb / 40P
   Wireless Power Transmitter for Smartphones with Fast Charging Modes for 5W, 7.5W, and 10W Applications
March 8, 2019
logo
List of Unclassifed Man...
XKT-412 ETC-XKT-412 Datasheet
910Kb / 9P
   Wireless Power Transfer/Charging
logo
Texas Instruments
BQ500100 TI1-BQ500100 Datasheet
332Kb / 18P
[Old version datasheet]   High-Side Current Sensor for Wireless Charging
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com