Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7515IY-T13 Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL7515IY-T13
Description  High Frequency PWM Step-Up Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7515IY-T13 Datasheet(HTML) 1 Page - Intersil Corporation

  EL7515IY-T13 Datasheet HTML 1Page - Intersil Corporation EL7515IY-T13 Datasheet HTML 2Page - Intersil Corporation EL7515IY-T13 Datasheet HTML 3Page - Intersil Corporation EL7515IY-T13 Datasheet HTML 4Page - Intersil Corporation EL7515IY-T13 Datasheet HTML 5Page - Intersil Corporation EL7515IY-T13 Datasheet HTML 6Page - Intersil Corporation EL7515IY-T13 Datasheet HTML 7Page - Intersil Corporation EL7515IY-T13 Datasheet HTML 8Page - Intersil Corporation EL7515IY-T13 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
®
FN7120.1
EL7515
High Frequency PWM Step-Up Regulator
The EL7515 is a high frequency, high efficiency step-up
DC:DC regulator operated at fixed frequency PWM mode.
With an integrated 1.4A MOSFET, it can deliver up to 600mA
output current at up to 92% efficiency. The adjustable
switching frequency is up to 1.2MHz, making it ideal for DSL
applications.
When shut down, it draws <1µA of current. This feature,
along with the minimum starting voltage of 1.8V, makes it
suitable for portable equipment powered by one lithium ion,
3 to 4 NiMH cells, or 2 cells of alkaline battery.
The EL7515 is available in a 10-pin MSOP package, with
maximum height of 1.1mm. With proper external
components, the whole converter takes less than 0.25in2
PCB space.
This device is specified for operation over the full -40°C to
+85°C temperature range.
Pinout
EL7515
(10-PIN MSOP)
TOP VIEW
Features
• Up to 92% efficiency
• Up to 600mA IOUT
•4.5V < VOUT < 17V
•1.8V < VIN < 13.2V
• Up to 1.2MHz adjustable frequency
• <1µA shutdown current
• Adjustable soft-start
• Low battery detection
• Internal thermal protection
• 1.1mm max height 10-pin MSOP package
• Pb-Free available (RoHS compliant)
Applications
• 3V to 5V and 12V converters
• 5V to 12V converters
•TFT-LCD
•DSL
• Portable equipment
• Desktop equipment
LX
VDD
FB
SS
LBO
LBI
EN
SGND
RT
PGND 1
2
3
4
10
9
8
7
5
6
Ordering Information
PART
NUMBER
PACKAGE
TAPE & REEL PKG. DWG. #
EL7515IY
10-Pin MSOP
-
MDP0043
EL7515IY-T7
10-Pin MSOP
7”
MDP0043
EL7515IY-T13
10-Pin MSOP
13”
MDP0043
EL7515IYZ
(See Note)
10-Pin MSOP
(Pb-free)
-
MDP0043
EL7515IYZ-T7
(See Note)
10-Pin MSOP
(Pb-free)
7”
MDP0043
EL7515IYZ-
T13 (See Note)
10-Pin MSOP
(Pb-free)
13”
MDP0043
NOTE: Intersil Pb-free products employ special Pb-free material sets;
molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with
both SnPb and Pb-free soldering operations. Intersil Pb-free products
are MSL classified at Pb-free peak reflow temperatures that meet or
exceed the Pb-free requirements of IPC/JEDEC J STD-020.
Data Sheet
May 13, 2005
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-352-6832
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2003, 2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - EL7515IY-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7515IY-T13 INTERSIL-EL7515IY-T13 Datasheet
179Kb / 9P
   High Frequency PWM Step-Up Regulator
logo
Renesas Technology Corp
EL7515IY-T13 RENESAS-EL7515IY-T13 Datasheet
492Kb / 9P
   High Frequency PWM Step-Up Regulator
More results

Similar Description - EL7515IY-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL7515 RENESAS-EL7515 Datasheet
492Kb / 9P
   High Frequency PWM Step-Up Regulator
EL7512 RENESAS-EL7512 Datasheet
501Kb / 8P
   High Frequency PWM Step-Up Regulator
logo
Intersil Corporation
EL7515 INTERSIL-EL7515_07 Datasheet
179Kb / 9P
   High Frequency PWM Step-Up Regulator
logo
Elantec Semiconductor
EL7512C ELANTEC-EL7512C Datasheet
1Mb / 9P
   High Frequency PWM Step-Up Regulator
logo
Intersil Corporation
EL7512 INTERSIL-EL7512 Datasheet
249Kb / 8P
   High Frequency PWM Step-Up Regulator
logo
ON Semiconductor
NCP1400A-D ONSEMI-NCP1400A-D Datasheet
138Kb / 16P
   100mA, Fixed Frequency PWM Step-Up Micropower Switching Regulator
June, 2004 ??Rev. 9
logo
Seiko Instruments Inc
S8337 SII-S8337 Datasheet
2Mb / 51P
   STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8337 ABLIC-S-8337 Datasheet
452Kb / 45P
   STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.5.0_00
logo
Intersil Corporation
EL7516IY INTERSIL-EL7516IY Datasheet
195Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
October 9, 2007
ISL97519A INTERSIL-ISL97519A Datasheet
373Kb / 9P
   600kHz/1.2MHz PWM Step-Up Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com