Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

150-CRZ Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 150-CRZ
Description  Aluminum Electrolytic Capacitors SMD (Chip), Very Low Z
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

150-CRZ Datasheet(HTML) 1 Page - Vishay Siliconix

  150-CRZ Datasheet HTML 1Page - Vishay Siliconix 150-CRZ Datasheet HTML 2Page - Vishay Siliconix 150-CRZ Datasheet HTML 3Page - Vishay Siliconix 150-CRZ Datasheet HTML 4Page - Vishay Siliconix 150-CRZ Datasheet HTML 5Page - Vishay Siliconix 150-CRZ Datasheet HTML 6Page - Vishay Siliconix 150-CRZ Datasheet HTML 7Page - Vishay Siliconix 150-CRZ Datasheet HTML 8Page - Vishay Siliconix 150-CRZ Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
150 CRZ
www.vishay.com
Vishay BCcomponents
Revision: 12-Dec-16
1
Document Number: 28395
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Aluminum Electrolytic Capacitors
SMD (Chip), Very Low Z
Fig. 1
FEATURES
• Extended useful life: up to 10 000 h at 105 °C
for MAL215099...E3 parts
• Polarized aluminum electrolytic capacitors,
non-solid electrolyte, self healing
• SMD-version with base plate, lead (Pb)-free
reflow solderable
• Very low impedance, very high ripple current
• Charge and discharge proof, no peak current limitation
• Parts for advanced high temperature reflow soldering
according to JEDEC® J-STD-020
• Vibration proof, 4-pin version and 6-pin version
• AEC-Q200 qualified
• High reliability
•Low ESR
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• SMD technology, for high temperature reflow soldering
• Industrial and professional applications
• Automotive, general industrial, telecom
• Smoothing, filtering, buffering
MARKING
• Rated capacitance (in μF)
• Rated voltage (in V)
• Date code, in accordance with IEC 60062
• Black mark or “-” sign indicating the cathode (the anode is
identified by bevelled edges)
• Code indicating group number (Z)
PACKAGING
Supplied in blister tape on reel
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Nominal case sizes
(L x W x H in mm)
8 x 8 x 10
to 18 x 18 x 21
Rated capacitance range, CR
4.7 μF to 10 000 μF
Tolerance on CR
± 20 %
Rated voltage range, UR
6.3 V to 100 V
Category temperature range
6.3 V to 63 V:
-55 °C to +105 °C
80 V to 100 V:
-40 °C to +105 °C
Endurance test at 105 °C
2000 h to 8000 h
Useful life at 105 °C
2500 h to 10 000 h
Useful life at 40 °C;
1.8 x lR applied
125 000 h to 500 000 h
Shelf life at 0 V, 105 °C
1000 h
Based on sectional
specification
IEC 60384-18 / CECC 32300
Climatic category IEC 60068
6.3 V to 63 V:
55 / 105 / 56
80 V to 100 V:
40 / 105 / 56
High temp.
150 CRZ
140 CRH
125 °C
146 CTI
153 CRV
Lower Z
Lower Z


Similar Part No. - 150-CRZ

ManufacturerPart #DatasheetDescription
logo
WECO ELECTRICAL CONNECT...
150-C-111 WECO-150-C-111 Datasheet
66Kb / 1P
   PCB connector Screw connection diagonal 45° to PCB, interlocking, with test holes
01.13
150-C-111/02 WECO-150-C-111/02 Datasheet
66Kb / 1P
   PCB connector Screw connection diagonal 45° to PCB, interlocking, with test holes
01.13
150-C-111/03 WECO-150-C-111/03 Datasheet
66Kb / 1P
   PCB connector Screw connection diagonal 45° to PCB, interlocking, with test holes
01.13
logo
Toshiba Semiconductor
150-C02F TOSHIBA-150-C02F Datasheet
852Kb / 26P
   PROJECTION TV
2004
More results

Similar Description - 150-CRZ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
150CRZ VISHAY-150CRZ_V01 Datasheet
163Kb / 14P
   Aluminum Electrolytic Capacitors SMD (Chip), Very Low Z
01-Jan-2023
150CRZ VISHAY-150CRZ_16 Datasheet
165Kb / 14P
   Aluminum Electrolytic Capacitors SMD (Chip), Very Low Z
Revision: 12-Dec-16
150CRZ VISHAY-150CRZ_11 Datasheet
153Kb / 13P
   Aluminum Capacitors SMD (Chip), Very Low Z
Revision: 17-Jun-11
150CRZ VISHAY-150CRZ_13 Datasheet
151Kb / 13P
   Aluminum Capacitors SMD (Chip), Very Low Z
Revision: 23-Apr-13
150CRZ VISHAY-150CRZ Datasheet
129Kb / 9P
   Aluminum Capacitors SMD (Chip), Very Low Z
Revision: 30-Oct-08
222215097101 VISHAY-222215097101 Datasheet
151Kb / 13P
   Aluminum Capacitors SMD (Chip), Very Low Z
Revision: 23-Apr-13
150CLZ VISHAY-150CLZ Datasheet
108Kb / 7P
   Aluminum Capacitors SMD (Chip), Very Low Z
Revision: 03-Jul-08
MAL215099012E3 VISHAY-MAL215099012E3 Datasheet
151Kb / 13P
   Aluminum Capacitors SMD (Chip), Very Low Z
Revision: 23-Apr-13
250CRZ-V VISHAY-250CRZ-V_V01 Datasheet
132Kb / 10P
   Aluminum Electrolytic Capacitors SMD (Chip), Very Low Z, High Vibration Capability
01-Jan-2023
250CRZ-V VISHAY-250CRZ-V Datasheet
137Kb / 10P
   Aluminum Electrolytic Capacitors SMD (Chip), Very Low Z, High Vibration Capability
Revision: 12-Apr-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com