Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

150-CRZ Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 150-CRZ
Description  Aluminum Electrolytic Capacitors SMD (Chip), Very Low Z
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

150-CRZ Datasheet(HTML) 2 Page - Vishay Siliconix

  150-CRZ Datasheet HTML 1Page - Vishay Siliconix 150-CRZ Datasheet HTML 2Page - Vishay Siliconix 150-CRZ Datasheet HTML 3Page - Vishay Siliconix 150-CRZ Datasheet HTML 4Page - Vishay Siliconix 150-CRZ Datasheet HTML 5Page - Vishay Siliconix 150-CRZ Datasheet HTML 6Page - Vishay Siliconix 150-CRZ Datasheet HTML 7Page - Vishay Siliconix 150-CRZ Datasheet HTML 8Page - Vishay Siliconix 150-CRZ Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
150 CRZ
www.vishay.com
Vishay BCcomponents
Revision: 12-Dec-16
2
Document Number: 28395
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 2 - Dimensional outline
SELECTION CHART FOR CR, UR, AND RELEVANT NOMINAL CASE SIZES (L x W x H in mm)
CR
(μF)
UR (V)
6.3
10
1625
3550
63
80
100
4.7


10 x 10 x 10
10


10 x 10 x 10
22


10 x 10 x 10
33


8 x 8 x 10
10 x 10 x 10
47


8 x 8 x 10
10 x 10 x 10
10 x 10 x 12


10 x 10 x 10
-
68

8 x 8 x 10
10 x 10 x 10
12.5 x 12.5 x 13
100

8 x 8 x 10
10 x 10 x 10
10 x 10 x 12
10 x 10 x 12
12.5 x 12.5 x 13
10 x 10 x 14
-
150

8 x 8 x 10

12.5 x 12.5 x 1312.5 x 12.5 x 1312.5 x 12.5 x 16
220

8 x 8 x 10
8 x 8 x 10
10 x 10 x 10
10 x 10 x 12
12.5 x 12.5 x 1612.5 x 12.5 x 16
16 x 16 x 16
10 x 10 x 14
-
330
8 x 8 x 10
8 x 8 x 10
10 x 10 x 10
10 x 10 x 12
12.5 x 12.5 x 13 16 x 16 x 16
16 x 16 x 16
16 x 16 x 21
10 x 10 x 14
18 x 18 x 16
470
8 x 8 x 10
8 x 8 x 10
10 x 10 x 10
10 x 10 x 12
12.5 x 12.5 x 13
16 x 16 x 21
16 x 16 x 21
18 x 18 x 21
10 x 10 x 14
18 x 18 x 16
18 x 18 x 16
-
680
10 x 10 x 10
10 x 10 x 12
12.5 x 12.5 x 1312.5 x 12.5 x 16 16 x 16 x 16
18 x 18 x 21
18 x 18 x 21
-
10 x 10 x 14
-
1000
10 x 10 x 10
10 x 10 x 12
12.5 x 12.5 x 1312.5 x 12.5 x 16 16 x 16 x 16
16 x 16 x 21
-
-
-
10 x 10 x 14
18 x 18 x 16
-
-
-
1500
12.5 x 12.5 x 1312.5 x 12.5 x 16 16 x 16 x 16
16 x 16 x 21
18 x 18 x 21
-
-
-
18 x 18 x 16
-
-
-
-
2200 12.5 x 12.5 x 1312.5 x 12.5 x 16 16 x 16 x 16
16 x 16 x 21
18 x 18 x 21
-
-
-
-
18 x 18 x 16
-
-
-
-
-
3300
16 x 16 x 16
16 x 16 x 21
18 x 18 x 21
-
-
-
-
-
18 x 18 x 16
-
-
-
-
-
-
4700
16 x 16 x 16
16 x 16 x 21
18 x 18 x 21
-
-
-
-
-
-
18 x 18 x 16
-
-
-
-
-
-
-
6800
16 x 16 x 21
18 x 18 x 21
-
-
-
-
-
-
-
18 x 18 x 16
-
-
-
-
-
-
-
-
10 000 18 x 18 x 21
-
-
-
-
-
-
-
-
2-pin:
W
MAX.
W
MAX.
W
MAX.
S
L
MAX.
L
MAX.
L
MAX.
B
L1
MAX.
H
MAX.
MAX 0.3
D
4-pin:
H
MAX.
H
MAX.
D
S
B
≤ Ø 10 mm
Ø 12.5 mm
MAX 0.3
D
6-pin:
Ø 16 mm
S
B
MAX. 0.3
L1
MAX.
L1
MAX.


Similar Part No. - 150-CRZ

ManufacturerPart #DatasheetDescription
logo
WECO ELECTRICAL CONNECT...
150-C-111 WECO-150-C-111 Datasheet
66Kb / 1P
   PCB connector Screw connection diagonal 45° to PCB, interlocking, with test holes
01.13
150-C-111/02 WECO-150-C-111/02 Datasheet
66Kb / 1P
   PCB connector Screw connection diagonal 45° to PCB, interlocking, with test holes
01.13
150-C-111/03 WECO-150-C-111/03 Datasheet
66Kb / 1P
   PCB connector Screw connection diagonal 45° to PCB, interlocking, with test holes
01.13
logo
Toshiba Semiconductor
150-C02F TOSHIBA-150-C02F Datasheet
852Kb / 26P
   PROJECTION TV
2004
More results

Similar Description - 150-CRZ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
150CRZ VISHAY-150CRZ_V01 Datasheet
163Kb / 14P
   Aluminum Electrolytic Capacitors SMD (Chip), Very Low Z
01-Jan-2023
150CRZ VISHAY-150CRZ_16 Datasheet
165Kb / 14P
   Aluminum Electrolytic Capacitors SMD (Chip), Very Low Z
Revision: 12-Dec-16
150CRZ VISHAY-150CRZ_11 Datasheet
153Kb / 13P
   Aluminum Capacitors SMD (Chip), Very Low Z
Revision: 17-Jun-11
150CRZ VISHAY-150CRZ_13 Datasheet
151Kb / 13P
   Aluminum Capacitors SMD (Chip), Very Low Z
Revision: 23-Apr-13
150CRZ VISHAY-150CRZ Datasheet
129Kb / 9P
   Aluminum Capacitors SMD (Chip), Very Low Z
Revision: 30-Oct-08
222215097101 VISHAY-222215097101 Datasheet
151Kb / 13P
   Aluminum Capacitors SMD (Chip), Very Low Z
Revision: 23-Apr-13
150CLZ VISHAY-150CLZ Datasheet
108Kb / 7P
   Aluminum Capacitors SMD (Chip), Very Low Z
Revision: 03-Jul-08
MAL215099012E3 VISHAY-MAL215099012E3 Datasheet
151Kb / 13P
   Aluminum Capacitors SMD (Chip), Very Low Z
Revision: 23-Apr-13
250CRZ-V VISHAY-250CRZ-V_V01 Datasheet
132Kb / 10P
   Aluminum Electrolytic Capacitors SMD (Chip), Very Low Z, High Vibration Capability
01-Jan-2023
250CRZ-V VISHAY-250CRZ-V Datasheet
137Kb / 10P
   Aluminum Electrolytic Capacitors SMD (Chip), Very Low Z, High Vibration Capability
Revision: 12-Apr-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com