Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN1540 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FAN1540
Description  1A/1.3A, LDO With Low Quiescent Current
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1540 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FAN1540 Datasheet HTML 2Page - Fairchild Semiconductor FAN1540 Datasheet HTML 3Page - Fairchild Semiconductor FAN1540 Datasheet HTML 4Page - Fairchild Semiconductor FAN1540 Datasheet HTML 5Page - Fairchild Semiconductor FAN1540 Datasheet HTML 6Page - Fairchild Semiconductor FAN1540 Datasheet HTML 7Page - Fairchild Semiconductor FAN1540 Datasheet HTML 8Page - Fairchild Semiconductor FAN1540 Datasheet HTML 9Page - Fairchild Semiconductor FAN1540 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
FAN1539/FAN1540
PRODUCT SPECIFICATION
6
REV. 1.0.8 3/22/04
Electrical Characteristics—FAN1540D18X
Unless otherwise specified, VIN = 3.135V to 3.465V, Tj= 25°C, IMAX = 1.3A. Boldface limits apply over operating junction
temperature range of 0
TEST CONDITIONS
TEST LIMITS
Parameter
Symbol
VIN
IOUT
Min.
Typ.
Max.
Units
Output Voltage
VOUT
1.755 1.800 1.845
V
Line Regulation
REG(LINE)
310
mV
Load Regulation REG(LOAD)
3.3V
20
40
mV
Dropout Voltage
(Note 6)
VD
IOUT = IMAX
0.9
1.2
V
Current Limit
IS
3.3V
2.5
A
Min. Output
Current for
regulation
IOMIN
0
mA
Temperature
Stability
TS
IOUT = 5mA
0.3
%
RMS Output
Noise
(Note 7)
VN
IOUT = IMAX
0.003
%VOUT
Ripple Rejection
Ratio (Note 8)
RA
3.3V
IOUT = 500mA
40
dB
Transient
Response
Change of VOUT
with step load
change (Note 9)
3.3V
1mA to IMAX
2.0
10
(un-
der-
shoot
or
over-
shoot
of
VOUT)
%
IMAX to 1mA
Transient
Response
Change of VOUT
with application
of VIN
(Note 9)
0 to 1.8V Step Input
10% to 90%
3.0
10
(un-
der-
shoot
or
over-
shoot
of
VOUT)
%
°CT
J
125
°C.
≤≤
3.15V
V
IN
3.465V
≤≤
5mA
I
OUT
I
MAX
≤≤
3.135V
V
IN
3.465V
≤≤
5mA
I
OUT
I
MAX
≤≤
5mA
I
OUT
I
MAX
∆V
OUT
3%
()
∆V
OUT
∆I
OUT
-----------------
t
r
1
µS
t
f
1
µS
∆V
OUT
∆V
IN
-----------------
t
r
1
µS
1mA
I
OUT
I
MAX


Similar Part No. - FAN1540

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1540 FAIRCHILD-FAN1540 Datasheet
577Kb / 15P
   1A/1.3A, LDO with Low Quiescent Current
FAN1540D18X FAIRCHILD-FAN1540D18X Datasheet
577Kb / 15P
   1A/1.3A, LDO with Low Quiescent Current
FAN1540DX FAIRCHILD-FAN1540DX Datasheet
577Kb / 15P
   1A/1.3A, LDO with Low Quiescent Current
FAN1540MMPX FAIRCHILD-FAN1540MMPX Datasheet
577Kb / 15P
   1A/1.3A, LDO with Low Quiescent Current
FAN1540MPX FAIRCHILD-FAN1540MPX Datasheet
577Kb / 15P
   1A/1.3A, LDO with Low Quiescent Current
More results

Similar Description - FAN1540

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1539 FAIRCHILD-FAN1539_05 Datasheet
577Kb / 15P
   1A/1.3A, LDO with Low Quiescent Current
logo
ams AG
AS1375 AMSCO-AS1375 Datasheet
853Kb / 11P
   1A Quiescent Current, 200mA LDO
logo
Microchip Technology
MCP1726 MICROCHIP-MCP1726_14 Datasheet
682Kb / 32P
   1A, Low-Voltage, Low Quiescent Current LDO Regulator
03/25/14
MCP1726-3302E MICROCHIP-MCP1726-3302E Datasheet
534Kb / 30P
   1A, Low Voltage, Low Quiescent Current LDO Regulator
06/25/07
logo
ams AG
AS1376 AMSCO-AS1376 Datasheet
1Mb / 20P
   1A, Low Input Voltage, Low Quiescent Current LDO
logo
Microchip Technology
MCP1726 MICROCHIP-MCP1726 Datasheet
431Kb / 30P
   1A, Low Voltage, Low Quiescent Current LDO Regulator
2005
MCP1700 MICROCHIP-MCP1700 Datasheet
522Kb / 22P
   Low Quiescent Current LDO
2003
MCP1700T-5002E MICROCHIP-MCP1700T-5002E Datasheet
654Kb / 24P
   Low Quiescent Current LDO
12/08/06
logo
Seaward Electronics Inc...
SE8801 SEAWARD-SE8801 Datasheet
469Kb / 7P
   Low Quiescent Current LDO
logo
Microchip Technology
MCP1700T-2502E MICROCHIP-MCP1700T-2502E Datasheet
654Kb / 24P
   Low Quiescent Current LDO
12/08/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com