Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG-BGA-7144 Datasheet(PDF) 2 Page - Ironwood Electronics.

Part # SG-BGA-7144
Description  Compression plate distributes forces evenly
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SG-BGA-7144 Datasheet(HTML) 2 Page - Ironwood Electronics.

  SG-BGA-7144 Datasheet HTML 1Page - Ironwood Electronics. SG-BGA-7144 Datasheet HTML 2Page - Ironwood Electronics. SG-BGA-7144 Datasheet HTML 3Page - Ironwood Electronics. SG-BGA-7144 Datasheet HTML 4Page - Ironwood Electronics. SG-BGA-7144 Datasheet HTML 5Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PAGE 2 of 5
Recommended PCB Layout Tolerances: ±0.025mm [±0.001”] unless stated otherwise.
Recommended PCB Layout
Top View
Target PCB Recommendations
Total thickness: 1.6mm min.
Plating: Gold or Solder finish
PCB Pad height: Same or higher than solder mask
NOTE: Steel backing plate may be required based on end user's application
Status: Released
Drawing: M.A. Fedde
Scale: -
Rev: A
Date: 4/16/09
File: SG-BGA-7144 Dwg.mcd
SG-BGA-7144 Drawing
© 2009 IRONWOOD ELECTRONICS, INC.
11351 Rupp Dr. Suite 400 Burnsville, MN 55337
Tele: (952) 229-8200
www.ironwoodelectronics.com
Modified:
3.50mm
2.50mm
13.00mm
Nonplated Mounting Hole
Nonplated Alignment Hole
A1 Orientation Mark
19.00mm
Ø 2.25mm(x2)
12.00mm
17.00mm
25.00mm
25.00mm
4.00mm square
4.00mm square
IC size
Socket size
13.00mm
12.00mm
17.00mm
19.00mm
0.50mm typ.
3.50mm
Ø 0.28mm Pad
Ø 1.50mm(x2)
Ø 3.00mm (x2)


Similar Part No. - SG-BGA-7144

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SG-BGA-7140 IRONWOOD-SG-BGA-7140 Datasheet
79Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7141 IRONWOOD-SG-BGA-7141 Datasheet
110Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7142 IRONWOOD-SG-BGA-7142 Datasheet
62Kb / 3P
   Compression plate distributes forces evenly
SG-BGA-7145 IRONWOOD-SG-BGA-7145 Datasheet
134Kb / 5P
   Ball guide prevents over compression of elastomer
SG-BGA-7146 IRONWOOD-SG-BGA-7146 Datasheet
411Kb / 5P
   Compression plate distributes forces evenly
More results

Similar Description - SG-BGA-7144

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SS-QFN12E-01 IRONWOOD-SS-QFN12E-01 Datasheet
78Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7058 IRONWOOD-SG-BGA-7058 Datasheet
58Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7123 IRONWOOD-SG-BGA-7123 Datasheet
64Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7246 IRONWOOD-SG-BGA-7246 Datasheet
373Kb / 5P
   Compression plate distributes forces evenly
SG-QFE-7000 IRONWOOD-SG-QFE-7000 Datasheet
44Kb / 3P
   Compression plate distributes forces evenly
XG-LGA-7000 IRONWOOD-XG-LGA-7000 Datasheet
64Kb / 4P
   Compression plate distributes forces evenly
XG-LGA-7004 IRONWOOD-XG-LGA-7004 Datasheet
583Kb / 4P
   Compression plate distributes forces evenly
XG-QFN-9000 IRONWOOD-XG-QFN-9000 Datasheet
43Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6184 IRONWOOD-SG-BGA-6184 Datasheet
58Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6147 IRONWOOD-SG-BGA-6147 Datasheet
96Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6113 IRONWOOD-SG-BGA-6113 Datasheet
38Kb / 3P
   Compression plate distributes forces evenly
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com