Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFR5101F100J11L4BULK Datasheet(PDF) 9 Page - Kemet Corporation

Part # PFR5101F100J11L4BULK
Description  PFR Series Polypropylene Film/Foil, Radial
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

PFR5101F100J11L4BULK Datasheet(HTML) 9 Page - Kemet Corporation

Back Button PFR5101F100J11L4BULK Datasheet HTML 4Page - Kemet Corporation PFR5101F100J11L4BULK Datasheet HTML 5Page - Kemet Corporation PFR5101F100J11L4BULK Datasheet HTML 6Page - Kemet Corporation PFR5101F100J11L4BULK Datasheet HTML 7Page - Kemet Corporation PFR5101F100J11L4BULK Datasheet HTML 8Page - Kemet Corporation PFR5101F100J11L4BULK Datasheet HTML 9Page - Kemet Corporation PFR5101F100J11L4BULK Datasheet HTML 10Page - Kemet Corporation PFR5101F100J11L4BULK Datasheet HTML 11Page - Kemet Corporation PFR5101F100J11L4BULK Datasheet HTML 12Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
F3036_PFR • 9/19/2016
9
Film Capacitors – General Purpose, Pulse and DC Transient Suppression
PFR Series Polypropylene Film/Foil, Radial
Marking
• Series
• Capacitance
• Capacitance tolerance
• Rated DC voltage
Packaging Quantities
KEMET
Size Code
Legacy
Size Code
Lead
Spacing
Thickness
(mm)
Height
(mm)
Length
(mm)
Bulk
Short
Leads
Bulk
Long
Leads
Standard
Reel
ø 360 mm
Large Reel
ø 500 mm Ammo
JF
J01
5
2.5
6.5
7.2
2000
2000
2500
5000
3000
JJ
J02
3.5
8
7.2
2000
2000
2000
4000
2000
JL
J03
4.5
9
7.2
1000
1000
1500
3000
1700
JQ
J04
5
10
7.2
1000
1000
1300
2600
1500
JT
J05
6
11
7.2
1000
1000
1000
2000
1200
JU
J06
7.2
13
7.2
1000
1000
800
1600
JH
J11
4.5
6
7.2
1000
1000
1500
3000
1700
JK
J12
5.5
7
7.2
1000
1000
1200
2400
1300
JR
J13
6.5
8
7.2
1000
1000
900
1800
1100


Similar Part No. - PFR5101F100J11L4BULK

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PFR5151J1000J11L4BULK KEMET-PFR5151J1000J11L4BULK Datasheet
56Kb / 1P
   Film, Film/Foil Polypropylene, Commercial Grade, PFR/F411, 150 pF, 5%, 1,000 V, 85C, Lead Spacing = 5mm
More results

Similar Description - PFR5101F100J11L4BULK

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PHE448RB4150JR06 KEMET-PHE448RB4150JR06 Datasheet
2Mb / 13P
   PHE448 Series Polypropylene Film/Foil, Radial
R73EI2470AA00H KEMET-R73EI2470AA00H Datasheet
1Mb / 20P
   R73 Series Polypropylene Film/Foil, Radial (Automotive Grade)
logo
List of Unclassifed Man...
2013S ETC2-2013S Datasheet
29Kb / 1P
   POLYPROPYLENE FILM & FOIL RADIAL EPOXY DIP, SERIES WOUND
logo
RFE international
PPS222J3A RFE-PPS222J3A Datasheet
85Kb / 1P
   POLYPROPYLENE FILM CAPACITORS PPS Series: High Voltage Radial Dipped, Film Foil
logo
Kemet Corporation
C274AC35120AA0J KEMET-C274AC35120AA0J Datasheet
56Kb / 1P
   Capacitor, film, Film-Foil Polypropylene
logo
List of Unclassifed Man...
PFR ETC1-PFR Datasheet
27Kb / 4P
   Polypropylene film/foil capacitor
KP460 ETC1-KP460 Datasheet
1,015Kb / 29P
   Polypropylene film foil capacitors
logo
Cornell Dubilier Electr...
WPP1D1K-F CDE-WPP1D1K-F Datasheet
156Kb / 2P
   Film/Foil Polypropylene Capacitors
logo
Vishay Siliconix
KP460 VISHAY-KP460_02 Datasheet
1Mb / 29P
   Polypropylene film foil capacitors
2002 Oct 09
logo
RFE international
PPL333K2A RFE-PPL333K2A Datasheet
61Kb / 1P
   POLYPROPYLENE FILM CAPACITORS PPL Series: Film Foil
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com