Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFR5101K100J11L4BULK Datasheet(PDF) 11 Page - Kemet Corporation

Part # PFR5101K100J11L4BULK
Description  PFR Series Polypropylene Film/Foil, Radial
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

PFR5101K100J11L4BULK Datasheet(HTML) 11 Page - Kemet Corporation

Back Button PFR5101K100J11L4BULK Datasheet HTML 4Page - Kemet Corporation PFR5101K100J11L4BULK Datasheet HTML 5Page - Kemet Corporation PFR5101K100J11L4BULK Datasheet HTML 6Page - Kemet Corporation PFR5101K100J11L4BULK Datasheet HTML 7Page - Kemet Corporation PFR5101K100J11L4BULK Datasheet HTML 8Page - Kemet Corporation PFR5101K100J11L4BULK Datasheet HTML 9Page - Kemet Corporation PFR5101K100J11L4BULK Datasheet HTML 10Page - Kemet Corporation PFR5101K100J11L4BULK Datasheet HTML 11Page - Kemet Corporation PFR5101K100J11L4BULK Datasheet HTML 12Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
F3036_PFR • 9/19/2016 11
Film Capacitors – General Purpose, Pulse and DC Transient Suppression
PFR Series Polypropylene Film/Foil, Radial
H
T
W
Lead Taping & Packaging (IEC 60286–2) cont'd
Ammo Specifications
Series
Dimensions (mm)
H
W
T
R4x,R4x+R,R7x,RSB
360
340
59
F5A, F5B, F5D
F6xx, F8xx
PHExxx, PMExxx, PMRxxx,
SMR & PFR
330
330
50
Reel Specifications
Series
Dimensions (mm)
D
H
W
R4x,R4x+R,R7x,RSB
355
500
30
25
55 (Max)
F5A, F5B, F5D
F6xx, F8xx
PHExxx, PMExxx, PMRxxx,
SMR & PFR
360
500
30
46 (Max)
Manufacturing Date Code (IEC–60062)
Y = Year, Z = Month
Year
Code
Month
Code
2000
M
January
1
2001
N
February
2
2002
P
March
3
2003
R
April
4
2004
S
May
5
2005
T
June
6
2006
U
July
7
2007
V
August
8
2008
W
September
9
2009
X
October
O
2010
A
November
N
2011
B
December
D
2012
C
2013
D
2014
E
2015
F
2016
H
2017
J
2018
K
2019
L
2020
M
D
W
H


Similar Part No. - PFR5101K100J11L4BULK

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PFR5151J1000J11L4BULK KEMET-PFR5151J1000J11L4BULK Datasheet
56Kb / 1P
   Film, Film/Foil Polypropylene, Commercial Grade, PFR/F411, 150 pF, 5%, 1,000 V, 85C, Lead Spacing = 5mm
More results

Similar Description - PFR5101K100J11L4BULK

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PHE448RB4150JR06 KEMET-PHE448RB4150JR06 Datasheet
2Mb / 13P
   PHE448 Series Polypropylene Film/Foil, Radial
R73EI2470AA00H KEMET-R73EI2470AA00H Datasheet
1Mb / 20P
   R73 Series Polypropylene Film/Foil, Radial (Automotive Grade)
logo
List of Unclassifed Man...
2013S ETC2-2013S Datasheet
29Kb / 1P
   POLYPROPYLENE FILM & FOIL RADIAL EPOXY DIP, SERIES WOUND
logo
RFE international
PPS222J3A RFE-PPS222J3A Datasheet
85Kb / 1P
   POLYPROPYLENE FILM CAPACITORS PPS Series: High Voltage Radial Dipped, Film Foil
logo
Kemet Corporation
C274AC35120AA0J KEMET-C274AC35120AA0J Datasheet
56Kb / 1P
   Capacitor, film, Film-Foil Polypropylene
logo
List of Unclassifed Man...
PFR ETC1-PFR Datasheet
27Kb / 4P
   Polypropylene film/foil capacitor
KP460 ETC1-KP460 Datasheet
1,015Kb / 29P
   Polypropylene film foil capacitors
logo
Cornell Dubilier Electr...
WPP1D1K-F CDE-WPP1D1K-F Datasheet
156Kb / 2P
   Film/Foil Polypropylene Capacitors
logo
Vishay Siliconix
KP460 VISHAY-KP460_02 Datasheet
1Mb / 29P
   Polypropylene film foil capacitors
2002 Oct 09
logo
RFE international
PPL333K2A RFE-PPL333K2A Datasheet
61Kb / 1P
   POLYPROPYLENE FILM CAPACITORS PPL Series: Film Foil
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com