Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

16S132-K00L5 Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 16S132-K00L5
Description  ADAPTOR FMC PLUG ??SMA JACK
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

16S132-K00L5 Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  16S132-K00L5 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 16S132-K00L5 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TECHNICAL DATA SHEET - Draft
ADAPTOR
FMC PLUG – SMA JACK
16S132-K00L5
Rosenberger Hochfrequenztechnik GmbH & Co. KG
Tel.: +49 8684 18-0
Page
P.O.Box 1260
D-84526 Tittmoning
Germany
Fax: +49 8684 18-499
www.rosenberger.de
email: info@rosenberger.de
2 / 2
Electrical data
Impedance
50
Frequency
DC to 10 GHz
Return loss
 29 dB, DC to 6 GHz
 26 dB, 6 to 10 GHz
Insertion loss
 0.1 dB x
[GHz]
f
Insulation resistance
 5 x103 M
Center contact resistance
 6 m
Outer contact resistance
 2 m
Test voltage
500 V rms
Working voltage
335 V rms
RF-leakage
 -80 dB up to 3 GHz
 -65 dB up to 10 GHz
Contact current
1.2 A DC max.
Mechanical data
FMC side
SMA side
Mating cycles
min. 100
min. 500
Engagement force
Smooth bore 9 N max.
N/A
Limited detent 45 N max.
N/A
Full detent 68 N max.
N/A
Disengagement force
Smooth bore 2.2 N min.
N/A
Limited detent 9 N min.
N/A
Full detent 22 N min
N/A
Center contact captivation: axial
 27 N
 27 N
Coupling test torque
N/A
max. 1.7 Nm
Recommended torque
N/A
0.8 Nm to 1.1 Nm
Environmental data
Temperature range
-40°C to +105°C
Rapid change of temperature
IEC 60169-1 clause 16.4 (-40°C to +105°C)
Mixed flowing gas
DIN EN 60068-2-60 meth. 4 (10 d)
Vibration
IEC 61169-1 clause 9.3.3 (10-2000 Hz; 15g)
Shock
IEC 60169-1 clause 15.8 (50g 11 ms half-sine)
Damp heat
IEC 60169-1 clause 16.3 (+40°C 56 d)
2002/95/EC (RoHS)
compliant
Suitable cables
N/A
Weight
Weight
4.4 g/pce
Draft
Date
Approved
Date
Rev.
Engineering change number
Name
Date
Andreas Fellner
29/09/05
T. Krojer
11.03.14
700
14-0352
T. Krojer
11.03.14
While the information has been carefully compiled to the best of our knowledge, nothing is intended as representation or warranty on
our part and no statement herein shall be construed as recommendation to infringe existing patents. In the effort to improve our
products, we reserve the right to make changes judged to be necessary.


Similar Part No. - 16S132-K00L5

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
16S101-S00L5 ROSENBERGER-16S101-S00L5 Datasheet
58Kb / 2P
   FMC ADAPTOR PLUG-PLUG
16S102-S00L5 ROSENBERGER-16S102-S00L5 Datasheet
65Kb / 2P
   FMC ADAPTOR PLUG-PLUG
More results

Similar Description - 16S132-K00L5

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
16S102-S00L5 ROSENBERGER-16S102-S00L5 Datasheet
65Kb / 2P
   FMC ADAPTOR PLUG-PLUG
16S101-S00L5 ROSENBERGER-16S101-S00L5 Datasheet
58Kb / 2P
   FMC ADAPTOR PLUG-PLUG
32RK132-S00L5 ROSENBERGER-32RK132-S00L5 Datasheet
57Kb / 2P
   ADAPTOR REVERSE SMA JACK ??SMA PLUG
32RS132-K00L5 ROSENBERGER-32RS132-K00L5 Datasheet
62Kb / 2P
   ADAPTOR REVERSE SMA PLUG ??SMA JACK
29S132-K01N5 ROSENBERGER-29S132-K01N5 Datasheet
41Kb / 2P
   ADAPTOR mcx plug ??sma JACK
28S132-K00N5 ROSENBERGER-28S132-K00N5 Datasheet
96Kb / 2P
   ADAPTOR QMA PLUG ??SMA JACK
32K160-S00N5 ROSENBERGER-32K160-S00N5 Datasheet
226Kb / 2P
   ADAPTOR SMA JACK ??7/16 PLUG
119S132-K00S5 ROSENBERGER-119S132-K00S5 Datasheet
93Kb / 2P
   ADAPTOR P-SMP PLUG ??SMA JACK
logo
Amphenol Corporation
242174 AMPHENOL-242174 Datasheet
30Kb / 1P
   SMA PLUG TO SMC JACK ADAPTOR
logo
Rosenberger Hochfrequen...
32K145-S00L5 ROSENBERGER-32K145-S00L5 Datasheet
226Kb / 2P
   ADAPTOR SMA JACK ??DIN 41626 PLUG
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com