Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

16S201-270L5 Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 16S201-270L5
Description  FMC RIGHT ANGLE PLUG
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

16S201-270L5 Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  16S201-270L5 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 16S201-270L5 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TECHNICAL DATA SHEET
FMC
RIGHT ANGLE PLUG
16S201-270L5
Rosenberger Hochfrequenztechnik GmbH & Co. KG
Tel.: +49 8684 18-0
Page
P.O.Box 1260
D-84526 Tittmoning
Germany
Fax: +49 8684 18-499
www.rosenberger.de
email: info@rosenberger.de
2 / 2
Electrical data
Impedance
50
Frequency
DC to 10 GHz
Return loss
 23 dB, DC to 5 GHz
 20 dB, 5 to 10 GHz
Insertion loss
 0.1 dB x
[GHz]
f
Insulation resistance
 5 x103 M
Center contact resistance
 6 m
Outer contact resistance
 2 m
Test voltage
500 V rms
Working voltage
335 V rms
RF-leakage
 -80 dB up to 3 GHz
 -65 dB up to 10 GHz
Contact current
1.2 A DC max.
- Limitations are possible due to the used cable type -
Mechanical data
Mating cycles
min. 100
Engagement force
Smooth bore 9 N max.
Limited detent 45 N max.
Full detent 68 N max.
Disengagement force
Smooth bore 2.2 N min.
Limited detent 9 N min.
Full detent 22 N min.
Environmental data
Temperature range
-40 °C to +105 °C
Rapid change of temperature
IEC 60169-1 clause 16.4 (-40 °C to +105 °C)
Mixed flowing gas
DIN EN 60068-2-60 meth. 4 (10 d)
Vibration
IEC 61169-1 clause 9.3.3 (10-2000 Hz; 15 g)
Shock
IEC 60169-1 clause 15.8 (50g 11 ms half-sine)
Damp heat
IEC 60169-1 clause 16.3 (+40 °C 56 d)
2002/95/EC (RoHS)
compliant
Suitable cables
UT 47
Weight
Weight
0.36 g/pce
Draft
Date
Approved
Date
Rev.
Engineering change number
Name
Date
Andreas Fellner
07.07.05
Sa. Krautenbacher
11.03.14
d00
14-0352
T. Krojer
11.03.14
While the information has been carefully compiled to the best of our knowledge, nothing is intended as representation or warranty on
our part and no statement herein shall be construed as recommendation to infringe existing patents. In the effort to improve our
products, we reserve the right to make changes judged to be necessary.


Similar Part No. - 16S201-270L5

ManufacturerPart #DatasheetDescription
logo
International Rectifier
16S IRF-16S Datasheet
251Kb / 6P
   PHASE CONTROL SCR
logo
Amphenol Corporation
16S-1 AMPHENOL-16S-1 Datasheet
2Mb / 38P
   Amphenol 97 Series Connectors
12-022-18
16S-4 AMPHENOL-16S-4 Datasheet
2Mb / 38P
   Amphenol 97 Series Connectors
12-022-18
16S-5 AMPHENOL-16S-5 Datasheet
2Mb / 38P
   Amphenol 97 Series Connectors
12-022-18
16S-6 AMPHENOL-16S-6 Datasheet
2Mb / 38P
   Amphenol 97 Series Connectors
12-022-18
More results

Similar Description - 16S201-270L5

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
16S102-S00L5 ROSENBERGER-16S102-S00L5 Datasheet
65Kb / 2P
   FMC ADAPTOR PLUG-PLUG
16S101-S00L5 ROSENBERGER-16S101-S00L5 Datasheet
58Kb / 2P
   FMC ADAPTOR PLUG-PLUG
16S132-K00L5 ROSENBERGER-16S132-K00L5 Datasheet
55Kb / 2P
   ADAPTOR FMC PLUG ??SMA JACK
logo
Winchester Electronics ...
SD373-010-6141G WINCHESTER-SD373-010-6141G Datasheet
38Kb / 1P
   DIN RIGHT ANGLE PLUG DIN RIGHT ANGLE PLUG
logo
Rosenberger Hochfrequen...
51S207-306N5 ROSENBERGER-51S207-306N5 Datasheet
43Kb / 2P
   RIGHT ANGLE PLUG
51S207-303N5 ROSENBERGER-51S207-303N5 Datasheet
43Kb / 2P
   RIGHT ANGLE PLUG
51S207-308N5 ROSENBERGER-51S207-308N5 Datasheet
43Kb / 2P
   RIGHT ANGLE PLUG
59S2MU-40MT5-Y ROSENBERGER-59S2MU-40MT5-Y Datasheet
799Kb / 3P
   RIGHT ANGLE PLUG
53S205-272N5 ROSENBERGER-53S205-272N5 Datasheet
111Kb / 2P
   RIGHT ANGLE PLUG
60S23B-317N1 ROSENBERGER-60S23B-317N1 Datasheet
91Kb / 2P
   Right Angle Plug
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com