Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FML0V223ZFTP16 Datasheet(PDF) 1 Page - Kemet Corporation

Part # FML0V223ZFTP16
Description  Supercapacitors FM Series
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

FML0V223ZFTP16 Datasheet(HTML) 1 Page - Kemet Corporation

  FML0V223ZFTP16 Datasheet HTML 1Page - Kemet Corporation FML0V223ZFTP16 Datasheet HTML 2Page - Kemet Corporation FML0V223ZFTP16 Datasheet HTML 3Page - Kemet Corporation FML0V223ZFTP16 Datasheet HTML 4Page - Kemet Corporation FML0V223ZFTP16 Datasheet HTML 5Page - Kemet Corporation FML0V223ZFTP16 Datasheet HTML 6Page - Kemet Corporation FML0V223ZFTP16 Datasheet HTML 7Page - Kemet Corporation FML0V223ZFTP16 Datasheet HTML 8Page - Kemet Corporation FML0V223ZFTP16 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
S6012_FM • 10/5/2016
One world. One KEMET
Benefits
• Rectangular case
• Widerangeoftemperaturefrom−25°Cto+70°C(alltypes
exceptFMR)and−40°Cto+85°C(FMRtype)
• Maintenance free
• 3.5 VDC, 5.5 VDC, and 6.5 VDC
• Highlyreliableagainstliquidleakage
• Lead-free and RoHS Compliant
• Leadscanbetransversemounted
Overview
FMSeriesSupercapacitors,alsoknownasElectricDouble-
LayerCapacitors(EDLCs),areintendedforhighenergy
storage applications.
Applications
Supercapacitors have characteristics ranging from
traditionalcapacitorsandbatteries.Asaresult,
supercapacitorscanbeusedlikeasecondarybattery
whenappliedinaDCcircuit.Thesedevicesarebestsuited
for use in low voltage DC hold-up applications such as
embeddedmicroprocessorsystemswithflashmemory.
Supercapacitors
FM Series
Part Number System
FM
0H
223
Z
F
TP
16
Series
Maximum
Operating Voltage
CapacitanceCode(F)
Capacitance
Tolerance
Environmental
TapeType
Height
(excludinglead)
FM
FME
FML
FMR
FMC
0V = 3.5 VDC
0H = 5.5 VDC
0J = 6.5 VDC
First two digits
representsignificant
figures.Thirddigit
specifiesnumberof
zeros.
Z=−20/+80%
F = Lead-free
TP=AMMO
L1 = Transverse
mounting
Blank = Bulk
16 = 16 mm
18 = 18 mm
Blank = Bulk


Similar Part No. - FML0V223ZFTP16

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FML0220 RECTRON-FML0220 Datasheet
320Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 0.2 Ampere
FML0220L RECTRON-FML0220L Datasheet
355Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 0.2 Ampere
FML0230 RECTRON-FML0230 Datasheet
320Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 0.2 Ampere
FML0230L RECTRON-FML0230L Datasheet
355Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 0.2 Ampere
FML0240 RECTRON-FML0240 Datasheet
320Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 0.2 Ampere
More results

Similar Description - FML0V223ZFTP16

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
XB3550-2R5307-R COOPER-XB3550-2R5307-R Datasheet
259Kb / 2P
   Supercapacitors XB Series
logo
Kemet Corporation
FY0H104ZF KEMET-FY0H104ZF_16 Datasheet
657Kb / 13P
   Supercapacitors FY Series
FG0H104ZF KEMET-FG0H104ZF Datasheet
769Kb / 14P
   Supercapacitors FG Series
logo
Cooper Bussmann, Inc.
XV3550-2R7307-R COOPER-XV3550-2R7307-R Datasheet
259Kb / 2P
   Supercapacitors XV Series
logo
Kemet Corporation
FT0H104ZF KEMET-FT0H104ZF Datasheet
703Kb / 14P
   Supercapacitors FT Series
FY0H104ZF KEMET-FY0H104ZF Datasheet
740Kb / 14P
   Supercapacitors FY Series
logo
Cooper Bussmann, Inc.
PB-5R0V474-R COOPER-PB-5R0V474-R Datasheet
254Kb / 2P
   Supercapacitors PB Series
logo
Kemet Corporation
FA0H104ZF KEMET-FA0H104ZF Datasheet
782Kb / 13P
   Supercapacitors FA Series
FR0H104ZF KEMET-FR0H104ZF Datasheet
736Kb / 14P
   Supercapacitors FR Series
FS0H104ZF KEMET-FS0H104ZF Datasheet
766Kb / 14P
   Supercapacitors FS Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com