Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMC0V223ZFL116 Datasheet(PDF) 6 Page - Kemet Corporation

Part # FMC0V223ZFL116
Description  Supercapacitors FM Series
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

FMC0V223ZFL116 Datasheet(HTML) 6 Page - Kemet Corporation

Back Button FMC0V223ZFL116 Datasheet HTML 2Page - Kemet Corporation FMC0V223ZFL116 Datasheet HTML 3Page - Kemet Corporation FMC0V223ZFL116 Datasheet HTML 4Page - Kemet Corporation FMC0V223ZFL116 Datasheet HTML 5Page - Kemet Corporation FMC0V223ZFL116 Datasheet HTML 6Page - Kemet Corporation FMC0V223ZFL116 Datasheet HTML 7Page - Kemet Corporation FMC0V223ZFL116 Datasheet HTML 8Page - Kemet Corporation FMC0V223ZFL116 Datasheet HTML 9Page - Kemet Corporation FMC0V223ZFL116 Datasheet HTML 10Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
S6012_FM • 10/5/2016
Supercapacitors – FM Series
Specifications – All Types Except FMR cont’d
Item
FM 5.5 V Type, 3.5 V Type,
6.5 V Type, FMC Type
FML Type, FME Type
Test Conditions
(conforming to JIS C 5160-1)
Solder Heat
Resistance
Capacitance
Satisfyinitialratings
Satisfyinitialratings
Conforms to 4.10
Solder temp:
Dipping time:
+260±10°C
10±1seconds
ESR
Current(30
minutes value)
Appearance
Noobviousabnormality
Noobviousabnormality
1.6mmfromthebottomshouldbedipped.
Temperature
Cycle
Capacitance
Satisfyinitialratings
Satisfyinitialratings
Conforms to 4.12
Temperature
Condition:
Numberofcycles:
−25°C» Room
temperature»+70°C
»Roomtemperature
5cycles
ESR
Current(30
minutes value)
Appearance
Noobviousabnormality
Noobviousabnormality
High
Temperature
and High
Humidity
Resistance
Capacitance
Within±20%ofinitialvalue
Within±20%ofinitialvalue
Conforms to 4.14
Temperature:
Relativehumidity:
Testing time:
+40±2°C
90to95%RH
240±8hours
ESR
≤120%ofinitialratings
≤120%ofinitialratings
Current(30
minutes value)
≤120%ofinitialratings
≤120%ofinitialratings
Appearance
Noobviousabnormality
Noobviousabnormality
High
Temperature
Load
Capacitance
Within±30%ofinitialvalue
Within±30%ofinitialvalue
Conforms to 4.15
Temperature:
Voltage applied:
Series protection
resistance:
Testing time:
+70±2°C
Maximum operating
voltage
1,000+48(+48/−0)
hours
ESR
<200%ofinitialratings
<200%ofinitialratings
Current(30
minutes value)
<200%ofinitialratings
<200%ofinitialratings
Appearance
Noobviousabnormality
Noobviousabnormality
Self Discharge Characteristics
(VoltageHoldingCharacteristics)
5.5Vtype:
Voltage
betweenterminal
leads > 4.2 V
3.5Vtype:
Notspecified
6.5Vtype:
Notspecified
Charging condition
Voltage applied:
Series resistance:
Charging time:
5.0VDC(Terminalat
thecasesidemustbe
negative)
24 hours
Storage
Letstandfor24hoursinconditiondescribed
belowwithterminalsopened.
Ambient
temperature:
Relativehumidity:
<25°C
<70%RH


Similar Part No. - FMC0V223ZFL116

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
FMC0V223ZF-L116 KEMET-FMC0V223ZF-L116 Datasheet
560Kb / 17P
   Supercapacitors
12/16/2022
FMC0V223ZF-L118 KEMET-FMC0V223ZF-L118 Datasheet
560Kb / 17P
   Supercapacitors
12/16/2022
FMC0V223ZFTP16 KEMET-FMC0V223ZFTP16 Datasheet
560Kb / 17P
   Supercapacitors
12/16/2022
FMC0V223ZFTP18 KEMET-FMC0V223ZFTP18 Datasheet
560Kb / 17P
   Supercapacitors
12/16/2022
More results

Similar Description - FMC0V223ZFL116

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
XB3550-2R5307-R COOPER-XB3550-2R5307-R Datasheet
259Kb / 2P
   Supercapacitors XB Series
logo
Kemet Corporation
FY0H104ZF KEMET-FY0H104ZF_16 Datasheet
657Kb / 13P
   Supercapacitors FY Series
FG0H104ZF KEMET-FG0H104ZF Datasheet
769Kb / 14P
   Supercapacitors FG Series
logo
Cooper Bussmann, Inc.
XV3550-2R7307-R COOPER-XV3550-2R7307-R Datasheet
259Kb / 2P
   Supercapacitors XV Series
logo
Kemet Corporation
FT0H104ZF KEMET-FT0H104ZF Datasheet
703Kb / 14P
   Supercapacitors FT Series
FY0H104ZF KEMET-FY0H104ZF Datasheet
740Kb / 14P
   Supercapacitors FY Series
logo
Cooper Bussmann, Inc.
PB-5R0V474-R COOPER-PB-5R0V474-R Datasheet
254Kb / 2P
   Supercapacitors PB Series
logo
Kemet Corporation
FA0H104ZF KEMET-FA0H104ZF Datasheet
782Kb / 13P
   Supercapacitors FA Series
FR0H104ZF KEMET-FR0H104ZF Datasheet
736Kb / 14P
   Supercapacitors FR Series
FS0H104ZF KEMET-FS0H104ZF Datasheet
766Kb / 14P
   Supercapacitors FS Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com