Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR500-117 Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # CR500-117
Description  Low outgassing
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

CR500-117 Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  CR500-117 Datasheet HTML 1Page - Laird Tech Smart Technology CR500-117 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Eccosorb®CR500
High Temperature, Two-Part Castable Load Absorber
Americas: +1.866.928.8181
Europe: +49.(0)8031.2460.0
Asia: +86.755.2714.1166
www.lairdtech.com
HIGH TEMPERATURE TWO PART CASTABLE LOAD ABSORBER
Eccosorb CR500 is a castable resin series that, when fully cured, will duplicate the physical
and electrical properties of its counterpart in the Eccosorb® MF500 series. For example,
Eccosorb® CR500-117 is the equivalent to Eccosorb® MF500-117.
Frequency range from 1 - 18 GHz. Low out-gassing properties for space applications.
FEATURES AND BENEFITS
High temperature
Low outgassing
MARKETS
Commercial Telecom
Security and Defense
SPECIFICATIONS
TYPICAL PROPERTIES
ECCOSORB CR500
Service Temperature °C (°F)*
<260 (<500)
Density (g/cc)
1.6 to 4.6
Outgassing*
(%TML) (cured CR500-124)
(%CVCM) (cured CR500-124)
.163
.074
Data for design engineer guidance only. Observed performance varies in application.Engineers are
reminded to test the material in application.
*Eccosorb CR500 can be used for short periods at 260°C ( 500°F) permitting use at high power levels.
Exposure to high temperatures should be limited. Slow change in physical and electrical properties
occurs at temperatures above about 177°C (350°F).
* * Outgassing data per ASTM E595-07; criteria for acceptability is 1.00% TML and 0.10% CVCM.
APPLICATIONS
Eccosorb CR500 can be used to mold waveguide terminations, attenuators, and loads to
size.
AVAILABILITY
Eccosorb CR500 is available in six castable versions, CR500-110, CR500-112, CR500-114,
CR500-116, CR500-117 & CR500-124.
Eccosorb CR500 is supplied as a two-part system consisting of a Component X and
Component Y in 2 pound (quart) and 5 pound (gallon) kits.
Shelf life is approximately 6 months when stored unmixed in a well sealed container at
temperatures no higher than 25°C (77 °F).


Similar Part No. - CR500-117

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CR501 ETC1-CR501 Datasheet
2Mb / 6P
   GERMANIUM PNP TRANSISTORS
CR502 ETC1-CR502 Datasheet
2Mb / 6P
   GERMANIUM PNP TRANSISTORS
CR503 ETC1-CR503 Datasheet
2Mb / 6P
   GERMANIUM PNP TRANSISTORS
CR504 ETC1-CR504 Datasheet
2Mb / 6P
   GERMANIUM PNP TRANSISTORS
CR505 ETC1-CR505 Datasheet
2Mb / 6P
   GERMANIUM PNP TRANSISTORS
More results

Similar Description - CR500-117

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
AE465PYA COILCRAFT-AE465PYA Datasheet
291Kb / 3P
   Outgassing Compliant Power Inductors
AE611PYA COILCRAFT-AE611PYA Datasheet
321Kb / 4P
   Outgassing Compliant Power Inductors
AE336RAA COILCRAFT-AE336RAA Datasheet
190Kb / 2P
   Outgassing Compliant Chip Inductors
AE425PJB COILCRAFT-AE425PJB Datasheet
266Kb / 2P
   Outgassing Compliant Power Inductors
AE514PYA COILCRAFT-AE514PYA Datasheet
363Kb / 3P
   Outgassing Compliant Power Inductors
AE515PYA COILCRAFT-AE515PYA Datasheet
296Kb / 4P
   Outgassing Compliant Power Inductors
AE612PNB COILCRAFT-AE612PNB Datasheet
559Kb / 2P
   Outgassing Compliant Power Inductors
logo
List of Unclassifed Man...
GP-1000SF ETC2-GP-1000SF Datasheet
364Kb / 2P
   No silicone outgassing
logo
Coilcraft lnc.
AE336RAD COILCRAFT-AE336RAD Datasheet
187Kb / 2P
   Outgassing Compliant Chip Inductors
AE483PYA COILCRAFT-AE483PYA Datasheet
292Kb / 3P
   Outgassing Compliant Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com