Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB85RC04VPNF-G-JNE1 Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # MB85RC04VPNF-G-JNE1
Description  4 K (512 횞 8) Bit I2C
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB85RC04VPNF-G-JNE1 Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  MB85RC04VPNF-G-JNE1 Datasheet HTML 1Page - Fujitsu Component Limited. MB85RC04VPNF-G-JNE1 Datasheet HTML 2Page - Fujitsu Component Limited. MB85RC04VPNF-G-JNE1 Datasheet HTML 3Page - Fujitsu Component Limited. MB85RC04VPNF-G-JNE1 Datasheet HTML 4Page - Fujitsu Component Limited. MB85RC04VPNF-G-JNE1 Datasheet HTML 5Page - Fujitsu Component Limited. MB85RC04VPNF-G-JNE1 Datasheet HTML 6Page - Fujitsu Component Limited. MB85RC04VPNF-G-JNE1 Datasheet HTML 7Page - Fujitsu Component Limited. MB85RC04VPNF-G-JNE1 Datasheet HTML 8Page - Fujitsu Component Limited. MB85RC04VPNF-G-JNE1 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
MB85RC04V
2
DS501-00016-2v0-E
■ PIN ASSIGNMENT
■ PIN FUNCTIONAL DESCRIPTIONS
Pin
Number
Pin Name
Functional Description
1NC
No Connect pin
Leave this pin open, or connect to VDD or VSS.
2, 3
A1, A2
Device Address pins
The MB85RC04V can be connected to the same data bus up to 4 devices.
Device addresses are used in order to identify each of these devices. Connect
these pins to VDD pin or VSS pin externally. Only if the combination of VDD and
VSS pins matches Device Address Code inputted from the SDA pin, the device
operates. In the open pin state, A1 and A2 pins are internally pulled-down and
recognized as the "L" level.
4
VSS
Ground pin
5SDA
Serial Data I/O pin
This is an I/O pin which performs bidirectional communication for both memory
address and writing/reading data. It is possible to connect multiple devices. It is
an open drain output, so a pull-up resistor is required to be connected to the ex-
ternal circuit.
6SCL
Serial Clock pin
This is a clock input pin for input/output timing serial data. Data is sampled on
the rising edge of the clock and output on the falling edge.
7WP
Write Protect pin
When the Write Protect pin is the “H” level, the writing operation is disabled.
When the Write Protect pin is the “L” level, the entire memory region can be
overwritten. The reading operation is always enabled regardless of the Write
Protect pin input level. The write protect pin is internally pulled down to VSS pin,
and that is recognized as the “L” level (write enabled) when the pin is the open
state.
8
VDD
Supply Voltage pin
VSS
SDA
A1
VDD
SCL
A2
NC
WP
8
7
6
5
4
3
2
1
(TOP VIEW)
(FPT-8P-M02)


Similar Part No. - MB85RC04VPNF-G-JNE1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB85RC04V FUJITSU-MB85RC04V Datasheet
307Kb / 29P
   4 K (512 횞 8) I2C
More results

Similar Description - MB85RC04VPNF-G-JNE1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB85RC04V FUJITSU-MB85RC04V Datasheet
307Kb / 29P
   4 K (512 횞 8) I2C
MB85RC64PNF-G FUJITSU-MB85RC64PNF-G Datasheet
143Kb / 20P
   64 K (8 K 횞 8) Bit I2C
MB85RC64TAPNF-G FUJITSU-MB85RC64TAPNF-G Datasheet
200Kb / 27P
   64 K (8 K 횞 8) Bit I2C
MB85RC64APNF-G FUJITSU-MB85RC64APNF-G Datasheet
287Kb / 28P
   64 K (8 K 횞 8) Bit I2C
MB85RQ4MLPF-G FUJITSU-MB85RQ4MLPF-G Datasheet
360Kb / 30P
   4 M (512 K 횞 8) Bit Quad SPI
MB85RC16VPNF-G FUJITSU-MB85RC16VPNF-G Datasheet
306Kb / 29P
   16 K (2 K 횞 8) Bit I2C
MB85RC256VPNF-G FUJITSU-MB85RC256VPNF-G Datasheet
317Kb / 28P
   256 K (32 K 횞 8) Bit I2C
logo
Cypress Semiconductor
CG7501AA CYPRESS-CG7501AA Datasheet
498Kb / 20P
   4-Mbit (512 K 횞 8) nvSRAM
CY14C512J CYPRESS-CY14C512J_12 Datasheet
1Mb / 30P
   512-Kbit (64 K 횞 8) Serial (I2C) nvSRAM
CY14B104LA CYPRESS-CY14B104LA_12 Datasheet
977Kb / 26P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com