Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB85RC64APNF-G-JNE1 Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # MB85RC64APNF-G-JNE1
Description  64 K (8 K 횞 8) Bit I2C
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB85RC64APNF-G-JNE1 Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  MB85RC64APNF-G-JNE1 Datasheet HTML 1Page - Fujitsu Component Limited. MB85RC64APNF-G-JNE1 Datasheet HTML 2Page - Fujitsu Component Limited. MB85RC64APNF-G-JNE1 Datasheet HTML 3Page - Fujitsu Component Limited. MB85RC64APNF-G-JNE1 Datasheet HTML 4Page - Fujitsu Component Limited. MB85RC64APNF-G-JNE1 Datasheet HTML 5Page - Fujitsu Component Limited. MB85RC64APNF-G-JNE1 Datasheet HTML 6Page - Fujitsu Component Limited. MB85RC64APNF-G-JNE1 Datasheet HTML 7Page - Fujitsu Component Limited. MB85RC64APNF-G-JNE1 Datasheet HTML 8Page - Fujitsu Component Limited. MB85RC64APNF-G-JNE1 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
FUJITSU SEMICONDUCTOR
DATA SHEET
Copyright©2012-2013 FUJITSU SEMICONDUCTOR LIMITED All rights reserved
2013.2
Memory FRAM
64 K (8 K
× 8) Bit I2C
MB85RC64A
■ DESCRIPTION
The MB85RC64A is an FRAM (Ferroelectric Random Access Memory) chip in a configuration of 8,192
words
× 8 bits, using the ferroelectric process and silicon gate CMOS process technologies for forming the
nonvolatile memory cells.
Unlike SRAM, the MB85RC64A is able to retain data without using a data backup battery.
The read/write endurance of the nonvolatile memory cells used for the MB85RC64A has improved to be at
least 1012 cycles, significantly outperforming Flash memory and E2PROM in the number.
The MB85RC64A does not need a polling sequence after writing to the memory such as the case of Flash
memory or E2PROM.
■ FEATURES
• Bit configuration
: 8,192 words
× 8 bits
• Two-wire serial interface
: Fully controllable by two ports: serial clock (SCL) and serial data (SDA).
• Operating frequency
: 1 MHz (Max)
• Read/write endurance
: 1012 times / byte
• Data retention
: 10 years (
+ 85 °C), 95 years ( + 55 °C), over 200 years ( + 35 °C)
• Operating power supply voltage : 2.7 V to 3.6 V
• Low power consumption
: Operating power supply current 250
μA (Typ @1 MHz)
Standby current 5
μA (Typ)
• Operation ambient temperature range :
− 40 °C to + 85 °C
• Package
: 8-pin plastic SOP (FPT-8P-M02)
RoHS compliant
DS501-00019-2v0-E


Similar Part No. - MB85RC64APNF-G-JNE1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB85RC64A FUJITSU-MB85RC64A Datasheet
304Kb / 32P
   64 K (8 K 횞 8) ?볝긿?뉹2C
More results

Similar Description - MB85RC64APNF-G-JNE1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB85RC64PNF-G FUJITSU-MB85RC64PNF-G Datasheet
143Kb / 20P
   64 K (8 K 횞 8) Bit I2C
MB85RC64TAPNF-G FUJITSU-MB85RC64TAPNF-G Datasheet
200Kb / 27P
   64 K (8 K 횞 8) Bit I2C
MB85RC256VPNF-G FUJITSU-MB85RC256VPNF-G Datasheet
317Kb / 28P
   256 K (32 K 횞 8) Bit I2C
MB85RC16VPNF-G FUJITSU-MB85RC16VPNF-G Datasheet
306Kb / 29P
   16 K (2 K 횞 8) Bit I2C
MB85RC64A FUJITSU-MB85RC64A Datasheet
304Kb / 32P
   64 K (8 K 횞 8) ?볝긿?뉹2C
MB85RS64V FUJITSU-MB85RS64V Datasheet
301Kb / 32P
   64 K (8 K 횞 8) ?볝긿?늆PI
logo
Cypress Semiconductor
CY14MB064J1A CYPRESS-CY14MB064J1A Datasheet
1Mb / 28P
   64-Kbit (8 K 횞 8) Serial (I2C) nvSRAM
CY14MB064J CYPRESS-CY14MB064J_12 Datasheet
1Mb / 30P
   64-Kbit (8 K 횞 8) Serial (I2C) nvSRAM
logo
Fujitsu Component Limit...
MB85RC64 FUJITSU-MB85RC64 Datasheet
143Kb / 20P
   Memory FRAM 64 K (8 K x 8) Bit I2C
MB85RC04VPNF-G FUJITSU-MB85RC04VPNF-G Datasheet
317Kb / 29P
   4 K (512 횞 8) Bit I2C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com